Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS3809J25 Datasheet (PDF) - Texas Instruments

TPS3809J25 Datasheet PDF - Texas Instruments
Part # TPS3809J25
Download  TPS3809J25 Download
File Size   798.35 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS3809x 3-Pin Supply Voltage Supervisors

TPS3809J25 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS3809J25 Datasheet PDF - Texas Instruments

Part # TPS3809J25
Download  TPS3809J25 Click to download

File Size   798.35 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS3809x 3-Pin Supply Voltage Supervisors

TPS3809J25 Datasheet (HTML) - Texas Instruments


TPS3809J25 Product details

1 Features
• 3-pin SOT-23 package
• Supply current of 9 μA (typical)
• Precision supply voltage monitor
2.5 V, 3 V, 3.3 V, 5 V
• Pin-for-pin compatible with MAX 809
• Temperature range: –40°C to +85°C

2 Applications
• Factory automation
• Wireless speakers
• Motor drives
• Servers
• Appliances
• Electricity meters
• Building automation

3 Description
The TPS3809 family of supervisory circuits provides
circuit initialization and timing supervision, primarily
for DSPs and processor-based systems. The newer
TLV809E device is an alternative with the same pins,
functions and electrical parameters.
During power-on, RESET is asserted when the supply
voltage VDD becomes higher than 1.1 V. Thereafter,
the supervisory circuit monitors VDD and keeps
RESET active as long as VDD remains below the
threshold voltage VIT. An internal timer delays the
return of the output to the inactive state (high) to
ensure proper system reset. The delay time, td(typ) =
200 ms, starts after VDD has risen above the threshold
voltage VIT. When the supply voltage drops below the
threshold voltage VIT, the output becomes active (low)
again. No external components are required. All the
devices of this family have a fixed sense-threshold
voltage VIT set by an internal voltage divider.
The product spectrum is designed for supply voltages
of 2.5 V, 3 V, 3.3 V, and 5 V. The circuits are available
in a 3-pin SOT-23. The TPS3809 devices are
characterized for operation over a temperature range
of –40°C to 85°C.




Similar Part No. - TPS3809J25

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3809J25 TI-TPS3809J25 Datasheet
113Kb / 8P
3-PIN SUPPLY VOLTAGE SUPERVISORS
TPS3809J25 TI1-TPS3809J25 Datasheet
726Kb / 13P
3-Pin Supply Voltage Supervisors
TPS3809J25 TI1-TPS3809J25 Datasheet
722Kb / 13P
3-Pin Supply Voltage Supervisors
TPS3809J25 TI2-TPS3809J25 Datasheet
791Kb / 17P
TPS3809x 3-Pin Supply Voltage Supervisors
REVISED DECEMBER 2020
TPS3809J25-Q1 TI-TPS3809J25-Q1 Datasheet
151Kb / 9P
3-PIN SUPPLY VOLTAGE SUPERVISORS
More results


Similar Description - TPS3809J25

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3809J25 TI-TPS3809J25 Datasheet
113Kb / 8P
3-PIN SUPPLY VOLTAGE SUPERVISORS
TPS3809J25-Q1 TI-TPS3809J25-Q1 Datasheet
151Kb / 9P
3-PIN SUPPLY VOLTAGE SUPERVISORS
TLV809I50 TI1-TLV809I50 Datasheet
691Kb / 16P
3-Pin Supply Voltage Supervisors
TPS3809I50-EP TI1-TPS3809I50-EP Datasheet
376Kb / 13P
3-PIN SUPPLY VOLTAGE SUPERVISORS
TPS3809J25 TI1-TPS3809J25_13 Datasheet
821Kb / 13P
3-PIN SUPPLY VOLTAGE SUPERVISORS
TPS3809J25-Q1 TI1-TPS3809J25-Q1_16 Datasheet
837Kb / 19P
3-Pin Supply Voltage Supervisors
TPS3809J25 TI1-TPS3809J25_16 Datasheet
726Kb / 13P
3-Pin Supply Voltage Supervisors
TPS3809L30-EP TI1-TPS3809L30-EP Datasheet
347Kb / 14P
3-PIN SUPPLY VOLTAGE SUPERVISORS
TPS3809L30-EP TI1-TPS3809L30-EP_16 Datasheet
722Kb / 14P
3-PIN SUPPLY VOLTAGE SUPERVISORS
TPS3809J25 TI1-TPS3809J25_17 Datasheet
722Kb / 13P
3-Pin Supply Voltage Supervisors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com