Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL1084-3.6BT2 Datasheet (PDF) - Estek Electronics Co. Ltd

IL1084-3.6BT2 Datasheet PDF - Estek Electronics Co. Ltd
Part # IL1084-3.6BT2
Download  IL1084-3.6BT2 Download
File Size   204.03 Kbytes
Page   2 Pages
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd
Description CHIP LOW DROPOUT POSITIVE REGULATOR 5A

IL1084-3.6BT2 Datasheet (PDF)

Go To PDF Page Download Datasheet
IL1084-3.6BT2 Datasheet PDF - Estek Electronics Co. Ltd

Part # IL1084-3.6BT2
Download  IL1084-3.6BT2 Click to download

File Size   204.03 Kbytes
Page   2 Pages
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd
Description CHIP LOW DROPOUT POSITIVE REGULATOR 5A

IL1084-3.6BT2 Datasheet (HTML) - Estek Electronics Co. Ltd


IL1084-3.6BT2 Product details

Features
♦ Output Current - 5A
♦ Maximum Input Voltage – 12V
♦ Adjustable Output Voltage or Fixed
    1.5V, 1.8V, 2.5V, 2.85V, 3.3V, 3.6V, 5V
♦ Current Limiting and Thermal Protection
♦ Standard 3-Pin Power Packages
   
Applications
♦ Post Regulator for Switching DC/DC Converter
♦ High Efficiency Liner Regulators
♦ Battery Charger
   




Similar Part No. - IL1084-3.6BT2

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IL1084-3.3 IKSEMICON-IL1084-3.3 Datasheet
459Kb / 15P
5A LOW DROPOUT POSITIVE REGULATOR
More results


Similar Description - IL1084-3.6BT2

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1084 AIC-AIC1084 Datasheet
104Kb / 6P
5A Low Dropout Positive Adjustable Regulator
logo
Analog Microelectronics
AME1084 AME-AME1084 Datasheet
108Kb / 16P
5A Low Dropout Positive Voltage Regulator
logo
International Rectifier
IRU1050 IRF-IRU1050 Datasheet
105Kb / 12P
5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Vishay Siliconix
GS1084 VISHAY-GS1084 Datasheet
57Kb / 6P
5A Low Dropout Positive Adjustable Regulator
26-Mar-02
logo
Cystech Electonics Corp...
PL1084-XXXF3 CYSTEKEC-PL1084-XXXF3 Datasheet
165Kb / 4P
5A Low Dropout Positive Voltage Regulator
logo
IK Semicon Co., Ltd
IL1084-XX IKSEMICON-IL1084-XX Datasheet
459Kb / 15P
5A LOW DROPOUT POSITIVE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM1084 TGS-LM1084 Datasheet
2Mb / 1P
5A LOW DROPOUT POSITIVE REGULATOR
logo
Taiwan Semiconductor Co...
TS1084 TSC-TS1084_13 Datasheet
247Kb / 7P
5A Low Dropout Positive Voltage Regulator
logo
Linear Technology
RH1084MK LINER-RH1084MK_15 Datasheet
87Kb / 2P
5A Low Dropout Positive Adjustable Regulator
logo
Analog Intergrations Co...
AIC1084 AIC-AIC1084_15 Datasheet
179Kb / 9P
5A Low Dropout Positive Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com