Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5238 Datasheet (PDF) - Analog Devices

ADRF5238 Datasheet PDF - Analog Devices
Part # ADRF5238
Download  ADRF5238 Download
File Size   646.29 Kbytes
Page   13 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Isolation, Silicon SPDT, Nonreflective Switch, 0.1GHz to 13GHz

ADRF5238 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADRF5238 Datasheet PDF - Analog Devices

Part # ADRF5238
Download  ADRF5238 Click to download

File Size   646.29 Kbytes
Page   13 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Isolation, Silicon SPDT, Nonreflective Switch, 0.1GHz to 13GHz

ADRF5238 Datasheet (HTML) - Analog Devices


ADRF5238 Product details

FEATURES
► Frequency range: 100MHz to 13GHz
► Nonreflective, 50Ω design
► Low insertion loss
► 1.0dB to 7GHz typical
► 1.3dB to 13GHz typical
► High isolation
► 49dB to 7GHz typical
► 41dB to 13GHz typical
► High power handling (average)
► 35dBm through path
► 27dBm terminated path
► 33dBm hot switching (RFC)
► High input linearity
► P0.1dB: 36dBm typical
► IP3: 60dBm typical
► Fast RF settling time 0.1dB: 220ns
► Single positive supply: 3.3V to 5V
► All off state control
► CMOS-/LVTTL-compatible
► 12-lead, 2mm × 2mm, LFCSP_RT




Similar Part No. - ADRF5238

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5203 AD-ADRF5203 Datasheet
741Kb / 15P
DC to 12GHz, Differential, Nonreflective, Silicon SPDT Switch
Rev. 0
ADRF5203BCCZN AD-ADRF5203BCCZN Datasheet
741Kb / 15P
DC to 12GHz, Differential, Nonreflective, Silicon SPDT Switch
Rev. 0
ADRF5203BCCZN-R7 AD-ADRF5203BCCZN-R7 Datasheet
741Kb / 15P
DC to 12GHz, Differential, Nonreflective, Silicon SPDT Switch
Rev. 0
ADRF5250 AD-ADRF5250 Datasheet
460Kb / 15P
0.1 GHz to 6 GHz Silicon SP5T Switch
6/2017-Revision 0
ADRF5250-EVALZ AD-ADRF5250-EVALZ Datasheet
460Kb / 15P
0.1 GHz to 6 GHz Silicon SP5T Switch
6/2017-Revision 0
More results


Similar Description - ADRF5238

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AS196-307 SKYWORKS-AS196-307 Datasheet
688Kb / 6P
GaAs IC High-Isolation SPDT Nonreflective Switch with Driver LF-6 GHz
logo
Analog Devices
HMC8038 AD-HMC8038 Datasheet
407Kb / 11P
High Isolation, Silicon SPDT, Nonreflective Switch, 0.1 GHz to 6.0 GHz
REV. A
logo
Skyworks Solutions Inc.
AS186-302LF SKYWORKS-AS186-302LF_17 Datasheet
613Kb / 7P
GaAs IC High-Isolation Positive Control SPDT Nonreflective Switch LF to 4 GHz
logo
Analog Devices
ADRF5027 AD-ADRF5027 Datasheet
357Kb / 13P
Silicon SPDT Switch, Nonreflective
7/2018-Revision 0
ADRF5026 AD-ADRF5026 Datasheet
442Kb / 13P
Silicon SPDT Switch, Nonreflective,100 MHz to 44 GHz
9/2020-Rev. 0 to Rev. A
ADRF5019 AD-ADRF5019 Datasheet
338Kb / 12P
Silicon, SPDT Switch, Nonreflective, 100 MHz to 13 GHz
8/2019-Revision 0
HMC349ALP4CE AD-HMC349ALP4CE Datasheet
391Kb / 12P
High Isolation, Nonreflective, GaAs, SPDT Switch, 100 MHz to 4 GHz
1/2019-v02.0315 to Rev. B
HMC349AMS8G AD-HMC349AMS8G Datasheet
750Kb / 10P
High Isolation, Nonreflective, GaAs, SPDT Switch,100 MHz to 4 GHz
10/2019-Rev. E to Rev. F
ADRF5023 AD-ADRF5023 Datasheet
593Kb / 12P
Silicon SPDT Switch, Nonreflective , 9 kHz to 45 GHz
Rev. 0
ADRF5022 AD-ADRF5022 Datasheet
711Kb / 12P
Silicon SPDT Switch, Nonreflective, 100 MHz to 45 GHz
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com