Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

79L12A Datasheet (PDF) - Estek Electronics Co. Ltd

79L12A Datasheet PDF - Estek Electronics Co. Ltd
Part # 79L12A
Download  79L12A Download
File Size   217.34 Kbytes
Page   6 Pages
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd
Description fixed-voltage monolithic integrated-circuit voltage regulators is designed for a wide range of applications

79L12A Datasheet (PDF)

Go To PDF Page Download Datasheet
79L12A Datasheet PDF - Estek Electronics Co. Ltd

Part # 79L12A
Download  79L12A Click to download

File Size   217.34 Kbytes
Page   6 Pages
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd
Description fixed-voltage monolithic integrated-circuit voltage regulators is designed for a wide range of applications

79L12A Datasheet (HTML) - Estek Electronics Co. Ltd


79L12A Product details

Description
This series of fixed-voltage monolithic integrated-circuit voltage regulators is designed for a wide range of applications. These applications include on-card regulation for elimination of noise and distribution problems associated with single-point regulation. In addition, they can be used with power-pass elements to make high-current voltage regulators. Each of these regulators can deliver up to 100 mA of output current. The internal limiting and termal shutdown features of these regulators make them essentially immune to overload. When used as a replacement for a Zener diode-resistor combination, an effective improvement in output impedance can be obtained together with lower-bias current.

Features
• 3-Terminal Regulators
• OutputCurrent Up to 100 mA
• No External Components
• Internal Thermal Overload Protection
• Internal Short-CircuitLimiting




Similar Part No. - 79L12A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
79L12AC ETC-79L12AC Datasheet
82Kb / 7P
Three-Terminal Low Current Negative Voltage Regulators
79L12AC ETC1-79L12AC Datasheet
85Kb / 7P
Three-Terminal Low Current Negative Voltage Regulators
79L12ACD ETC-79L12ACD Datasheet
82Kb / 7P
Three-Terminal Low Current Negative Voltage Regulators
79L12ACD ETC1-79L12ACD Datasheet
85Kb / 7P
Three-Terminal Low Current Negative Voltage Regulators
79L12ACD-R1 ETC1-79L12ACD-R1 Datasheet
85Kb / 7P
Three-Terminal Low Current Negative Voltage Regulators
More results


Similar Description - 79L12A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU1237SC IRF-IRU1237SC Datasheet
54Kb / 7P
THREE INTEGRATED, FIXED OUTPUT LINEAR VOLTAGE REGULATORS
logo
Estek Electronics Co. L...
79XX ESTEK-79XX Datasheet
135Kb / 6P
fixed-negative-voltage monolithic integrated-circuit voltage regulators
7805A ESTEK-7805A Datasheet
288Kb / 3P
fixed-voltage monolithicintegrated-circuit voltage regulators
7805B ESTEK-7805B Datasheet
241Kb / 3P
fixed-voltage monolithic integrated-circuit voltage regulators
logo
Texas Instruments
LM78L05 TI-LM78L05 Datasheet
1,014Kb / 21P
The LM78LXX series of three terminal positive regulators is available with several fixed output voltages making them useful in a wide range of applications.
logo
Fairchild Semiconductor
MMBTA92 FAIRCHILD-MMBTA92 Datasheet
887Kb / 14P
This device is designed for high voltage driver applications.
logo
List of Unclassifed Man...
WF15-40B410 ETC2-WF15-40B410 Datasheet
282Kb / 8P
Fork sensors for a wide range of applications
logo
Texas Instruments
LM340 TI1-LM340_16 Datasheet
3Mb / 33P
1.5-A Fixed Voltage Regulators
logo
Power System Technology
FAB0307015 PST-FAB0307015 Datasheet
211Kb / 3P
This range of power supplies is specially designed for DIN Rail mounting applications
logo
Central Semiconductor C...
CP710V-MPSA92 CENTRAL-CP710V-MPSA92 Datasheet
388Kb / 3P
The CP710V-MPSA92 is a silicon PNP transistor designed for high voltage applications.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com