Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAM26P16 Datasheet (PDF) - ABOV Semiconductor Co., Ltd.

ADAM26P16 Datasheet PDF - ABOV Semiconductor Co., Ltd.
Part # ADAM26P16
Download  ADAM26P16 Download
File Size   585.78 Kbytes
Page   37 Pages
Manufacturer  ABOV [ABOV Semiconductor Co., Ltd.]
Direct Link  https://www.abov.co.kr/kr/main.php
Logo ABOV - ABOV Semiconductor Co., Ltd.
Description 4-BIT SINGLE CHIP MICROCOMPUTERS

ADAM26P16 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADAM26P16 Datasheet PDF - ABOV Semiconductor Co., Ltd.

Part # ADAM26P16
Download  ADAM26P16 Click to download

File Size   585.78 Kbytes
Page   37 Pages
Manufacturer  ABOV [ABOV Semiconductor Co., Ltd.]
Direct Link  https://www.abov.co.kr/kr/main.php
Logo ABOV - ABOV Semiconductor Co., Ltd.
Description 4-BIT SINGLE CHIP MICROCOMPUTERS

ADAM26P16 Datasheet (HTML) - ABOV Semiconductor Co., Ltd.


ADAM26P16 Product details

Features
Program memory (MTP)
● 2,048 bytes (2,048 x 8bit)
● MTP (Multi Time programming) : 1K * 4, 2K * 2
■ Data memory (RAM)
● 32 nibble (32 x 4bit)
■ 3 levels of subroutine nesting
■ Operating frequency
● 2.4MHz ~ 4MHz
■ Instruction cycle
● fOSC/48
■ Stop mode
■ Released stop mode by key input
■ Built in Power-on Reset circuit
■ Built in Transistor for I.R LED Drive
● IOL=250mA at VDD=3V and VO=0.3V
■ Built in Low Voltage reset circuit
■ Built in a watch dog timer (WDT)
■ Low operating voltage
● 1.3 ~ 3.6V @ ADAM26PXX
■ 16/20/24-SOP, 20-TSSOP Package.




Similar Part No. - ADAM26P16

ManufacturerPart #DatasheetDescription
logo
ABOV Semiconductor Co.,...
ADAM27P08 ABOV-ADAM27P08 Datasheet
672Kb / 39P
4-BIT SINGLE CHIP MICROCOMPUTERS
Ver 1.5
ADAM27P16 ABOV-ADAM27P16 Datasheet
672Kb / 39P
4-BIT SINGLE CHIP MICROCOMPUTERS
Ver 1.5
ADAM27P16G ABOV-ADAM27P16G Datasheet
672Kb / 39P
4-BIT SINGLE CHIP MICROCOMPUTERS
Ver 1.5
ADAM27PXX ABOV-ADAM27PXX Datasheet
672Kb / 39P
4-BIT SINGLE CHIP MICROCOMPUTERS
Ver 1.5
More results


Similar Description - ADAM26P16

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GMS30004 HYNIX-GMS30004 Datasheet
964Kb / 158P
4-BIT SINGLE CHIP MICROCOMPUTERS
GMS34004 HYNIX-GMS34004 Datasheet
433Kb / 105P
4-BIT SINGLE CHIP MICROCOMPUTERS
GMS34004T HYNIX-GMS34004T Datasheet
326Kb / 7P
4-BIT SINGLE CHIP MICROCOMPUTERS
GMS36 HYNIX-GMS36 Datasheet
813Kb / 109P
4-BIT SINGLE CHIP MICROCOMPUTERS
GMS3637004 HYNIX-GMS3637004 Datasheet
1Mb / 110P
4-BIT SINGLE CHIP MICROCOMPUTERS
logo
NEC
UPD7507 NEC-UPD7507 Datasheet
832Kb / 19P
4 BIT SINGLE CHIP CMOS MICROCOMPUTERS
logo
List of Unclassifed Man...
ZTB500E ETC-ZTB500E Datasheet
328Kb / 49P
4-BIT SINGLE CHIP MICROCOMPUTERS
HMS38112 ETC-HMS38112 Datasheet
505Kb / 73P
4-BIT SINGLE CHIP MICROCOMPUTERS
logo
Sanyo Semicon Device
LM6417 SANYO-LM6417 Datasheet
221Kb / 2P
NMOS 4-Bit Single-Chip Microcomputers
logo
Renesas Technology Corp
HD404019R RENESAS-HD404019R Datasheet
249Kb / 65P
CMOS 4-bit single-chip microcomputers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com