Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTB18-B1G2BB Datasheet (PDF) - SICK AG

HTB18-B1G2BB Datasheet PDF - SICK AG
Part # HTB18-B1G2BB
Download  HTB18-B1G2BB Download
File Size   640.47 Kbytes
Page   8 Pages
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG
Description H18 Sure Sense

HTB18-B1G2BB Datasheet (PDF)

Go To PDF Page Download Datasheet
HTB18-B1G2BB Datasheet PDF - SICK AG

Part # HTB18-B1G2BB
Download  HTB18-B1G2BB Click to download

File Size   640.47 Kbytes
Page   8 Pages
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG
Description H18 Sure Sense

HTB18-B1G2BB Datasheet (HTML) - SICK AG


HTB18-B1G2BB Product details

Features
Functional principle Photoelectric proximity sensor
Functional principle detail Background suppression
Dimensions (W x H x D) 16.2 mm x 45.5 mm x 31.8 mm
Housing design (light emission) Hybrid
Thread diameter (housing) M18
Mounting system type M18, head/side (24.1 … 25.4 mm)
Housing color Blue
Sensing range max. 5 mm ... 300 mm
Sensing range 5 mm ... 150 mm
Type of light Visible red light
Light source PinPoint LED
Light spot size (distance) 7 mm (300 mm)
Wave length 631 nm
Adjustment
Potentiometer, right Sensing range
Potentiometer, left None
Special features Signal strength light bar




Similar Part No. - HTB18-B1G2BB

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HTB1-600 SEMIHOW-HTB1-600 Datasheet
534Kb / 6P
BI-DIRECTIONAL TRIODE THYRISTOR
HTB1-800 SEMIHOW-HTB1-800 Datasheet
633Kb / 6P
BI-DIRECTIONAL TRIODE THYRISTOR
logo
LEM
HTB100-P LEM-HTB100-P Datasheet
66Kb / 2P
Current Transducers HTB 50~400-P and HTB 50~100-TP
HTB100-P LEM-HTB100-P Datasheet
77Kb / 2P
Current Transducers HTB 50~400-P and HTB 50~100-TP
HTB100-P LEM-HTB100-P Datasheet
63Kb / 2P
Current Transducers HTB 50~400-P/SP5 and HTB 50~100-TP/SP5
More results


Similar Description - HTB18-B1G2BB

ManufacturerPart #DatasheetDescription
logo
JL World Company Limite...
MPS-501G JLWORLD-MPS-501G Datasheet
1Mb / 6P
Medical Pres sure Sensor
logo
Taoglas antenna solutio...
AGPSF.36C.07.0100C TAOGLAS-AGPSF.36C.07.0100C Datasheet
1Mb / 23P
Taoglas Sure Technology
logo
Banner Engineering Corp...
M12FTH3Q BANNER-M12FTH3Q Datasheet
361Kb / 3P
Sure Cross짰 Temperature and Humidity Sensor
M12FTH4Q BANNER-M12FTH4Q Datasheet
386Kb / 4P
Sure Cross짰 Temperature and Humidity Sensor
DX80N9X1S-P6 BANNER-DX80N9X1S-P6 Datasheet
439Kb / 8P
Sure Cross Performance Node
DX80N9X1W-P6L BANNER-DX80N9X1W-P6L Datasheet
1Mb / 8P
Sure Cross짰 Performance Node
Q45UA BANNER-Q45UA Datasheet
623Kb / 7P
Sure Cross짰 Wireless Q45UA Ultrasonic Node
Q45VTP BANNER-Q45VTP Datasheet
728Kb / 8P
Sure Cross짰 Wireless Q45VTP Node
DB9 BANNER-DB9 Datasheet
177Kb / 2P
Sure Cross짰 DB9 Splitter Cable
DX80DR9M-H5 BANNER-DX80DR9M-H5 Datasheet
1Mb / 8P
Sure Cross짰 MultiHop H5 Data Radio
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com