Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC0X06M25 Datasheet (PDF) - Texas Instruments

AMC0X06M25 Datasheet PDF - Texas Instruments
Part # AMC0X06M25
Download  AMC0X06M25 Download
File Size   2014.92 Kbytes
Page   44 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AMC0x06M25 Precision, ±250mV Input Isolated Delta-Sigma Modulators With External Clock

AMC0X06M25 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMC0X06M25 Datasheet PDF - Texas Instruments

Part # AMC0X06M25
Download  AMC0X06M25 Click to download

File Size   2014.92 Kbytes
Page   44 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AMC0x06M25 Precision, ±250mV Input Isolated Delta-Sigma Modulators With External Clock

AMC0X06M25 Datasheet (HTML) - Texas Instruments


AMC0X06M25 Product details

1 Features
• Linear input voltage range: ±250mV
• Supply voltage range:
– High-side (AVDD): 3.0V to 5.5V
– Low-side (DVDD): 2.7V to 5.5V
• Low DC errors:
– Offset error: ±200μV (maximum)
– Offset drift: ±2μV/°C (maximum)
– Gain error: ±0.2% (maximum)
– Gain drift: ±30ppm/°C (maximum)
• High CMTI: 150V/ns (minimum)
• Missing high-side supply detection
• Low EMI: Meets CISPR-11 and CISPR-25
standards
• Isolation ratings:
– AMC0206M25: Basic isolation
– AMC0306M25: Reinforced Isolation
• Safety-related certifications:
– DIN EN IEC 60747-17 (VDE 0884-17)
– UL 1577
• Fully specified over the extended industrial
temperature range: –40°C to +125°C

2 Applications
• Motor drives
• Photovoltaic inverters
• Server power-supply units (PSU)
• Energy storage systems

3 Description
The AMC0x06M25 is a precision, galvanically
isolated delta-sigma (ΔΣ) modulator with a ±250mV,
differential input and digital output. The input
is optimized for connection to low-impedance
shunt resistors commonly used for current-sensing
applications.
The isolation barrier separates parts of the system
that operate on different common-mode voltage
levels. The isolation barrier is highly resistant to
magnetic interference. This barrier is certified to
provide reinforced isolation up to 5kVRMS (DWV
package) and basic isolation up to 3kVRMS (D
package) (60s).
The output bitstream of the AMC0x06M25 is
synchronized to an external clock. Combined with a
sinc3, OSR 256 filter, the device achieves 16 effective
bits of resolution or 88dB of dynamic range, at a
78kSPS sample rate.
The AMC0x06M25 comes in 8-pin, wide- and narrowbody
SOIC packages. The device is fully specified
over the temperature range from –40°C to +125°C.




Similar Part No. - AMC0X06M25

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC0X06M25 TI2-AMC0X06M25 Datasheet
2Mb / 47P
AMC0x06M25 Precision, ±250mV Input Isolated Delta-Sigma Modulators With External Clock
OCTOBER 2025
AMC0X06M25-Q1 TI2-AMC0X06M25-Q1 Datasheet
1Mb / 44P
AMC0x06M25-Q1 Automotive, Precision, ±250mV Input Isolated Delta-Sigma Modulators With External Clock
OCTOBER 2025
AMC0X06M25-Q1 TI2-AMC0X06M25-Q1 Datasheet
2Mb / 47P
AMC0x06M25-Q1 Automotive, Precision, ±250mV Input Isolated Delta-Sigma Modulators With External Clock
OCTOBER 2025
More results


Similar Description - AMC0X06M25

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1304L05 TI-AMC1304L05_15 Datasheet
1Mb / 39P
AMC1304x High-Precision,Reinforced Isolated Delta-Sigma Modulators with LDO
AMC1305L25 TI-AMC1305L25_15 Datasheet
1Mb / 39P
AMC1305x High-Precision,Reinforced Isolated Delta-Sigma Modulators
AMC1304L05 TI1-AMC1304L05 Datasheet
1Mb / 39P
High-Precision Reinforced Isolated Delta-Sigma Modulators
AMC1305L25 TI1-AMC1305L25 Datasheet
1Mb / 39P
AMC1305x High-Precision, Reinforced Isolated Delta-Sigma Modulators
AMC1304L05-Q1 TI1-AMC1304L05-Q1 Datasheet
1Mb / 39P
High-Precision, Reinforced Isolated Delta-Sigma Modulators with LDO
AMC1305L25-Q1 TI1-AMC1305L25-Q1 Datasheet
1Mb / 38P
High-Precision, Reinforced Isolated Delta-Sigma Modulators
AMC1306E05 TI1-AMC1306E05 Datasheet
1Mb / 40P
Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC1303E0510 TI1-AMC1303E0510 Datasheet
1Mb / 40P
Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with Internal Clock
AMC1306E05 TI1-AMC1306E05_17 Datasheet
1Mb / 40P
Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC1106E05 TI1-AMC1106E05 Datasheet
1Mb / 38P
Small, High-Precision, Basic Isolated Delta-Sigma Modulators
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com