Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RP1315 Datasheet (PDF) - Sumida Corporation

RP1315 Datasheet PDF - Sumida Corporation
Part # RP1315
Download  RP1315 Download
File Size   70.37 Kbytes
Page   2 Pages
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation
Description Power Inductor< PIN Type: RP Series>

RP1315 Datasheet (PDF)

Go To PDF Page Download Datasheet
RP1315 Datasheet PDF - Sumida Corporation

Part # RP1315
Download  RP1315 Click to download

File Size   70.37 Kbytes
Page   2 Pages
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation
Description Power Inductor< PIN Type: RP Series>

RP1315 Datasheet (HTML) - Sumida Corporation


RP1315 Product details

◆ Product Description
◾ 13.0mm Max. φ, 15.0mm Max. Height.
◾ Inductance Range: 10μ H~33μ H
◾ Rated Current Range : 2.3~ 4.5A(RP135), 2.8~ 6.2A(RP135B)
◾ In addition to the standard versions of inductors shown here, custom inductors are available to meet your exact requirements

◆ Feature
◾ Magnetically shielded construction.
◾ Ideally Used in Printers, LCD TV, DVD, Printer, Copy Machine, Mainboard of the compounding machines, etc as Power Supplies’s Inductors or DC-DC Converter inductors.
◾ RoHS Compliance




Similar Part No. - RP1315

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RP1315 SUMIDA-RP1315 Datasheet
166Kb / 2P
POWER INDUCTORS
RP1315B SUMIDA-RP1315B Datasheet
248Kb / 5P
PIN Power Inductor
RP1315BNP-100M SUMIDA-RP1315BNP-100M Datasheet
147Kb / 5P
PIN Power Inductor
RP1315BNP-100M SUMIDA-RP1315BNP-100M Datasheet
248Kb / 5P
PIN Power Inductor
RP1315BNP-101M SUMIDA-RP1315BNP-101M Datasheet
147Kb / 5P
PIN Power Inductor
More results


Similar Description - RP1315

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
DEPI1615 SUMIDA-DEPI1615 Datasheet
97Kb / 2P
Power Inductor< Pin Type: DEPI Series>
RC-865 SUMIDA-RC-865 Datasheet
63Kb / 2P
Power Inductor< Pin Type: RC Series>
RCH109 SUMIDA-RCH109 Datasheet
70Kb / 2P
Power Inductor< Pin Type : RCH Series>
RCH8011B SUMIDA-RCH8011B Datasheet
190Kb / 3P
Power Inductor< PIN Type : RCH Series>
RCH-106 SUMIDA-RCH-106 Datasheet
75Kb / 2P
Power Inductor< Pin Type: RCH Series>
RCH-108 SUMIDA-RCH-108 Datasheet
181Kb / 2P
Power Inductor< Pin Type : RCH Series>
RCH-114 SUMIDA-RCH-114 Datasheet
177Kb / 2P
Power Inductor< Pin Type: RCH Series>
RCH-664 SUMIDA-RCH-664 Datasheet
167Kb / 2P
Power Inductor< Pin Type: RCH Series>
RCH-875 SUMIDA-RCH-875 Datasheet
181Kb / 3P
Power Inductor< Pin Type: RCH Series>
RCH-895 SUMIDA-RCH-895 Datasheet
181Kb / 3P
Power Inductor< Pin Type: RCH Series>
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com