Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC-12 Datasheet (PDF) - Sumida Corporation

LC-12 Datasheet PDF - Sumida Corporation
Part # LC-12
Download  LC-12 Download
File Size   92.37 Kbytes
Page   1 Pages
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation
Description General Power Transformer Type: LC Series>

LC-12 Datasheet (PDF)

Go To PDF Page Download Datasheet
LC-12 Datasheet PDF - Sumida Corporation

Part # LC-12
Download  LC-12 Click to download

File Size   92.37 Kbytes
Page   1 Pages
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation
Description General Power Transformer Type: LC Series>

LC-12 Datasheet (HTML) - Sumida Corporation


LC-12 Product details

Product Description
•¢ 13.0mm Max.(L× W), 4.5mm Max. Height.
• In addition to the typical versions of parameters shown here,
   custom designs are available to meet your exact requirements.

Feature
• Magnetically shielded construction.
• Max. Operating frequency 500kHz,
   Max. Operating 1.7W (500kHz),1.6W(300kHz),0.54W(100kHz).
• Ideally used in Portable equipment, Drive for fluorescent display tube.
• RoHS Compliance




Similar Part No. - LC-12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LC-12 ETC1-LC-12 Datasheet
33Kb / 2P
Magnetic Contact
logo
LETEX TECHNOLOGY CORP.
LC-12 LETEX-LC-12 Datasheet
25Kb / 2P
Magnetic Contact
logo
Delta Electronics, Inc.
LC-1250A2F1 DELTA-LC-1250A2F1 Datasheet
95Kb / 9P
RoHS Compliant 2x5 Small Form Factor Transceiver for Gigabit Ethernet
LC-1250A2F1H DELTA-LC-1250A2F1H Datasheet
95Kb / 9P
RoHS Compliant 2x5 Small Form Factor Transceiver for Gigabit Ethernet
LC-1250A2F1R DELTA-LC-1250A2F1R Datasheet
95Kb / 9P
RoHS Compliant 2x5 Small Form Factor Transceiver for Gigabit Ethernet
More results


Similar Description - LC-12

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
LC104 SUMIDA-LC104 Datasheet
115Kb / 1P
General Power Transformer
EI4036 SUMIDA-EI4036 Datasheet
66Kb / 1P
General Power Transformer
EI-22 SUMIDA-EI-22_06 Datasheet
129Kb / 1P
General Power Transformer < Pin Type: EI Series>
EI-25S SUMIDA-EI-25S Datasheet
130Kb / 1P
General Power Transformer
EI-30 SUMIDA-EI-30_06 Datasheet
130Kb / 1P
General Power Transformer
EER-137 SUMIDA-EER-137 Datasheet
116Kb / 1P
General Power Transformer
LC128B SUMIDA-LC128B_1 Datasheet
99Kb / 1P
General Power Transformer
LC-15 SUMIDA-LC-15_1 Datasheet
123Kb / 1P
General Power Transformer
LC-128 SUMIDA-LC-128_1 Datasheet
132Kb / 1P
General Power Transformer
LC104B SUMIDA-LC104B Datasheet
118Kb / 1P
General Power Transformer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com