Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H07D324VB Datasheet (PDF) - Multicomp Pro

H07D324VB Datasheet PDF - Multicomp Pro
Part # H07D324VB
Download  H07D324VB Download
File Size   305.87 Kbytes
Page   3 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description ESD Protection Device

H07D324VB Datasheet (PDF)

Go To PDF Page Download Datasheet
H07D324VB Datasheet PDF - Multicomp Pro

Part # H07D324VB
Download  H07D324VB Click to download

File Size   305.87 Kbytes
Page   3 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description ESD Protection Device

H07D324VB Datasheet (HTML) - Multicomp Pro


H07D324VB Product details

Description
The HxxxD3xVxB series has been specifically designed to protect sensitive components which are connected to power data and transmission lines from overvoltage caused by ESD (electrostatic discharge)

Applications
• Computers and peripherals
• Communication system
• Notebooks, desktops & servers
• Portable electronics
• Cellular handsets and accessories

Features
• 1 Channel of ESD Protection (Bi-directional)
• Peak Pulse Power :Ppp = 350W (tp=8/20 us)
• Reverse Working Voltage : 3.3V thru 36V
• Low Leakage Current
• Low Clamping Voltage
• IEC 61000-4-2 (ESD) :±27kV(Contact) / ±30kV(Air)




Similar Part No. - H07D324VB

ManufacturerPart #DatasheetDescription
logo
Feinmetall GmbH
H075WL11-7.6 FEINMETALL-H075WL11-7.6 Datasheet
96Kb / 1P
Basic Contact Probes
H075WW10-10.0AT FEINMETALL-H075WW10-10.0AT Datasheet
96Kb / 1P
Basic Contact Probes
H075WW10-2.0AT FEINMETALL-H075WW10-2.0AT Datasheet
96Kb / 1P
Basic Contact Probes
H075WW10-7.6AT FEINMETALL-H075WW10-7.6AT Datasheet
96Kb / 1P
Basic Contact Probes
H075WW19-7.6AT FEINMETALL-H075WW19-7.6AT Datasheet
95Kb / 1P
Basic Contact Probes
More results


Similar Description - H07D324VB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP200002 TRIQUINT-TQP200002_15 Datasheet
745Kb / 10P
ESD Protection Device
logo
FutureWafer Tech Co.,Lt...
PESD1524VD FUTUREWAFER-PESD1524VD Datasheet
755Kb / 3P
ESD Protection Device
logo
Micro Commercial Compon...
ESD12VL MCC-ESD12VL Datasheet
1Mb / 4P
ESD Protection Device
ESD24VLB MCC-ESD24VLB Datasheet
719Kb / 4P
ESD Protection Device
ESD12VD3BHE3 MCC-ESD12VD3BHE3 Datasheet
1Mb / 4P
ESD Protection Device
Rev.3-1-12022022
ESD1524D3BHE3A MCC-ESD1524D3BHE3A Datasheet
3Mb / 4P
ESD Protection Device
Rev.3-1-11282022
ESD24VD3BHE3 MCC-ESD24VD3BHE3 Datasheet
1,002Kb / 4P
ESD Protection Device
Rev.3-1-12022022
ESD36VD3BHE3 MCC-ESD36VD3BHE3 Datasheet
944Kb / 4P
ESD Protection Device
Rev.3-1-12022022
logo
Nexperia B.V. All right...
PESD12VL1BSL NEXPERIA-PESD12VL1BSL Datasheet
225Kb / 11P
ESD protection device
3 September 2021
PESD7V0L1BSL NEXPERIA-PESD7V0L1BSL Datasheet
224Kb / 11P
ESD protection device
3 September 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com