Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX74840 Datasheet (PDF) - Analog Devices

MAX74840 Datasheet PDF - Analog Devices
Part # MAX74840
Download  MAX74840 Download
File Size   976.72 Kbytes
Page   17 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 30V, Single Supply, Low Bias Current, RRO, 8MHz JFET Op Amp

MAX74840 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX74840 Datasheet PDF - Analog Devices

Part # MAX74840
Download  MAX74840 Click to download

File Size   976.72 Kbytes
Page   17 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 30V, Single Supply, Low Bias Current, RRO, 8MHz JFET Op Amp

MAX74840 Datasheet (HTML) - Analog Devices


MAX74840 Product details

FEATURES
Wide gain bandwidth product: 8MHz typical
High slew rate
23V/μs typical (low to high)
−18V/μs typical (high to low)
Low input bias current: ±15pA maximum at TA = 25°C
Low offset voltage: ±10mV maximum at TA = 25°C
Low offset voltage drift: ±4μV/°C typical
Input voltage range includes Pin V−
Rail-to-rail output
Electromagnetic interference rejection ratio (EMIRR)
90dB typical at f = 1000MHz and f = 2400MHz




Similar Part No. - MAX74840

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7480 MAXIM-MAX7480 Datasheet
87Kb / 8P
8th-Order, Lowpass, Butterworth, Switched-Capacitor Filter
19-1416; Rev 0; 1/99
logo
Analog Devices
MAX7480 AD-MAX7480 Datasheet
91Kb / 8P
8th-Order, Lowpass, Butterworth, Switched-Capacitor Filter
Rev 0
logo
Maxim Integrated Produc...
MAX7480EPA MAXIM-MAX7480EPA Datasheet
87Kb / 8P
8th-Order, Lowpass, Butterworth, Switched-Capacitor Filter
19-1416; Rev 0; 1/99
logo
Analog Devices
MAX7480EPA AD-MAX7480EPA Datasheet
91Kb / 8P
8th-Order, Lowpass, Butterworth, Switched-Capacitor Filter
Rev 0
logo
Maxim Integrated Produc...
MAX7480ESA MAXIM-MAX7480ESA Datasheet
87Kb / 8P
8th-Order, Lowpass, Butterworth, Switched-Capacitor Filter
19-1416; Rev 0; 1/99
More results


Similar Description - MAX74840

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1169 LINER-LT1169 Datasheet
333Kb / 12P
Dual Low Noise, Picoampere Bias Current, JFET Input Op Amp
LT1793 LINER-LT1793 Datasheet
162Kb / 12P
Low Noise, Picoampere Bias Current, JFET Input Op Amp
LT1793 LINER-LT1793_15 Datasheet
177Kb / 12P
Low Noise, Picoampere Bias Current, JFET Input Op Amp
LT1169 LINER-LT1169_15 Datasheet
300Kb / 12P
Dual Low Noise, Picoampere Bias Current, JFET Input Op Amp
logo
Texas Instruments
OPA192 TI1-OPA192_15 Datasheet
3Mb / 52P
Low Input Bias Current Op Amp
logo
Analog Devices
ADA4622-2 AD-ADA4622-2 Datasheet
1Mb / 28P
30 V, 7.5 MHz, Low Bias Current, Single-Supply, RRO, Precision Op Amp
REV. 0
ADA4622-1 AD-ADA4622-1 Datasheet
1Mb / 34P
30 V, 8 MHz, Low Bias Current, Single-Supply, RRO, Precision Op Amps
Rev. B
ADA4625-1 AD-ADA4625-1 Datasheet
1Mb / 30P
Low Noise, Fast Settling Single Supply, RRO, JFET Op Amp
Oct-2017
ADA4625-1 AD-ADA4625-1_V01 Datasheet
1Mb / 35P
36V 18MHz Low Noise, Fast Settling Single Supply, RRO, JFET Op Amp
6/2019-Rev. 0 to Rev. A
ADA4622-1 AD-ADA4622-1_V01 Datasheet
1Mb / 38P
30 V, 8 MHz, Low Bias Current, Single-Supply, RRO, Precision Op Amps
Rev. E
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com