Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP6291LR Datasheet (PDF) - TECH PUBLIC Electronics co LTD

FP6291LR Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # FP6291LR
Download  FP6291LR Download
File Size   3349.63 Kbytes
Page   8 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 1MHz, 2.5A Step-Up Current Mode PWM Converter

FP6291LR Datasheet (PDF)

Go To PDF Page Download Datasheet
FP6291LR Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # FP6291LR
Download  FP6291LR Click to download

File Size   3349.63 Kbytes
Page   8 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 1MHz, 2.5A Step-Up Current Mode PWM Converter

FP6291LR Datasheet (HTML) - TECH PUBLIC Electronics co LTD


FP6291LR Product details

Features

« Adjustable Output up to 12V

« Over Voltage Protection

« Shutdown Current: 0.1pA

« Over Temperature Protection

o Internal Fixed PWM frequency: 1.0MHz

« Internal 0.20, 2.5A, 16V Power MOSFET
Precision Feedback Reference Voltage: 0.6V/
» Adjustable Over Current Protection: 0.5A~ 2.5A
o Compact package: SOT23-6
Applications

« Chargers

o LCD Displays

« Digital Cameras.

« Handheld Devices

« Portable Products

« Medical equipment

e PDAs, Handheld PCs

eo Internet Audio Players




Similar Part No. - FP6291LR

ManufacturerPart #DatasheetDescription
logo
Feeling Technology Corp...
FP6291 FEELING-FP6291 Datasheet
361Kb / 11P
1MHz, 2.5A Step-Up Current Mode PWM Converter
More results


Similar Description - FP6291LR

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE3507 SEAWARD-SE3507 Datasheet
441Kb / 7P
1MHz, 2.5A Step-up Current Mode PWM Converter
SE3508 SEAWARD-SE3508 Datasheet
537Kb / 7P
1MHz, 5A Step-up Current Mode PWM Converter
logo
Feeling Technology Corp...
FP6291 FEELING-FP6291 Datasheet
361Kb / 11P
1MHz, 2.5A Step-Up Current Mode PWM Converter
FP6290 FEELING-FP6290 Datasheet
796Kb / 12P
Low-Noise Step-Up Current Mode PWM Converter
FP6290H FEELING-FP6290H Datasheet
841Kb / 14P
Low-Noise Step-Up Current Mode PWM Converter
FP6293 FEELING-FP6293 Datasheet
659Kb / 13P
1MHz, 3.5A Step-Up Current Mode PWM Converter
logo
ETA SOLUTIONS CO. LIMIT...
ETA1093 ETA-ETA1093 Datasheet
191Kb / 1P
1MHz, Forced-PWM, High Output current Synchronous Step-Up Converter
logo
SHOUDING Shouding Semic...
SD6271 SHOUDING-SD6271 Datasheet
426Kb / 9P
1MHz, 2A Step-Up Current Mode PWM Converter
SD6372 SHOUDING-SD6372 Datasheet
1Mb / 9P
1MHz, 2A Step-Up Current Mode PWM Converter
SX1301 SHOUDING-SX1301 Datasheet
2Mb / 8P
1MHz 2A Step-Up Current Mode PWM Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com