Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTR-MY-ATEX Datasheet (PDF) - FCL COMPONENTS LIMITED

FTR-MY-ATEX Datasheet PDF - FCL COMPONENTS LIMITED
Part # FTR-MY-ATEX
Download  FTR-MY-ATEX Download
File Size   530.56 Kbytes
Page   7 Pages
Manufacturer  FCL [FCL COMPONENTS LIMITED]
Direct Link  https://www.fcl-components.com/en
Logo FCL - FCL COMPONENTS LIMITED
Description POWER RELAY 1 POLE - 5A SLIM POWER RELAY (ATEX COMPLIANT)

FTR-MY-ATEX Datasheet (PDF)

Go To PDF Page Download Datasheet
FTR-MY-ATEX Datasheet PDF - FCL COMPONENTS LIMITED

Part # FTR-MY-ATEX
Download  FTR-MY-ATEX Click to download

File Size   530.56 Kbytes
Page   7 Pages
Manufacturer  FCL [FCL COMPONENTS LIMITED]
Direct Link  https://www.fcl-components.com/en
Logo FCL - FCL COMPONENTS LIMITED
Description POWER RELAY 1 POLE - 5A SLIM POWER RELAY (ATEX COMPLIANT)

FTR-MY-ATEX Datasheet (HTML) - FCL COMPONENTS LIMITED


FTR-MY-ATEX Product details

FEATURES
Compliant to IEC60079-15 EU ATEX Directive for use in hazardous location
It is certifi ed to UL explosion-proof standard UL 121201, CSA C22.2 No.
213 (Class I, Division 2) (HAZLOC)
Width 5mm, height 12mm (31% smaller than NY series), mounting area
100mm2, super slim, low power, compact and light weight 2.5g
Nominal power: 110mW (8% less than NY series)
Operate power: 54mW
High sensitive
High reliable contacts, bifurcated gold overlay AgNi (cadmium free)
Conform to UL61010-1, UL61010-2-201, IEC/EN61010-1, IEC/EN61010-2-
201 (max. 277VAC)
Dielectric strength: 3,000VAC
Surge strength: 5,080V
Safety standards: UL, CSA, VDE, CQC
Flammability: UL94V-0 (Plastics mold)
RoHS compliant
Plastic sealed type, RTIII

APPLICATIONS
PLC, FA equipment etc. used in hazardous location




Similar Part No. - FTR-MY-ATEX

ManufacturerPart #DatasheetDescription
logo
FCL COMPONENTS LIMITED
FTR-MY-E FCL-FTR-MY-E Datasheet
479Kb / 7P
POWER RELAY 1 POLE - 5A 150mW SLIM POWER RELAY
Rev. August 20, 2025
More results


Similar Description - FTR-MY-ATEX

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
FTR-F3 FUJITSU-FTR-F3_1 Datasheet
637Kb / 7P
POWER RELAY 1 POLE 3A SLIM TYPE RELAY
FTR-F3HA FUJITSU-FTR-F3HA Datasheet
603Kb / 7P
POWER RELAY 1 POLE 5A SLIM TYPE RELAY
FTR-JR FUJITSU-FTR-JR Datasheet
524Kb / 7P
POWER RELAY 1 POLE 16 A-SLIM POWER RELAY
FTR-MY FUJITSU-FTR-MY Datasheet
468Kb / 7P
POWER RELAY 1 POLE - 5A SLIM POWER RELAY
JV-12S-KS FUJITSU-JV-12S-KS Datasheet
357Kb / 6P
POWER RELAY 1 POLE - 10A High Power Relay
JV-3S-KT FUJITSU-JV-3S-KT Datasheet
606Kb / 8P
POWER RELAY 1 POLE - 5A/10A Medium Load Control
logo
Panasonic Battery Group
PA PANASONICBATTERY-PA Datasheet
66Kb / 4P
1a 5A slim power relay for interface
logo
fujitsu semiconductor
FTR-F3AA005E-HA FUJITSU-FTR-F3AA005E-HA Datasheet
605Kb / 8P
POWER RELAY 1 POLE 5A SLIM TYPE RELAY
logo
Panasonic Semiconductor
1075950 PANASONIC-1075950 Datasheet
167Kb / 6P
Slim (7.2mm .283inch), 1 Form A 5A power relay
2280140 PANASONIC-2280140 Datasheet
808Kb / 5P
1a 5A slim power relay
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com