Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4017 Datasheet (PDF) - STMicroelectronics

HCF4017 Datasheet PDF - STMicroelectronics
Part # HCF4017
Download  HCF4017 Download
File Size   281.05 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description COUNTERS/DIVIDERS

HCF4017 Datasheet (PDF)

Go To PDF Page Download Datasheet
HCF4017 Datasheet PDF - STMicroelectronics

Part # HCF4017
Download  HCF4017 Click to download

File Size   281.05 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description COUNTERS/DIVIDERS

HCF4017 Datasheet (HTML) - STMicroelectronics


HCF4017 Product details

DESCRIPTION
The HCC4017B/4022B (extended temperature range) and HCF4017B/4022B (intermediate temperature range) are monolithic integrated circuits, available in 16-lead dual in-line plastic or ceramic package and plastic micro package.
   
4017B DECADE COUNTER WITH 10 DECODED OUTPUTS
4022B OCTAL COUNTER WITH 8 DECODED OUTPUTS
   
■ FULLY STATIC OPERATION
■ MEDIUM SPEEDOPERATION-12MHz (typ.) AT
    VDD = 10V
■ STANDARDIZED SYMMETRICAL OUTPUT
    CHARACTERISTICS
■ QUIESCENT CURRENT SPECIFIED TO 20V
    FOR HCC DEVICE
■ INPUT CURRENT OF 100nA AT 18V AND 25°C
    FOR HCC DEVICE
■ 100% TESTED FOR QUIESCENT CURRENT
■ 5V, 10V, AND 15V PARAMETRIC RATINGS
■ MEETS ALL REQUIREMENTS OF JEDECTENTATIVE
    STANDARD N° 13A, ”STANDARD
    SPECIFICATIONS FOR DESCRIPTION OF ”B”
    SERIES CMOS DEVICES”
  




Similar Part No. - HCF4017

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4017 STMICROELECTRONICS-HCF4017 Datasheet
276Kb / 12P
HEX D". TYPE FLIP.FLOP
Jun-1989
HCF40174B STMICROELECTRONICS-HCF40174B Datasheet
276Kb / 12P
HEX D". TYPE FLIP.FLOP
Jun-1989
HCF40174BC1 STMICROELECTRONICS-HCF40174BC1 Datasheet
276Kb / 12P
HEX D". TYPE FLIP.FLOP
Jun-1989
HCF40174BEY STMICROELECTRONICS-HCF40174BEY Datasheet
276Kb / 12P
HEX D". TYPE FLIP.FLOP
Jun-1989
HCF40174BM1 STMICROELECTRONICS-HCF40174BM1 Datasheet
276Kb / 12P
HEX D". TYPE FLIP.FLOP
Jun-1989
More results


Similar Description - HCF4017

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4026B STMICROELECTRONICS-HCC4026B Datasheet
319Kb / 15P
7-SEGMENT DISPLAY OUTPUTS DECADE COUNTERS/DIVIDERS WITH DECODED
Jun-1989
logo
Texas Instruments
CD4026B TI-CD4026B Datasheet
497Kb / 12P
CMOS DECADE COUNTERS/DIVIDERS
logo
Hitachi Semiconductor
HD74HC4022 HITACHI-HD74HC4022 Datasheet
52Kb / 8P
Octal Counters/Dividers
logo
List of Unclassifed Man...
HCF4017B-HCF4022B ETC1-HCF4017B-HCF4022B Datasheet
278Kb / 12P
COUNTERS/DIVIDERS
logo
Renesas Technology Corp
HD74HC4022 RENESAS-HD74HC4022 Datasheet
95Kb / 7P
Octal Counters/Dividers
logo
Texas Instruments
CD4026BE TI1-CD4026BE Datasheet
875Kb / 16P
CMOS Decade Counters/Dividers
CD4026B TI-CD4026B_12 Datasheet
873Kb / 15P
CMOS DECADE COUNTERS/DIVIDERS
CD4033BE TI1-CD4033BE Datasheet
873Kb / 15P
CMOS Decade Counters/Dividers
CD4033BPWRE4 TI-CD4033BPWRE4 Datasheet
873Kb / 15P
CMOS Decade Counters/Dividers
SN54HC4017 TI1-SN54HC4017 Datasheet
126Kb / 6P
DECADE COUNTERS/DIVIDERS
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com