Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FM51PD1007 Datasheet (PDF) - Infinite Electronics International, Inc.

FM51PD1007 Datasheet PDF - Infinite Electronics International, Inc.
Part # FM51PD1007
Download  FM51PD1007 Download
File Size   803.96 Kbytes
Page   4 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 4950 MHz to 7125 MHz, 1-foot Parabolic Antenna, 2x2 MIMO, 25 dBi, RPSMA

FM51PD1007 Datasheet (PDF)

Go To PDF Page Download Datasheet
FM51PD1007 Datasheet PDF - Infinite Electronics International, Inc.

Part # FM51PD1007
Download  FM51PD1007 Click to download

File Size   803.96 Kbytes
Page   4 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 4950 MHz to 7125 MHz, 1-foot Parabolic Antenna, 2x2 MIMO, 25 dBi, RPSMA

FM51PD1007 Datasheet (HTML) - Infinite Electronics International, Inc.


FM51PD1007 Product details

Features:
• 1-Foot standard
parabolic antenna
• 4950 to 7125 MHz, 25 dBi
• VSWR < 2.5:1
• All aluminum dish
• Dual slant (V/H or ±45°)
• 50 W max input power per port
• 2 x RPSMA female connectors
• DC ground




Similar Part No. - FM51PD1007

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FM51PD1008 FAIRVIEW-FM51PD1008 Datasheet
720Kb / 4P
4950 MHz to 7125 MHz, 2-foot collapsible Parabolic Antenna, 2x2 MIMO, 30 dBi, RPSMA, 2 Pack
REV 1.1
FM51PD1009 FAIRVIEW-FM51PD1009 Datasheet
749Kb / 4P
4950 MHz to 7125 MHz, 2-foot deep dish Parabolic Antenna, 2x2 MIMO, 30 dBi, RPSMA
REV 1.1
More results


Similar Description - FM51PD1007

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
RF-7800W-AT013 HARRIS-RF-7800W-AT013 Datasheet
264Kb / 2P
Rapidly Deployable Three-Foot Parabolic grid Antenna
logo
Pasternack Enterprises,...
PE51042 PASTERNACK-PE51042 Datasheet
71Kb / 1P
Panel Antenna 915 MHz,10.5 dBi
PE51046 PASTERNACK-PE51046 Datasheet
74Kb / 1P
WiMax Panel Antenna 3500 MHz, 16 dBi
PE51048 PASTERNACK-PE51048 Datasheet
71Kb / 1P
WiMax Panel Antenna 3500 MHz, 20 dBi
PE51056 PASTERNACK-PE51056 Datasheet
64Kb / 1P
Rubber Duck Antenna 900-960 MHz, 1 dBi
logo
Pulse A Technitrol Comp...
W6112B0100 PULSE-W6112B0100 Datasheet
2Mb / 17P
2x2 MIMO LTE FPC ANTENNA
W6113B0100 PULSE-W6113B0100 Datasheet
2Mb / 21P
2x2 MIMO LTE GNSS FPC ANTENNA
logo
TE Connectivity Ltd
2246667-1 TEC-2246667-1 Datasheet
2Mb / 3P
2400??483.5 MHz & 5150??875 MHz MIMO 2X2 DUAL BAND CABLED ANTENNA
logo
Pasternack Enterprises,...
PE51OM1039 PASTERNACK-PE51OM1039 Datasheet
541Kb / 4P
6 dBi MIMO Omni Antenna 617-2,700 MHz N Type Female Connector
REV 1
logo
Pulse A Technitrol Comp...
W6114XXXX PULSE-W6114XXXX Datasheet
3Mb / 9P
Internal Antenna 5G/4G 2x2 MIMO FPC Antenna
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com