Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS56520 Datasheet (PDF) - Texas Instruments

TPS56520 Datasheet PDF - Texas Instruments
Part # TPS56520
Download  TPS56520 Download
File Size   2436.29 Kbytes
Page   51 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS56x20 4.5V to 17V Input, 12A/9A/7A/5A Output, Synchronous Step-Down Voltage Regulator with Voltage Scaling

TPS56520 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS56520 Datasheet PDF - Texas Instruments

Part # TPS56520
Download  TPS56520 Click to download

File Size   2436.29 Kbytes
Page   51 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS56x20 4.5V to 17V Input, 12A/9A/7A/5A Output, Synchronous Step-Down Voltage Regulator with Voltage Scaling

TPS56520 Datasheet (HTML) - Texas Instruments


TPS56520 Product details

1 Features
1• D-CAP2™ Control
– Input Voltage Range: 4.5V to 17V
– Switching Frequency: 500kHz
– Optimized for a 1.0μH to 2.2μH Inductor
• ±1% Output Voltage Accuracy
• Features via I2C Compatible Interface
– Output Voltage (VID): 0.6V to 1.87V in 10mV
– Auto-Skip Eco-mode™ ON/OFF (Light-load)
– Current Limit Target: 40% to 160%
– Enabling IC, Reading-back Power-good
– Hiccup Mode Protection ON/OFF
• IC Terminal Features
– Start-up by Using External Resistors
Output Voltage with VFB Pin: 0.6V to 1.87V
– Adjustable Soft-start,
Monotonic Pre-Biased Start-up
– Power-good
– I2C Address Programming (2bits)
• Cycle-by-Cycle Overcurrent Limiting Control
• Thermal Shutdown (TSD)
• Undervoltage Lockout (UVLO)
• TSSOP Package (PWP) with PowerPAD™

2 Applications
• Media Processors for Consumer Applications:
Digital TVs, Set Top Boxes (STB, DVD/Blu-ray
Player, Cable/Satellite Modem)
• SoC Processors
• High Density Power Distribution Systems

3 Description
The TPS56X20 is a synchronous DC-DC converter IC
(integrated circuit) with a voltage scaling control to
power up micro-processors (MCUs) requiring core
voltage (VCORE) tune-ups. After the initial power-up,
the output voltage can be programmed/scaled by VID
codes sent over an I2C compatible bus.
This step-down (buck) converter employs an adaptive
on-time D-CAP2 mode control which provides a very
fast transient response with no external components.
Unlike traditional voltage-/current-mode controls, the
D-CAP2 supports seamless transition between PWM
mode for higher load and Eco-mode™ for light load.
Eco-mode maintains high efficiency in light-load.




Similar Part No. - TPS56520

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS56520 TI1-TPS56520 Datasheet
1Mb / 44P
Synchronous Step-Down Voltage Regulator with Voltage Scaling
TPS565201 TI1-TPS565201 Datasheet
3Mb / 25P
4.5-V to 17-V Input, 5-A Synchronous Step-Down Voltage Regulator
TPS565201DDCR TI1-TPS565201DDCR Datasheet
3Mb / 25P
4.5-V to 17-V Input, 5-A Synchronous Step-Down Voltage Regulator
TPS565201DDCT TI1-TPS565201DDCT Datasheet
3Mb / 25P
4.5-V to 17-V Input, 5-A Synchronous Step-Down Voltage Regulator
TPS565208 TI1-TPS565208 Datasheet
2Mb / 26P
4.5-V to 17-V Input, 5-A Synchronous Step-Down Voltage Regulator in SOT-23
More results


Similar Description - TPS56520

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54521 TI-TPS54521 Datasheet
1Mb / 33P
4.5V to 17V Input, 5A Synchronous Step Down SWIFT??Converter
TPS54521 TI-TPS54521_1 Datasheet
893Kb / 35P
4.5V to 17V Input, 5A Synchronous Step Down SWIFT??Converter
TPS54320 TI-TPS54320 Datasheet
1Mb / 39P
4.5V to 17V Input 3A Synchronous Step Down SWIFT Converter
TPS54320 TI-TPS54320_11 Datasheet
1Mb / 39P
4.5V to 17V Input, 3A Synchronous Step Down SWIFT Converter
TPS56921 TI-TPS56921 Datasheet
1Mb / 39P
4.5V to 17V Input, 9A Synchronous Step Down SWIFT Converter With VID Control
TPS54335 TI1-TPS54335_13 Datasheet
1Mb / 40P
4.5V to 28V Input, 3A Output, Synchronous SWIFT Step-Down Voltage Regulator
TPS54521 TI-TPS54521_15 Datasheet
1Mb / 41P
4.5V to 17V Input, 5A Synchronous Step Down Converter
TPS56921 TI-TPS56921_15 Datasheet
995Kb / 37P
4.5V to 17V Input, 9A Synchronous Step Down SWIFT??Converter With VID Control
TPS56C20 TI1-TPS56C20 Datasheet
1Mb / 44P
Synchronous Step-Down Voltage Regulator with Voltage Scaling
TPS54521 TI1-TPS54521_17 Datasheet
1Mb / 41P
4.5V to 17V Input, 5A Synchronous Step Down Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com