Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS7A8901RTJR Datasheet (PDF) - Texas Instruments

TPS7A8901RTJR Datasheet PDF - Texas Instruments
Part # TPS7A8901RTJR
Download  TPS7A8901RTJR Download
File Size   3023.45 Kbytes
Page   49 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS7A89 Small, Dual, 2-A, Low-Noise (3.8 μVRMS), LDO Voltage Regulator

TPS7A8901RTJR Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS7A8901RTJR Datasheet PDF - Texas Instruments

Part # TPS7A8901RTJR
Download  TPS7A8901RTJR Click to download

File Size   3023.45 Kbytes
Page   49 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS7A89 Small, Dual, 2-A, Low-Noise (3.8 μVRMS), LDO Voltage Regulator

TPS7A8901RTJR Datasheet (HTML) - Texas Instruments


TPS7A8901RTJR Product details

1 Features
1• Two Independent LDO Channels
• 4-mm × 4-mm, 20-Pin WQFN Package
• Low Output Noise: 3.8 μVRMS (10 Hz to 100 kHz)
• Low Dropout: 180 mV (typ) at 2 A
• Wide Input Voltage Range: 1.4 V to 6.5 V
• Wide Output Voltage Range: 0.8 V to 5.2 V
• High Power-Supply Rejection Ratio (PSRR):
– 75 dB at DC
– 40 dB at 100 kHz
– 40 dB at 1 MHz
• 1.0% Accuracy Over Line, Load, and Temperature
• Excellent Load Transient Response
• Adjustable Start-Up In-Rush Control
• Selectable Soft-Start Charging Current
• Independent Open-Drain Power-Good (PGx)
Outputs
• Stable with a 10 μF or Larger Ceramic Output
Capacitor

2 Applications
• High-Speed Analog Circuits:
– VCOs, ADCs, DACs, LVDSs
• Imaging: CMOS Sensors, Video ASICs
• Test and Measurement
• Instrumentation, Medical, and Audio
• Digital Loads Auxiliary Rails:
– SerDes, FPGAs, DSPs

3 Description
The TPS7A89 is a dual, low-noise (3.8 μVRMS), lowdropout
(LDO) voltage regulator capable of sourcing
2 A per channel with only 400 mV of maximum
dropout.
The TPS7A89 provides the flexibility of two
independent LDOs and approximately 60% smaller
solution size than two single-channel LDOs. Each
output is adjustable with external resistors from 0.8 V
to 5.2 V. The wide input-voltage range of the
TPS7A89 supports operation as low as 1.4 V and up
to 6.5 V.
With 1% output voltage accuracy (over line, load, and
temperature) and soft-start capabilities to reduce inrush
current, the TPS7A89 is ideal for powering
sensitive analog low-voltage devices [such as
voltage-controlled oscillators (VCOs), analog-to-digital
converters (ADCs), digital-to-analog converters
(DACs), high-end processors, and fieldprogrammable
gate arrays (FPGAs)].
The TPS7A89 is designed to power noise-sensitive
components such as those found in high-speed
communication, video, medical, or test and
measurement applications. The very low 3.8-μVRMS
output noise and wideband PSRR (40 dB at 1 MHz)
minimizes phase noise and clock jitter. These
features maximize the performance of clocking
devices, ADCs, and DACs.




Similar Part No. - TPS7A8901RTJR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A8901RTJR TI1-TPS7A8901RTJR Datasheet
140Kb / 7P
LDO Voltage Regulator
More results


Similar Description - TPS7A8901RTJR

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9182 RICHTEK-RT9182 Datasheet
212Kb / 10P
DUAL, LOW-NOISE, 200mA LDO REGULATOR
RT9182 RICHTEK-RT9182_07 Datasheet
132Kb / 9P
Dual, Low-Noise, 200mA LDO Regulator
logo
ACE Technology Co., LTD...
ACE510 ACE-ACE510 Datasheet
229Kb / 9P
Dual, Low noise, 150mA LDO regulator
VER 1.2
logo
Texas Instruments
TPS7A92 TI1-TPS7A92 Datasheet
2Mb / 33P
2-A, High-Accuracy, Low-Noise LDO Voltage Regulator
TPS7A52-Q1 TI1-TPS7A52-Q1 Datasheet
375Kb / 28P
Automotive-Grade 2-A, High-Accuracy, Low-Noise, LDO Voltage Regulator
TPS7A88-Q1 TI1-TPS7A88-Q1 Datasheet
1Mb / 41P
Automotive, Dual, 1-A, Low-Noise (4 uVRMS) LDO Voltage Regulator
logo
ON Semiconductor
NCP59800 ONSEMI-NCP59800_17 Datasheet
94Kb / 6P
1 A Low Noise, RF LDO Voltage Regulator
December, 2017 ??Rev. 2
NCV59800 ONSEMI-NCV59800 Datasheet
95Kb / 6P
1 A Low Noise, RF LDO Voltage Regulator
October, 2016 ??Rev. 0
logo
Texas Instruments
TPS7A52-Q1 TI1-TPS7A52-Q1_18 Datasheet
2Mb / 42P
2-A, High-Accuracy, Automotive-Grade, Low-Noise, LDO Voltage Regulator
TPS7A57 TI-TPS7A57 Datasheet
7Mb / 86P
TPS7A57 5-A, Low-VIN (0.7 V), Low-Noise (2.1 μVRMS), High-Accuracy (1%), Ultra-Low Dropout (LDO) Voltage Regulator
JULY 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com