Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

013-0010 Datasheet (PDF) - Multicomp Pro

013-0010 Datasheet PDF - Multicomp Pro
Part # 013-0010
Download  013-0010 Download
File Size   267.27 Kbytes
Page   2 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Static Shielding Bag

013-0010 Datasheet (PDF)

Go To PDF Page Download Datasheet
013-0010 Datasheet PDF - Multicomp Pro

Part # 013-0010
Download  013-0010 Click to download

File Size   267.27 Kbytes
Page   2 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Static Shielding Bag

013-0010 Datasheet (HTML) - Multicomp Pro


013-0010 Product details

Features
• Metal “Faraday cage” layer shields products from electric energy inside and prevents static build-up
• Four layer protection guards against charges inside and out
• Semi transparent for easy content identification
• Surface resistance of 108~1011Ω
• Conforms to EIA 625, EIA 541, ANSI/ESD S-20.20
• Suitable for packing electronic products which are sensitive to static, eg PCB’s, Electronic Components etc.

Description
Static Shielding Bag, 305mm×406mm, PK100




Similar Part No. - 013-0010

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
013-0004MP MULTICOMP-013-0004MP Datasheet
240Kb / 2P
Static Shielding Bag
16/08/22
013-0006MP MULTICOMP-013-0006MP Datasheet
240Kb / 2P
Static Shielding Bag
16/08/22
013-0009 MULTICOMP-013-0009 Datasheet
240Kb / 2P
Static Shielding Bag
16/08/22
More results


Similar Description - 013-0010

ManufacturerPart #DatasheetDescription
logo
3M Electronics
30058 3M-30058 Datasheet
67Kb / 2P
STATIC SHIELDING BAG, OPEN TOP AND ZIPTOP
D2746 3M-D2746 Datasheet
203Kb / 2P
How To Specify a 3M™ Static Shielding or Moist ure Barrier Bag
logo
List of Unclassifed Man...
13080 ETC2-13080 Datasheet
149Kb / 1P
STATSHIELD BAG, SHIELDING, METAL-OUT CONSTRUCTION, .0030 (.0762mm)
13506 ETC2-13506 Datasheet
146Kb / 1P
STATSHIELD BAG, SHIELDING, METAL-IN CONSTRUCTION, .0030 (.0762mm)
13090 ETC2-13090 Datasheet
149Kb / 1P
STATSHIELD BAG, SHIELDING, METAL-OUT CONSTRUCTION, .0030" (.0762mm)
13445 ETC2-13445 Datasheet
146Kb / 1P
STATSHIELD BAG, SHIELDING, METAL-IN CONSTRUCTION, .0030" (.0762mm)
13475 ETC2-13475 Datasheet
146Kb / 1P
STATSHIELD BAG, SHIELDING, METAL-IN CONSTRUCTION, .0030" (.0762mm)
13510 ETC2-13510 Datasheet
146Kb / 1P
STATSHIELD BAG, SHIELDING, METAL-IN CONSTRUCTION, .0030" (.0762mm)
48514 ETC2-48514 Datasheet
173Kb / 1P
RICHMOND 8300, TRANSPARENT STATIC SHIELDING BAG (METAL OUT)
48515 ETC2-48515 Datasheet
173Kb / 1P
RICHMOND 8300, TRANSPARENT STATIC SHIELDING BAG (METAL OUT)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com