Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMH-24V50WCAS Datasheet (PDF) - Delta Electronics, Inc.

PMH-24V50WCAS Datasheet PDF - Delta Electronics, Inc.
Part # PMH-24V50WCAS
Download  PMH-24V50WCAS Download
File Size   1426.36 Kbytes
Page   13 Pages
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.
Description PMH Panel Mount Power Supply

PMH-24V50WCAS Datasheet (PDF)

Go To PDF Page Download Datasheet
PMH-24V50WCAS Datasheet PDF - Delta Electronics, Inc.

Part # PMH-24V50WCAS
Download  PMH-24V50WCAS Click to download

File Size   1426.36 Kbytes
Page   13 Pages
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.
Description PMH Panel Mount Power Supply

PMH-24V50WCAS Datasheet (HTML) - Delta Electronics, Inc.


PMH-24V50WCAS Product details

Highlights & Features
 Household appliance approvals IEC/EN 60335-1,
 IEC/EN 61558-1 and IEC/EN 61558-2-16
 Universal AC input voltage
 Full power from -20°C to +50°C operation @ 5000m
 or 16400 ft. altitude
 Full corrosion resistant aluminium casing
 High MTBF > 700,000 hrs as per Telcordia SR-332
 Versatile connector options available: IP20, Front Face and
Harness connectors

General Description
The PMH-24V50WCA☐ offers universal input from 85Vac to 264Vac with nominal output voltage of 24V. The highly efficient convection
cooling construction can operate from -30°C to 70°C. The PMH series is specifically designed for household electrical appliances with
safety approvals including IEC/EN 60335-1 and IEC/EN 61558-2-16, as well as IEC/EN/UL 60950-1. In addition, the product meets the
EMC approvals to EN 55014-1 / EN 55014-2 for household appliances and EN 61000-6-1 / EN 61000-6-3 for residential environment
without extra EMI filter required and comes with several connector options consisting of Terminal Block, IP20, Front Face and Harness
connectors. Other available options include isolation or non-isolation between Primary Earth and output DC Return (-V pins on output
connector).




Similar Part No. - PMH-24V50WCAS

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PMH-24V50WCAX DELTA-PMH-24V50WCAX Datasheet
2Mb / 13P
Full corrosion resistant aluminium casing
More results


Similar Description - PMH-24V50WCAS

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PMC-12V035W1AA DELTA-PMC-12V035W1AA_13 Datasheet
965Kb / 12P
PMC Panel Mount Power Supply
PMC-12V050W1AA DELTA-PMC-12V050W1AA_13 Datasheet
944Kb / 11P
PMC Panel Mount Power Supply
PMC-24V150W1AX DELTA-PMC-24V150W1AX Datasheet
646Kb / 12P
PMC Panel Mount Power Supply
PMC-24V600W1BA DELTA-PMC-24V600W1BA Datasheet
1Mb / 14P
PMC Panel Mount Power Supply
PMT-12V35W1AX DELTA-PMT-12V35W1AX Datasheet
494Kb / 10P
PMT Panel Mount Power Supply
PMT-24V150W1AAA DELTA-PMT-24V150W1AAA Datasheet
1Mb / 13P
PMT Panel Mount Power Supply
PMT-D2V100W1AAA DELTA-PMT-D2V100W1AAA Datasheet
1Mb / 12P
PMT Panel Mount Power Supply
PMH-24V100WCAX DELTA-PMH-24V100WCAX Datasheet
1Mb / 13P
PMH Panel Mount Power Supply
PMH-24V150WCBX DELTA-PMH-24V150WCBX Datasheet
1Mb / 13P
PMH Panel Mount Power Supply
PMH-24V200WCBX DELTA-PMH-24V200WCBX Datasheet
1Mb / 13P
PMH Panel Mount Power Supply
More results




About Delta Electronics, Inc.


Delta Electronics, Inc. is a Taiwanese multinational electronics company that was founded in 1971.
The company specializes in power electronics and energy management solutions, including uninterruptible power supplies (UPS), voltage regulators, power inverters, DC brushless fans, and renewable energy solutions such as solar inverters.
Delta Electronics operates globally with a strong presence in Asia, Europe, and North America.
The company provides solutions for various industries including telecommunications, data centers, building automation, and renewable energy.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com