Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS3851 Datasheet (PDF) - Texas Instruments

TPS3851 Datasheet PDF - Texas Instruments
Part # TPS3851
Download  TPS3851 Download
File Size   1544.93 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS3851 Precision Voltage Supervisor with Integrated Watchdog Timer

TPS3851 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS3851 Datasheet PDF - Texas Instruments

Part # TPS3851
Download  TPS3851 Click to download

File Size   1544.93 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS3851 Precision Voltage Supervisor with Integrated Watchdog Timer

TPS3851 Datasheet (HTML) - Texas Instruments


TPS3851 Product details

1 Features
• Input voltage range: VDD = 1.6V to 6.5V
• 0.8% Voltage threshold accuracy
• Low quiescent current: IDD = 10μA (typical)
• User-programmable watchdog timeout
• Open-drain outputs
• Precision undervoltage monitoring:
– Supports common rails from 1.8V to 5.0V
– 4% and 7% Undervoltage thresholds available
– 0.5% Hysteresis
• Watchdog disable feature
• Factory-programmed precision watchdog and
reset timers
• Manual reset input (MR)
• Available in a small 3mm × 3mm, 8 pin VSON
package
• Junction operating temperature range:
–40°C to +125°C

2 Applications
• WLAN/Wi-Fi access point
• Wireless security camera
• IP network camera
• String inverter
• Blood pressure monitor
• Electricity meter

3 Description
The TPS3851 combines a precision voltage
supervisor with a programmable watchdog timer. The
TPS3851 comparator achieves a 0.8% accuracy
(–40°C to +125°C) for the undervoltage (VITN)
threshold on the VDD pin. The TPS3851 also includes
accurate hysteresis on the undervoltage threshold
making the device an excellent choice for use with
tight tolerance systems. The supervisor RESET delay
features a 15% accuracy, high-precision delay timing.
The TPS3851 includes a programmable watchdog
timer for a wide variety of applications. The dedicated
watchdog output (WDO) enables increased resolution
to help determine the nature of fault conditions.
The watchdog timeouts can be programmed either
by an external capacitor, or by factory-programmed
default delay settings. The watchdog can be disabled
via logic pins to avoid undesired watchdog timeouts
during the development process.
TPS3851 is available in a small 3.00mm × 3.00mm,
8-pin VSON package.




Similar Part No. - TPS3851

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3851 TI1-TPS3851 Datasheet
1Mb / 31P
Precision Voltage Supervisor with Integrated Watchdog Timer
TPS3851 TI1-TPS3851 Datasheet
1Mb / 34P
High-Accuracy Voltage Supervisor with Integrated Watchdog Timer
TPS3851-Q1 TI1-TPS3851-Q1 Datasheet
1Mb / 34P
High-Accuracy Voltage Supervisor with Integrated Watchdog Timer
TPS3851G18EDRBR TI1-TPS3851G18EDRBR Datasheet
1Mb / 31P
Precision Voltage Supervisor with Integrated Watchdog Timer
TPS3851G18EDRBT TI1-TPS3851G18EDRBT Datasheet
1Mb / 31P
Precision Voltage Supervisor with Integrated Watchdog Timer
More results


Similar Description - TPS3851

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3850 TI1-TPS3850 Datasheet
849Kb / 35P
Precision Voltage Supervisor with Programmable Window Watchdog Timer
TPS3850 TI1-TPS3850_16 Datasheet
1Mb / 44P
Precision Voltage Supervisor with Programmable Window Watchdog Timer
TPS3851 TI1-TPS3851 Datasheet
1Mb / 31P
Precision Voltage Supervisor with Integrated Watchdog Timer
TPS3852 TI1-TPS3852 Datasheet
1Mb / 30P
Precision Voltage Supervisor with Programmable Window Watchdog Timer
TPS3850-Q1 TI1-TPS3850-Q1 Datasheet
814Kb / 39P
Precision Voltage Supervisor with Programmable Window Watchdog Timer
TPS3852-Q1 TI1-TPS3852-Q1 Datasheet
503Kb / 28P
High-Accuracy Voltage Supervisor with Integrated Watchdog Timer
TPS3851-Q1 TI1-TPS3851-Q1 Datasheet
1Mb / 34P
High-Accuracy Voltage Supervisor with Integrated Watchdog Timer
TPS35-Q1 TI-TPS35-Q1 Datasheet
1Mb / 31P
TPS35-Q1 Automotive Nano IQ Precision Voltage Supervisor with Precision Watchdog Timer
NOVEMBER 2022
TPS35 TI-TPS35 Datasheet
1Mb / 46P
TPS35 Nano IQ Precision Voltage Supervisor with Precision Timeout Watchdog Timer
JUNE 2023
TPS35 TI1-TPS35_V01 Datasheet
2Mb / 47P
TPS35 Nano IQ Precision Voltage Supervisor with Precision Timeout Watchdog Timer
JUNE 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com