Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD87350Q5D Datasheet (PDF) - Texas Instruments

CSD87350Q5D Datasheet PDF - Texas Instruments
Part # CSD87350Q5D
Download  CSD87350Q5D Download
File Size   3584.71 Kbytes
Page   77 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS40422 Dual-Output or Two-Phase Synchronous Buck Controller with PMBus™ Interface

CSD87350Q5D Datasheet (PDF)

Go To PDF Page Download Datasheet
CSD87350Q5D Datasheet PDF - Texas Instruments

Part # CSD87350Q5D
Download  CSD87350Q5D Click to download

File Size   3584.71 Kbytes
Page   77 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS40422 Dual-Output or Two-Phase Synchronous Buck Controller with PMBus™ Interface

CSD87350Q5D Datasheet (HTML) - Texas Instruments


CSD87350Q5D Product details

1 Features
• Single Supply Operation: 4.5 V to 20 V
• Output Voltage from 0.6 V to 5.6 V
• Dual-output or Two-Phase Synchronous Buck
Controller
• PMBus™ Interface Capability
– Margining Up or Down with 2-mV Step
– Programmable Fault Limit and Response
– Output Voltage, Output Current Monitoring
– External Temperature Monitoring with 2N3904
Transistor
– Programmable UVLO ON and OFF Thresholds
– Programmable Soft-start Time and Turn-On
and Turn-Off Delay
• On-Chip Non-volatile Memory (NVM) to Store
Custom Configurations
• 180° Out-of-Phase to Reduce Input Ripple
• 600-mV Reference Voltage with ±0.5% Accuracy
from 0°C to 85°C
• Inductor DCR Current Sensing
• Programmable Switching Frequency: 200 kHz to
1 MHz
• Voltage Mode Control with Input Feed Forward
• Current Sharing for Multiphase Operation
• Supports Pre-biased Output
• Differential Remote Sensing
• External SYNC
• BPEXT Pin Boosts Efficiency by Supporting
External Bias Power Switch Over
• OC, OV, UV, and OT Fault Protection
• 40-Pin, 6 mm × 6 mm VQFN Package with 0.5-mm
Pitch
• 40-Pin, 5 mm × 5 mm WQFN Package with 0.4-
mm Pitch
• Create a Custom Design using the TPS40422
device with the WEBENCH® Power Designer

2 Applications
• Multiple Rail Systems
• Telecom Base Station
• Switcher/Router Networking
• Server and Storage System

3 Description
The TPS40422 is a dual-output PMBus protocol,
synchronous buck controller. It can be configured also
for a single, two-phase output.
The wide input range supports 5-V and 12-V
intermediate buses. The accurate reference voltage
satisfies the need of precision voltage to the modern
ASICs and potentially reduces the output capacitance.
Voltage mode control reduces noise sensitivity and
also ensures low duty ratio conversion.




Similar Part No. - CSD87350Q5D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD87350Q5D TI1-CSD87350Q5D Datasheet
761Kb / 20P
Synchronous Buck NexFET??Power Block
CSD87350Q5D TI1-CSD87350Q5D Datasheet
3Mb / 49P
Using the PWR091EVM Dual-Output DC/DC Analog With PMBus Interface
CSD87350Q5D TI2-CSD87350Q5D Datasheet
589Kb / 23P
CSD87350Q5D Synchronous Buck NexFET™ Power Block
REVISED FEBRUARY 2017
CSD87350Q5D TI2-CSD87350Q5D Datasheet
781Kb / 27P
CSD87350Q5D Synchronous Buck NexFET™ Power Block
REVISED FEBRUARY 2017
CSD87350Q5D.B TI2-CSD87350Q5D.B Datasheet
589Kb / 23P
CSD87350Q5D Synchronous Buck NexFET™ Power Block
REVISED FEBRUARY 2017
More results


Similar Description - CSD87350Q5D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5120 TI-TPS5120 Datasheet
291Kb / 20P
DUAL OUTPUT, TWO PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS40322 TI1-TPS40322 Datasheet
1,023Kb / 40P
Dual Output or Two-Phase Synchronous Buck Controller
TPS40422 TI1-TPS40422 Datasheet
965Kb / 54P
Dual-Output or Two-Phase Synchronous Buck Controller with PMBus
TPS5120-EP TI1-TPS5120-EP Datasheet
483Kb / 23P
DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120-Q1 TI1-TPS5120-Q1 Datasheet
325Kb / 21P
DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI-TPS5120_15 Datasheet
858Kb / 24P
DUAL OUTPUT,TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
Dual Output or Two-Phase Synchronous Buck Controller
TPS5120 TI1-TPS5120_16 Datasheet
840Kb / 23P
DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS40422 TI1-TPS40422_16 Datasheet
2Mb / 71P
Dual-Output or Two-Phase Synchronous Buck Controller with PMBus Interface
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com