Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS51601A Datasheet (PDF) - Texas Instruments

TPS51601A Datasheet PDF - Texas Instruments
Part # TPS51601A
Download  TPS51601A Download
File Size   984.21 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Dual High Efficiency Synchronous MOSFET Driver

TPS51601A Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS51601A Datasheet PDF - Texas Instruments

Part # TPS51601A
Download  TPS51601A Click to download

File Size   984.21 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Dual High Efficiency Synchronous MOSFET Driver

TPS51601A Datasheet (HTML) - Texas Instruments


TPS51601A Product details

1FEATURES
• High Voltage Synchronous Buck Driver
• Integrated Boost Switch for Bootstrap Action
• Adaptive Dead Time Control and Shoot-
through Protection
• 0.4-Ω Sink Resistance for Low-side Drive
• 1.0-Ω Source Resistance for High-side Drive
• SKIP Pin to Improve Light-Load Efficiency
• Adaptive Zero-Crossing Detection for Optimal
Light-Load Efficiency
• 8-Pin 3 mm × 3 mm SON (DRB) Package

APPLICATIONS
• Mobile core regulator products
• High frequency DC-DC Converters
• High input voltage DC-DC converters
• Multiphase DC-DC converters

DESCRIPTION
The TPS51601A is a synchronous buck MOSFET
driver with integrated boost switch. This high-
performance driver is capable of driving high-side and
low-side side N-channel FETs with the highest speed
and lowest switching loss. Adaptive dead-time control
and shoot-through protection are included.
The TPS51601A is available in the space-saving 8-
pin 3 mm × 3 mm SON package and operates
between –40°C and 105°C.




Similar Part No. - TPS51601A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51601A TI1-TPS51601A Datasheet
949Kb / 19P
Dual High Efficiency Synchronous MOSFET Driver
TPS51601A TI2-TPS51601A Datasheet
974Kb / 20P
Dual High Efficiency Synchronous MOSFET Driver
MAY 2012
TPS51601ADRBR TI1-TPS51601ADRBR Datasheet
949Kb / 19P
Dual High Efficiency Synchronous MOSFET Driver
TPS51601ADRBR TI2-TPS51601ADRBR Datasheet
974Kb / 20P
Dual High Efficiency Synchronous MOSFET Driver
MAY 2012
TPS51601ADRBR.B TI2-TPS51601ADRBR.B Datasheet
974Kb / 20P
Dual High Efficiency Synchronous MOSFET Driver
MAY 2012
More results


Similar Description - TPS51601A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27221 TI-UCC27221 Datasheet
488Kb / 27P
HIGH EFFICIENCY PREDICTIVE SYNCHRONOUS BUCK DRIVER
logo
Microchip Technology
MCP14700 MICROCHIP-MCP14700 Datasheet
371Kb / 26P
Dual Input Synchronous MOSFET Driver
2009
logo
Texas Instruments
TPS51601A TI1-TPS51601A Datasheet
949Kb / 19P
Dual High Efficiency Synchronous MOSFET Driver
logo
Richtek Technology Corp...
RT9625A RICHTEK-RT9625A Datasheet
212Kb / 14P
Dual-Channel Synchronous Rectified MOSFET Driver
RT9625B RICHTEK-RT9625B Datasheet
200Kb / 14P
Dual-Channel Synchronous Rectified MOSFET Driver
logo
Microchip Technology
MCP14700 MICROCHIP-MCP14700_13 Datasheet
688Kb / 28P
Dual Input Synchronous MOSFET Driver
11/29/12
logo
Texas Instruments
UCC27221 TI1-UCC27221_15 Datasheet
1Mb / 34P
HIGH-EFFICIENCY PREDICTIVE SYNCHRONOUS BUCK DRIVER
logo
ON Semiconductor
NCP81152 ONSEMI-NCP81152 Datasheet
83Kb / 8P
Synchronous Buck Dual MOSFET Driver
January, 2015 ??Rev. 2
logo
Texas Instruments
UC27221 TI1-UC27221 Datasheet
1Mb / 34P
HIGH-EFFICIENCY PREDICTIVE SYNCHRONOUS BUCK DRIVER
logo
Renesas Technology Corp
RAA220002 RENESAS-RAA220002 Datasheet
298Kb / 17P
Dual Synchronous Rectified Buck MOSFET Driver
Jul.8.19
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com