Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS3899PL31DSER.A Datasheet (PDF) - Texas Instruments

TPS3899PL31DSER.A Datasheet PDF - Texas Instruments
Part # TPS3899PL31DSER.A
Download  TPS3899PL31DSER.A Download
File Size   1444.83 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS3899 Nano-Power, Precision Voltage Supervisor, Push-Button Monitor with Programmable Sense and Reset Delay

TPS3899PL31DSER.A Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS3899PL31DSER.A Datasheet PDF - Texas Instruments

Part # TPS3899PL31DSER.A
Download  TPS3899PL31DSER.A Click to download

File Size   1444.83 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS3899 Nano-Power, Precision Voltage Supervisor, Push-Button Monitor with Programmable Sense and Reset Delay

TPS3899PL31DSER.A Datasheet (HTML) - Texas Instruments


TPS3899PL31DSER.A Product details

1 Features
• Functional Safety-Capable
– Documentation available to aid functional safety
system design
• Precision voltage and push-button monitor
• VDD range: 0.85V to 6V ( DL and PL outputs)
• VDD range: 1V to 6V ( PH output)
• Programmable sense and reset delay
• Nano quiescent current: 125nA (typical)
• High threshold accuracy: ±0.5% (typical)
• Precision hysteresis: 5% (typical)
• Adjustable threshold voltage: 0.505V (typical)
• Fixed threshold voltage: 0.8V to 5.4V
– Fixed threshold level available in 100mV steps
• Multiple output topologies
– DL: open-drain active-low
– PL: push-pull active-low
– PH: push-pull active-high
• Temperature range: –40°C to +125°C
• Package: 1.5mm × 1.5mm WSON

2 Applications
• Electricity meters
• Building automation
• Body Control Module (BCM)
• Data center and enterprise computing
• Notebooks, desktop computers, servers
• Smartphones, hand-held products
• Portable, battery-powered equipment
• Solid-state drives
• STB & DVR

3 Description
The TPS3899 is a nano power, precision voltage
supervisor with ±0.5% threshold accuracy and
programmable sense and reset time delay in a 6
pin space saving 1.5mm x 1.5mm WSON package.
The TPS3899 is a feature-rich voltage supervisor that
offers the smallest total solution size in its class. Builtin
hysteresis along with programmable delay prevent
false reset signals when monitoring a voltage rail or
push button signals.
The separate VDD and SENSE pins allow for
the redundancy sought by high-reliability systems.
SENSE is decoupled from VDD and can monitor rail
voltages other than VDD. Optional use of external
resistors are supported by the high impedance input
of the SENSE pin. Both CTS and CTR provide delay
adjustability on the rising and falling edges of the
RESET signals. CTS also functions as a debouncer
by ignoring voltage glitches on the monitored voltage
rails and operates as a "manual reset" that can be
used to force a system reset.
The precision performance, best in-class features
in a compact form factor, makes the TPS3899
an ideal solution for wide ranging industrial and
battery-powered applications such as Factory/Building
Automation, Motor Drives, and consumer products.
The device is fully specified over a temperature range
of –40°C to +125°C (TA).




Similar Part No. - TPS3899PL31DSER.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3899PL31DSER TI-TPS3899PL31DSER Datasheet
2Mb / 33P
TPS3899 Nano-Power, Precision Voltage Supervisor, Push-Button Monitor with Programmable Sense and Reset Delay
DECEMBER 2020
TPS3899PL31DSER TI-TPS3899PL31DSER Datasheet
2Mb / 34P
TPS3899 Nano-Power, Precision Voltage Supervisor, Push-Button Monitor with Programmable Sense and Reset Delay
JANUARY 2022
TPS3899PL31DSER TI-TPS3899PL31DSER Datasheet
2Mb / 34P
TPS3899 Nano-Power, Precision Voltage Supervisor, Push-Button Monitor with Programmable Sense and Reset Delay
JANUARY 2022
More results


Similar Description - TPS3899PL31DSER.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3899 TI-TPS3899 Datasheet
999Kb / 23P
Nano 125 nA IQ, 1% Accurate Voltage Supervisor, Push-Button Monitor with Programmable Sense and Reset Delay
TPS3899 TI-TPS3899_V01 Datasheet
1Mb / 25P
Nano 125 nA IQ, 1% Accurate Voltage Supervisor, Push-Button Monitor with Programmable Sense and Reset Delay
TPS3899-Q1 TI-TPS3899-Q1 Datasheet
1Mb / 28P
TPS3899-Q1 Nano-Power, Precision Voltage Supervisor, Push-Button Monitor with Programmable Sense and Reset Delay
TPS3899-Q1 TI-TPS3899-Q1_V01 Datasheet
2Mb / 33P
TPS3899-Q1 Nano-Power, Precision Voltage Supervisor, Push-Button Monitor with Programmable Sense and Reset Delay
SEPTEMBER 2021
TPS3899 TI-TPS3899_V02 Datasheet
2Mb / 33P
TPS3899 Nano-Power, Precision Voltage Supervisor, Push-Button Monitor with Programmable Sense and Reset Delay
DECEMBER 2020
TPS3899 TI-TPS3899_V03 Datasheet
2Mb / 34P
TPS3899 Nano-Power, Precision Voltage Supervisor, Push-Button Monitor with Programmable Sense and Reset Delay
JANUARY 2022
TPS3899-Q1 TI-TPS3899-Q1_V02 Datasheet
2Mb / 33P
TPS3899-Q1 Nano-Power, Precision Voltage Supervisor, Push-Button Monitor with Programmable Sense and Reset Delay
SEPTEMBER 2021
TPS3899 TI-TPS3899_V04 Datasheet
2Mb / 34P
TPS3899 Nano-Power, Precision Voltage Supervisor, Push-Button Monitor with Programmable Sense and Reset Delay
JANUARY 2022
TPS3760 TI-TPS3760_V01 Datasheet
1Mb / 40P
TPS3760 High Voltage Supervisor with Programmable Sense and Reset Delay Function
MARCH 2022
TPS3760 TI-TPS3760_V02 Datasheet
1Mb / 44P
TPS3760 High Voltage Supervisor with Programmable Sense and Reset Delay Function
REVISED SEPTEMBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com