Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASR1100 Datasheet (PDF) - AEROTECH US. ALL RIGHTS RESERVED.

ASR1100 Datasheet PDF - AEROTECH US. ALL RIGHTS RESERVED.
Part # ASR1100
Download  ASR1100 Download
File Size   497.15 Kbytes
Page   4 Pages
Manufacturer  AEROTECH [AEROTECH US. ALL RIGHTS RESERVED.]
Direct Link  https://www.aerotech.com/
Logo AEROTECH - AEROTECH US. ALL RIGHTS RESERVED.
Description Mechanical-Bearing Direct-Drive Rotary Collet Stage

ASR1100 Datasheet (PDF)

Go To PDF Page Download Datasheet
ASR1100 Datasheet PDF - AEROTECH US. ALL RIGHTS RESERVED.

Part # ASR1100
Download  ASR1100 Click to download

File Size   497.15 Kbytes
Page   4 Pages
Manufacturer  AEROTECH [AEROTECH US. ALL RIGHTS RESERVED.]
Direct Link  https://www.aerotech.com/
Logo AEROTECH - AEROTECH US. ALL RIGHTS RESERVED.
Description Mechanical-Bearing Direct-Drive Rotary Collet Stage

ASR1100 Datasheet (HTML) - AEROTECH US. ALL RIGHTS RESERVED.


ASR1100 Product details

Integral pneumatic collet chuck
ER16 collet accepts 0.5 mm to 10 mm O.D. tubing
Clear aperture for product feed-through
Threaded collet retainer enables rapid tooling changeover
Normally-closed collet configuration
Low-inertia shaft for maximum acceleration
Direct-drive brushless motor and encoder
Maintenance-free, frictionless rotary union
High-speed (2000 rpm) and standard-speed (800 rpm) options




Similar Part No. - ASR1100

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
ASR11P13P CIT-ASR11P13P Datasheet
655Kb / 8P
CIT SWITCH
ASR11P23P CIT-ASR11P23P Datasheet
655Kb / 8P
CIT SWITCH
ASR11P43P CIT-ASR11P43P Datasheet
655Kb / 8P
CIT SWITCH
ASR11P47P CIT-ASR11P47P Datasheet
655Kb / 8P
CIT SWITCH
ASR11P48P CIT-ASR11P48P Datasheet
655Kb / 8P
CIT SWITCH
More results


Similar Description - ASR1100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M6033 ETC1-M6033 Datasheet
29Kb / 3P
MECHANICAL SOUND MOTOR DRIVE
logo
SONiX Technology Compan...
SNC206 SONIX-SNC206 Datasheet
340Kb / 11P
Direct Drive Speech Controller
logo
Estek Electronics Co. L...
ICL7116 ESTEK-ICL7116 Datasheet
245Kb / 4P
Direct Display Drive
logo
List of Unclassifed Man...
450-CK1532 ETC2-450-CK1532 Datasheet
92Kb / 1P
Collet Knobs
logo
Schneider Electric
S29337 SCHNEIDER-S29337 Datasheet
140Kb / 2P
CB DIRECT MOUNTED ROTARY HANDLE
Apr 19, 2021
logo
Festo Corporation.
8087819 FESTO-8087819 Datasheet
97Kb / 3P
Rotary drive unit
5/30/22
8087820 FESTO-8087820 Datasheet
97Kb / 3P
Rotary drive unit
5/30/22
8087821 FESTO-8087821 Datasheet
98Kb / 3P
Rotary drive unit
5/30/22
8087822 FESTO-8087822 Datasheet
98Kb / 3P
Rotary drive unit
5/30/22
logo
New Scale Technologies,...
M3-RS-U2-4.5-360 NEWSCALE-M3-RS-U2-4.5-360 Datasheet
282Kb / 2P
Rotary Smart Stage
1-6-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com