Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS51916 Datasheet (PDF) - Texas Instruments

TPS51916 Datasheet PDF - Texas Instruments
Part # TPS51916
Download  TPS51916 Download
File Size   1848.82 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS51916 Complete DDR2, DDR3, DDR3L and DDR4 Memory Power Solution Synchronous Buck Controller, 2-A LDO, Buffered Reference

TPS51916 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS51916 Datasheet PDF - Texas Instruments

Part # TPS51916
Download  TPS51916 Click to download

File Size   1848.82 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS51916 Complete DDR2, DDR3, DDR3L and DDR4 Memory Power Solution Synchronous Buck Controller, 2-A LDO, Buffered Reference

TPS51916 Datasheet (HTML) - Texas Instruments


TPS51916 Product details

1 Features
1• Synchronous Buck Controller (VDDQ)
– Conversion Voltage Range: 3 V to 28 V
– Output Voltage Range: 0.7 V to 1.8 V
– 0.8% VREF Accuracy
– Selectable Control Architecture
– D-CAP™ Mode for Fast Transient
Response
– D-CAP2™ Mode for Ceramic Output
Capacitors
– Selectable 300 kHz, 400 kHz, 500 kHz, or
670 kHz Switching Frequencies
– Optimized Efficiency at Light and Heavy Loads
with Auto-skip Function
– Supports Soft-Off in S4 and S5 States
– OCL/OVP/UVP/UVLO Protections
– Powergood Output
• 2-A LDO(VTT), Buffered Reference(VTTREF)
– 2-A (Peak) Sink and Source Current
– Buffered, Low Noise, 10-mA VTTREF Output
– 0.8% VTTREF, 20-mV VTT Accuracy
– Supports High-Z (S3) and Soft-Off (S4, S5)
• Thermal Shutdown
• 20-Pin, 3 mm × 3 mm, QFN Package
• Create a WEBENCH Design

2 Applications
• Memory Power Supplies: DDR2, DDR3, DDR3L,
DDR4
• Termination: SSTL_18, SSTL_15, SSTL_135,
HSTL

3 Description
The TPS51916 device provides a complete power
supply for DDR2, DDR3, DDR3L, and DDR4 memory
systems in the lowest total cost and minimum space.
It integrates a synchronous buck regulator controller
(VDDQ) with a 2-A sink and 2-A source tracking LDO
(VTT) and buffered low noise reference (VTTREF).
The device employs D-CAP™ mode coupled with
300 kHz or 400 kHz frequencies for ease-of-use and
fast transient response or D-CAP2™ mode coupled
with higher 500 kHz or 670 kHz frequencies to
support ceramic output capacitor without an external
compensation circuit. The VTTREF tracks VDDQ/2
within excellent 0.8% accuracy. The VTT, which
provides 2-A sink and 2-A source peak current
capabilities, requires only 10-μF of ceramic
capacitance. A dedicated LDO supply input is
available.
The device also provides excellent power supply
performance. It supports flexible power state control,
placing VTT at high-Z in S3 and discharging VDDQ,
VTT and VTTREF (soft-off) in S4 or S5 state.
Programmable OCL with low-side MOSFET RDS(on)
sensing, OVP, UVP, UVLO and thermal shutdown
protections are also available.




Similar Part No. - TPS51916

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51916 TI1-TPS51916 Datasheet
959Kb / 33P
Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller, 2-A LDO, Buffered Reference
TPS51916EVM-746 TI1-TPS51916EVM-746 Datasheet
1Mb / 23P
Using the TPS51916EVM-746 Complete DDR2, DDR3
TPS51916RUK TI1-TPS51916RUK Datasheet
1Mb / 23P
Using the TPS51916EVM-746 Complete DDR2, DDR3
TPS51916RUKR TI1-TPS51916RUKR Datasheet
959Kb / 33P
Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller, 2-A LDO, Buffered Reference
TPS51916RUKR TI1-TPS51916RUKR Datasheet
975Kb / 34P
Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck
More results


Similar Description - TPS51916

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51216 TI1-TPS51216 Datasheet
770Kb / 30P
Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller, 2-A LDO, Buffered Reference
TPS51916 TI1-TPS51916 Datasheet
959Kb / 33P
Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller, 2-A LDO, Buffered Reference
TPS51716 TI-TPS51716 Datasheet
1Mb / 30P
Complete DDR2, DDR3, DDR3L, and LPDDR3 Memory Power Solution Synchronous Buck Controller, 2-A LDO, with Buffered Reference
TPS51116 TI1-TPS51116_12 Datasheet
1Mb / 42P
COMPLETE DDR, DDR2 AND DDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
TPS51116RGETG4 TI-TPS51116RGETG4 Datasheet
1Mb / 42P
COMPLETE DDR, DDR2 AND DDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
TPS51116RGETG4 TI1-TPS51116RGETG4 Datasheet
1Mb / 42P
COMPLETE DDR, DDR2 AND DDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
logo
Global Mixed-mode Techn...
G5316 GMT-G5316 Datasheet
82Kb / 2P
Complete DDR2, DDR3 and DDR3L Memory Solution Synchronous Buck PWM Controller, 2A LDO, Buffered Reference
logo
Texas Instruments
TPS51216 TI1-TPS51216_15 Datasheet
1Mb / 33P
Complete DDR2 DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller
TPS51116-EP TI1-TPS51116-EP Datasheet
1Mb / 38P
COMPLETE DDR, DDR2, DDR3, AND LPDDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 1-A LDO, BUFFERED REFERENCE
TPS51116 TI1-TPS51116_16 Datasheet
1Mb / 45P
Complete DDR, DDR2, DDR3, and LPDDR3 Memory Power Solution Synchronous Buck Controller, 3-A LDO, Buffered Reference
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com