Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS53127 Datasheet (PDF) - Texas Instruments

TPS53127 Datasheet PDF - Texas Instruments
Part # TPS53127
Download  TPS53127 Download
File Size   2099.13 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS53127 Dual Synchronous Step-Down Controller For Low Voltage Power Rails

TPS53127 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS53127 Datasheet PDF - Texas Instruments

Part # TPS53127
Download  TPS53127 Click to download

File Size   2099.13 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS53127 Dual Synchronous Step-Down Controller For Low Voltage Power Rails

TPS53127 Datasheet (HTML) - Texas Instruments


TPS53127 Product details

1 Features
1• D-CAP2™ Mode Control
– Fast Transient Response
– No External Parts Required for Loop
Compensation
– Compatible With Ceramic Output Capacitors
• High Initial Reference Accuracy (±1%)
• Low Output Ripple
• Wide Input Voltage Range: 4.5 V to 24 V
• Output Voltage Range: 0.76 V to 5.5 V
• Low-Side RDS(ON) Loss-Less Current Sensing
• Adaptive Gate Drivers with Integrated Boost Diode
• Adjustable Soft Start
• Non-Sinking Pre-Biased Soft Start
• 700-kHz Switching Frequency
• Cycle-by-Cycle Over-Current Limiting Control
• 30-mV to 300-mV OCP Threshold Voltage
• Thermally Compensated OCP by 4000 ppm/°C at
ITRIP

2 Applications
• Point-of-Load Regulation in Low Power Systems
for Wide Range of Applications
– Digital TV Power Supply
– Networking Home Pin
– Digital Set-Top Box (STB)
– DVD Player/Recorder
– Gaming Consoles

3 Description
The TPS53127 is a dual, adaptive on-time D-CAP2™
mode synchronous buck controller. The part enables system designers to cost effectively complete the
suite of various end equipment's power bus
regulators with a low external component count and
low standby consumption. The main control loop for
the TPS53127 uses the D-CAP2™ Mode topology which provides a very fast transient response with no
external component.
The TPS53127 also has a proprietary circuit that
enables the device to adapt not only low equivalent
series resistance (ESR) output capacitors such as
POSCAP/SP-CAP, but also ceramic capacitor. The part provides a convenient and efficient operation
with conversion voltages from 4.5 V to 24 V and
output voltage from 0.76 V to 5.5 V.
The TPS53127 is available in the 24 pin RGE/PW
package, and is specified from –40°C to 85°C
ambient temperature range.




Similar Part No. - TPS53127

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53127 TI-TPS53127 Datasheet
482Kb / 23P
DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53127 TI-TPS53127 Datasheet
843Kb / 29P
DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53127PW TI-TPS53127PW Datasheet
482Kb / 23P
DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53127PW TI-TPS53127PW Datasheet
843Kb / 29P
DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53127PWR TI-TPS53127PWR Datasheet
482Kb / 23P
DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
More results


Similar Description - TPS53127

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51124 TI-TPS51124 Datasheet
1Mb / 22P
DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53124 TI-TPS53124 Datasheet
719Kb / 22P
Dual Synchronous Step-Down Controller For Low-Voltage Power Rails
TPS53126 TI-TPS53126 Datasheet
979Kb / 30P
DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53125 TI-TPS53125 Datasheet
462Kb / 22P
DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53127 TI-TPS53127 Datasheet
482Kb / 23P
DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53127 TI-TPS53127_1 Datasheet
843Kb / 29P
DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53128 TI-TPS53128 Datasheet
788Kb / 29P
DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53129 TI-TPS53129 Datasheet
761Kb / 29P
DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53125 TI-TPS53125_15 Datasheet
1Mb / 33P
TPS53125 Dual Synchronous Step-Down Controller for Low Voltage Power Rails
TPS53127 TI-TPS53127_15 Datasheet
1Mb / 30P
TPS53127 Dual Synchronous Step-Down Controller For Low Voltage Power Rails
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com