Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS5401 Datasheet (PDF) - Texas Instruments

TPS5401 Datasheet PDF - Texas Instruments
Part # TPS5401
Download  TPS5401 Download
File Size   2083.99 Kbytes
Page   51 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS5401 0.5-A, 42-V Input, Step-Down Converter

TPS5401 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS5401 Datasheet PDF - Texas Instruments

Part # TPS5401
Download  TPS5401 Click to download

File Size   2083.99 Kbytes
Page   51 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS5401 0.5-A, 42-V Input, Step-Down Converter

TPS5401 Datasheet (HTML) - Texas Instruments


TPS5401 Product details

1 Features
1• 3.5-V to 42-V Input Voltage Range
• 200-mΩ High-Side MOSFET
• High Efficiency at Light Loads With a Pulse-
Skipping Eco-mode™ Control Scheme
• 116-μA Operating Quiescent Current
• 1.3-μA Shutdown Current
• 100-kHz to 2.5-MHz Switching Frequency
• Synchronizes to External Clock
• Adjustable Slow Start/Sequencing
• UV and OV Power-Good Output
• Adjustable UVLO Voltage and Hysteresis
• 0.8-V ±3.5% Internal Voltage Reference
• MSOP10 With PowerPAD™ Package
• Supported by WEBENCH

2 Applications
• 12-V and 24-V Industrial and Commercial Low-
Power Systems
• E-Meters

3 Description
The TPS5401 device is a 42-V, 0.5-A, step-down
regulator with an integrated high-side MOSFET.
Current-mode control provides simple external
compensation and flexible component selection. A
low-ripple pulse-skip mode reduces the supply
current to 116 μA when outputting regulated voltage
with no load. Using the enable pin, shutdown supply
current is reduced to 1.3 μA when the enable pin is
low.
Undervoltage lockout is internally set at 2.5 V, but
can be increased using the enable pin. The output
voltage start-up ramp is controlled by the slow-start
pin that can also be configured for
sequencing/tracking. An open-drain power-good
signal indicates the output is within 94% to 107% of
its nominal voltage.
A wide switching-frequency range allows efficiency
and external component size optimization. Frequency
foldback and thermal shutdown protect the part
during an overload condition.
The TPS5401 is available in a 10-pin thermally
enhanced MSOP PowerPAD package.




Similar Part No. - TPS5401

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5401 TI-TPS5401 Datasheet
833Kb / 37P
0.5-A, 42-V Input, Step-Down SWIFT??Converter
TPS54010 TI-TPS54010 Datasheet
707Kb / 25P
2.2 - 4 -V, 14-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54010 TI-TPS54010 Datasheet
71Kb / 4P
SWIFT Converter Product Portfolio
TPS54010 TI1-TPS54010 Datasheet
1Mb / 31P
2.2-V to 4-V, 14-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54010 TI1-TPS54010 Datasheet
1Mb / 30P
2.2 ??4 -V, 14-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
More results


Similar Description - TPS5401

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5401 TI-TPS5401 Datasheet
833Kb / 37P
0.5-A, 42-V Input, Step-Down SWIFT??Converter
TPS54040A TI1-TPS54040A Datasheet
2Mb / 48P
0.5 A, 42 V Step Down SWIFT??DC/DC Converter with ECO-MODE?
TPS54040-Q1 TI1-TPS54040-Q1 Datasheet
2Mb / 53P
0.5-A 42-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode?
TPS57040-Q1 TI1-TPS57040-Q1 Datasheet
2Mb / 52P
0.5-A 42-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode?
TPS5401EVM-708 TI-TPS5401EVM-708 Datasheet
1Mb / 41P
0.5-A, 42-V Input, Step-Down SWIFT??Converter
TPS5401EVM-708 TI1-TPS5401EVM-708 Datasheet
1Mb / 41P
0.5-A, 42-V Input, Step-Down SWIFT Converter
TPS5401 TI-TPS5401_15 Datasheet
1Mb / 45P
TPS5401 0.5-A, 42-V Input, Step-Down SWIFT??Converter
TPS54040A TI-TPS54040A_15 Datasheet
2Mb / 52P
0.5 A, 42 V Step Down DC/DC Converter with Eco-mode?
TPS57040-Q1 TI-TPS57040-Q1_15 Datasheet
2Mb / 51P
TPS57040-Q1 0.5-A 42-V Step-Down DC-DC Converter With Eco-mode?
TPS54541 TI1-TPS54541_16 Datasheet
2Mb / 52P
4.5-V to 42-V Input, 5-A Step-Down DC-DC Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com