Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS548B22 Datasheet (PDF) - Texas Instruments

TPS548B22 Datasheet PDF - Texas Instruments
Part # TPS548B22
Download  TPS548B22 Download
File Size   4697.92 Kbytes
Page   46 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS548B22 1.5-V to 18-V VIN, 4.5-V to 22-V VDD, 25-A SWIFT™ Synchronous Step-Down Converter With Full Differential Sense

TPS548B22 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS548B22 Datasheet PDF - Texas Instruments

Part # TPS548B22
Download  TPS548B22 Click to download

File Size   4697.92 Kbytes
Page   46 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS548B22 1.5-V to 18-V VIN, 4.5-V to 22-V VDD, 25-A SWIFT™ Synchronous Step-Down Converter With Full Differential Sense

TPS548B22 Datasheet (HTML) - Texas Instruments


TPS548B22 Product details

1 Features
1• Conversion Input Voltage Range (PVIN): 1.5 V to
18 V
• Input Bias Voltage (VDD) Range: 4.5 V to 22 V
• Output Voltage Range: 0.6 V to 5.5 V
• Integrated, 4.1-mΩ and 1.9-mΩ Power MOSFETs
With 25-A Continuous Output Current
• Voltage Reference 0.6 V to 1.2 V in 50-mV Steps
Using VSEL Pin
• ±0.5%, 0.9-VREF Tolerance Range: –40°C to
+125°C Junction Temperature
• True Differential Remote Sense Amplifier
• D-CAP3™ Control Loop to Support Large Bulk
Capacitors and/or Small MLCCs Without External
Compensation
• Adaptive On-Time Control With 4 Selectable
Frequency Settings: 425 kHz, 650 kHz, 875 kHz
and 1.05 MHz
• Temperature Compensated and with
Programmable Positive and Negative Current
Limit and OC Clamp
• Choice of Hiccup or Latch-Off OVP or UVP
• VDD UVLO External Adjustment by Precision EN
Hysteresis
• Prebias Start-up Support
• Eco-Mode and FCCM Selectable
• Full Suite of Fault Protection and PGOOD
• 7 mm × 5 mm × 1.5 mm, 40-Pin, Stack Clipped
LQFN-CLIP Package

2 Applications
• Enterprise Storage, SSD, NAS
• Wireless and Wired Communication Infrastructure
• Industrial PCs, Automation, ATE, PLC, Video
Surveillance
• Enterprise Server, Switches, Routers
• AISIC, SoC, FPGA, DSP Core and I/O Rails

3 Description
The TPS548B22 device is a compact single buck
converter with adaptive on-time, D-CAP3 mode
control. It is designed for high accuracy, high
efficiency, fast transient response, ease-of-use, low
external component count, and space-conscious
power systems.
This device features full differential sense, TI
integrated FETs with a high-side on-resistance of
4.1 mΩ and a low-side on-resistance of 1.9 mΩ. The
device also features accurate 0.5%, 0.9-V reference
with an ambient temperature range between –40°C
and +125°C. Competitive features include: very low
external component count, accurate load regulation
and line regulation, output voltage setpoint accuracy,
auto-skip or FCCM mode operation, and internal softstart
control.
The TPS548B22 device is available in 7 mm × 5 mm,
40-pin, LQFN-CLIP (RVF) package (RoHs exempt).




Similar Part No. - TPS548B22

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS548B22 TI1-TPS548B22 Datasheet
4Mb / 45P
1.5-V to 18-V VIN, 4.5-V to 22-V VDD, 25-A SWIFT Synchronous Step-Down Converter with Full Differential Sense
TPS548B22RVFR TI1-TPS548B22RVFR Datasheet
4Mb / 45P
1.5-V to 18-V VIN, 4.5-V to 22-V VDD, 25-A SWIFT Synchronous Step-Down Converter with Full Differential Sense
TPS548B22RVFT TI1-TPS548B22RVFT Datasheet
4Mb / 45P
1.5-V to 18-V VIN, 4.5-V to 22-V VDD, 25-A SWIFT Synchronous Step-Down Converter with Full Differential Sense
More results


Similar Description - TPS548B22

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54339 TI-TPS54339 Datasheet
1,002Kb / 21P
4.5 V to 23 V Input, 3-A Synchronous Step-Down SWIFT Converter
TPS53515 TI1-TPS53515 Datasheet
1Mb / 33P
1.5 to 18 V (4.5 to 25 V bias) Input, 12-A Single Synchronous Step-Down SWIFT Converter
TPS53515 TI-TPS53515_15 Datasheet
5Mb / 39P
TPS53515 1.5-V to 18-V (4.5-V to 25-V Bias) Input, 12-A Single Synchronous Step-Down SWIFT??Converter
TPS56C215 TI1-TPS56C215 Datasheet
1Mb / 35P
4.5-V to 17-V Input , 12-A Synchronous Step-Down SWIFT Converter
TPS548D21 TI1-TPS548D21 Datasheet
7Mb / 45P
1.5-V to 16-V VIN, 4.5-V to 22-V VDD, 40-A SWIFT Synchronous Step-Down Converter Supporting AVSO and Full Differential Sense
TPS549D22 TI1-TPS549D22 Datasheet
8Mb / 63P
1.5-V to 16-V VIN, 4.5-V to 22-V VDD, 40-A SWIFT Synchronous Step-Down Converter with Full Differential Sense and PMBus
TPS548B22 TI1-TPS548B22 Datasheet
4Mb / 45P
1.5-V to 18-V VIN, 4.5-V to 22-V VDD, 25-A SWIFT Synchronous Step-Down Converter with Full Differential Sense
TPS568215OA TI1-TPS568215OA Datasheet
1Mb / 36P
4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT Converter
TPS549B22 TI1-TPS549B22 Datasheet
5Mb / 68P
1.5-V to 18-V VIN, 4.5-V to 22-V VDD, 25-A SWIFT Synchronous Step-Down Converter With Full Differential Sense and PMBus
TPS53915 TI-TPS53915 Datasheet
35Mb / 52P
TPS53915 1.5 to 18-V (4.5 to 25-V Bias) Input, 12-A Synchronous Step-Down SWIFT™ Converter With PMBus™
REVISED DECEMBER 2014
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com