Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS548D22 Datasheet (PDF) - Texas Instruments

TPS548D22 Datasheet PDF - Texas Instruments
Part # TPS548D22
Download  TPS548D22 Download
File Size   7541.18 Kbytes
Page   45 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS548D22 1.5-V to 16-V VIN, 4.5-V to 22-V VDD, 40-A SWIFT™ Synchronous Step-Down Converter with Full Differential Sense

TPS548D22 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS548D22 Datasheet PDF - Texas Instruments

Part # TPS548D22
Download  TPS548D22 Click to download

File Size   7541.18 Kbytes
Page   45 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS548D22 1.5-V to 16-V VIN, 4.5-V to 22-V VDD, 40-A SWIFT™ Synchronous Step-Down Converter with Full Differential Sense

TPS548D22 Datasheet (HTML) - Texas Instruments


TPS548D22 Product details

1 Features
1• Conversion Input Voltage Range (PVIN): 1.5 V to
16 V
• Input Bias Voltage (VDD) Range: 4.5 V to 22 V
• Output Voltage Range: 0.6 V to 5.5 V
• Integrated, 2.9-mΩ and 1.2-mΩ Power MOSFETs
With 40-A Continuous Output Current
• Voltage Reference 0.6 V to 1.2 V in 50-mV Steps
Using VSEL Pin
• ±0.5%, 0.9-VREF Tolerance Range: –40°C to
+125°C Junction Temperature
• True Differential Remote Sense Amplifier
• D-CAP3™ Control Loop to Support Large Bulk
Capacitors and/or Small MLCCs Without External
Compensation
• Adaptive On-Time Control with 4 Selectable
Frequency Settings: 425 kHz, 650 kHz, 875 kHz,
and 1.05 MHz
• Temperature Compensated and Programmable
Current Limit with RILIM and OC Clamp
• Choice of Hiccup or Latch-Off OVP or UVP
• VDD UVLO External Adjustment by Precision EN
Hysteresis
• Prebias Start-up Support
• Eco-mode™ and FCCM Selectable
• Full Suite of Fault Protection and PGOOD

2 Applications
• Enterprise Storage, SSD, NAS
• Wireless and Wired Communication Infrastructure
• Industrial PCs, Automation, ATE, PLC, Video
Surveillance
• Enterprise Server, Switches, Routers
• ASIC, SoC, FPGA, DSP Core, and I/O Rails

3 Description
The TPS548D22 device is a compact single buck
converter with adaptive on-time, D-CAP3 mode
control. It is designed for high accuracy, high
efficiency, fast transient response, ease-of-use, low
external component count and space-conscious
power systems.
This device features full differential sense, TI
integrated FETs with a high-side on-resistance of
2.9 mΩ and a low-side on-resistance of 1.2 mΩ. The
device also features accurate 0.5%, 0.9-V reference
with an ambient temperature range between –40°C
and +125°C. Competitive features include: very low
external component count, accurate load regulation
and line regulation, auto-skip or FCCM mode
operation, and internal soft-start control.
The TPS548D22 device is available in 7-mm × 5-mm,
40-pin, LQFN-CLIP (RVF) package (RoHs exempt).




Similar Part No. - TPS548D22

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS548D22 TI1-TPS548D22 Datasheet
304Kb / 10P
Synchronous Step-Down Converter
TPS548D22RVFR TI1-TPS548D22RVFR Datasheet
304Kb / 10P
Synchronous Step-Down Converter
TPS548D22RVFT TI1-TPS548D22RVFT Datasheet
304Kb / 10P
Synchronous Step-Down Converter
More results


Similar Description - TPS548D22

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54339 TI-TPS54339 Datasheet
1,002Kb / 21P
4.5 V to 23 V Input, 3-A Synchronous Step-Down SWIFT Converter
TPS56C215 TI1-TPS56C215 Datasheet
1Mb / 35P
4.5-V to 17-V Input , 12-A Synchronous Step-Down SWIFT Converter
TPS54620 TI1-TPS54620_16 Datasheet
2Mb / 46P
4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT Converter
TPS548D21 TI1-TPS548D21 Datasheet
7Mb / 45P
1.5-V to 16-V VIN, 4.5-V to 22-V VDD, 40-A SWIFT Synchronous Step-Down Converter Supporting AVSO and Full Differential Sense
TPS549D22 TI1-TPS549D22 Datasheet
8Mb / 63P
1.5-V to 16-V VIN, 4.5-V to 22-V VDD, 40-A SWIFT Synchronous Step-Down Converter with Full Differential Sense and PMBus
TPS568215 TI1-TPS568215 Datasheet
461Kb / 10P
4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT??Converter
TPS548B22 TI1-TPS548B22 Datasheet
4Mb / 45P
1.5-V to 18-V VIN, 4.5-V to 22-V VDD, 25-A SWIFT Synchronous Step-Down Converter with Full Differential Sense
TPS568215OA TI1-TPS568215OA Datasheet
1Mb / 36P
4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT Converter
TPS549B22 TI1-TPS549B22 Datasheet
5Mb / 68P
1.5-V to 18-V VIN, 4.5-V to 22-V VDD, 25-A SWIFT Synchronous Step-Down Converter With Full Differential Sense and PMBus
TPS54A24 TI1-TPS54A24 Datasheet
1Mb / 43P
4.5-V to 17-V Input, 10-A Synchronous SWIFT Step-Down Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com