Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS3840PL33DBVR Datasheet (PDF) - Texas Instruments

TPS3840PL33DBVR Datasheet PDF - Texas Instruments
Part # TPS3840PL33DBVR
Download  TPS3840PL33DBVR Download
File Size   1319.44 Kbytes
Page   45 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS3840 Nano Power, High Input Voltage Supervisor With MR and Programmable Delay

TPS3840PL33DBVR Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS3840PL33DBVR Datasheet PDF - Texas Instruments

Part # TPS3840PL33DBVR
Download  TPS3840PL33DBVR Click to download

File Size   1319.44 Kbytes
Page   45 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS3840 Nano Power, High Input Voltage Supervisor With MR and Programmable Delay

TPS3840PL33DBVR Datasheet (HTML) - Texas Instruments


TPS3840PL33DBVR Product details

1 Features
1• Wide operating voltage: 1.5 V to 10 V
• Nano supply current: 300 nA (Typ), 700 nA (Max)
• Fixed threshold voltage (VIT-)
– Threshold from 1.6 V to 4.9 V in 0.1-V steps
– High accuracy: 1% (Typ), 1.5% (Max)
– Built-in hysteresis (VIT+)
– 1.6 V < VIT- ≤ 3.0 V = 100 mV (Typical)
– 3.1 V ≤ VIT- < 4.9 V = 200 mV (Typical)
• Start-up delay (tSTRT): 220 μs (Typ), 350 μs (Max)
• Programmable reset time delay (tD):
– 50 μs (no capacitor) to 6.2 s (10-μF)
• Active-low manual reset (MR)
• Three output topologies:
– TPS3840DL: open-drain, active-low (RESET),
requires pull-up resistor
– TPS3840PL: push-pull, active-low (RESET)
– TPS3840PH: push-pull, active-high (RESET)
• Wide temperature range: –40°C to +125°C
• Package: SOT23-5 (DBV)

2 Applications
• Grid infrastructure: circuit breaker, smart meter,
other monitoring and protection equipment
• Factory automation: field transmitter, PLC.
• Building automation: fire safety, smoke detector,
and HVAC
• Electronic point of sale
• Portable, battery-powered systems

3 Description
Wide Vin allows monitoring 9V rails or batteries
without external components and 24V rails with
external resistors. Nano-Iq extends battery life for low
power applications and minimizes current
consumption when using external resistors. Fast
start-up delay allows the detection of a voltage fault
before the rest of the system powers up providing
maximum safety in hazardous start-up fault
conditions. Low Power-on-Reset (VPOR) prevents
false resets, premature enable or turn-on of next
device, and proper transistor control during power-up
and power-down.
Reset output signal is asserted when the voltage at
VDD drops below the negative voltage threshold (VIT-)
or when manual reset (MR) is pulled to a low logic
(VMR_L). Reset signal is cleared when VDD rise above
VIT- plus hysteresis (VIT+) and manual reset is floating
or above VMR_H and the reset time delay (tD) expires.
Reset time delay can be programmed by connecting
a capacitor between CT pin and ground. For a fast
reset CT pin can be left floating.
Additional features: Built-in glitch immunity protection
for MR and VDD, built-in hysteresis, low open-drain
output leakage current (ILKG(OD)).




Similar Part No. - TPS3840PL33DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3840PL33DBVR TI-TPS3840PL33DBVR Datasheet
1Mb / 46P
TPS3840 Nano Power, High Input Voltage Supervisor With MR and Programmable Delay
JANUARY 2020
TPS3840PL33DBVR TI-TPS3840PL33DBVR Datasheet
1Mb / 44P
TPS3840 Nano Power, High Input Voltage Supervisor With MR and Programmable Delay
REVISED JANUARY 2020
More results


Similar Description - TPS3840PL33DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3840 TI1-TPS3840 Datasheet
857Kb / 31P
Nano Power, High Input Voltage Supervisor With MR and Programmable Delay
TPS3840 TI1-TPS3840_19 Datasheet
936Kb / 33P
Nano Power, High Input Voltage Supervisor With MR and Programmable Delay
TPS3840-Q1 TI1-TPS3840-Q1 Datasheet
987Kb / 34P
Nano Power, High Input Voltage Supervisor With MR and Programmable Delay
TPS3840 TI1-TPS3840_V01 Datasheet
1Mb / 38P
Nano Power, High Input Voltage Supervisor With MR and Programmable Delay
TPS3840-Q1 TI1-TPS3840-Q1_V02 Datasheet
1Mb / 35P
TPS3840-Q1 Automotive Nano IQ Voltage Supervisor With MR and Programmable Delay
TPS3840 TI1-TPS3840_V02 Datasheet
1Mb / 40P
TPS3840 Nano Power, High Input Voltage Supervisor With MR and Programmable Delay
TPS3840 TI1-TPS3840_V03 Datasheet
1Mb / 44P
TPS3840 Nano Power, High Input Voltage Supervisor With MR and Programmable Delay
TPS3840 TI-TPS3840_V04 Datasheet
1Mb / 46P
TPS3840 Nano Power, High Input Voltage Supervisor With MR and Programmable Delay
JANUARY 2020
TPS3840 TI-TPS3840_V06 Datasheet
1Mb / 44P
TPS3840 Nano Power, High Input Voltage Supervisor With MR and Programmable Delay
REVISED JANUARY 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com