Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D40533725 Datasheet (PDF) - Glamox

D40533725 Datasheet PDF - Glamox
Part # D40533725
Download  D40533725 Download
File Size   245.7 Kbytes
Page   2 Pages
Manufacturer  GLAMOX [Glamox]
Direct Link  https://www.glamox.com/
Logo GLAMOX - Glamox
Description D40-R92A CH LED 700 AC830 40°

D40533725 Datasheet (PDF)

Go To PDF Page Download Datasheet
D40533725 Datasheet PDF - Glamox

Part # D40533725
Download  D40533725 Click to download

File Size   245.7 Kbytes
Page   2 Pages
Manufacturer  GLAMOX [Glamox]
Direct Link  https://www.glamox.com/
Logo GLAMOX - Glamox
Description D40-R92A CH LED 700 AC830 40°

D40533725 Datasheet (HTML) - Glamox




Similar Part No. - D40533725

ManufacturerPart #DatasheetDescription
logo
Glamox
D40533723 GLAMOX-D40533723 Datasheet
244Kb / 2P
D40-R92A WH LED 500 AC922-930 D2W 40°
D40533724 GLAMOX-D40533724 Datasheet
244Kb / 2P
D40-R92A CH LED 700 AC830 25°
D40533726 GLAMOX-D40533726 Datasheet
244Kb / 2P
D40-R92A CH LED 700 AC830 60°
More results


Similar Description - D40533725

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BUL43B MOTOROLA-BUL43B Datasheet
98Kb / 4P
POWER TRANSISTORS 2 AMPERES 700 VOLTS 40 WATTS
logo
Fairchild Semiconductor
FGH40T70SHD FAIRCHILD-FGH40T70SHD Datasheet
690Kb / 9P
700 V, 40 A Field Stop Trench IGBT
logo
LUMEX INC.
SSL-LX3054HD LUMEX-SSL-LX3054HD Datasheet
107Kb / 1P
T-3mm 700 RED LED
logo
PHOENIX CONTACT
2702935 PHOENIX-2702935 Datasheet
66Kb / 4P
LED machine light - PLD M 260 W-85/95 540/D40/SC
2702938 PHOENIX-2702938 Datasheet
66Kb / 4P
LED machine light - PLD M 260 W-40/80 190/D40
2702939 PHOENIX-2702939 Datasheet
66Kb / 4P
LED machine light - PLD M 260 W-40/80 365/D40
2702942 PHOENIX-2702942 Datasheet
65Kb / 4P
LED machine light - PLD M 260 W-40/80 715/D40
1774542 PHOENIX-1774542 Datasheet
184Kb / 5P
HC-KA-D40-BU/PER
1774843 PHOENIX-1774843 Datasheet
136Kb / 4P
HC-KA-D40-BU/PEL
1774856 PHOENIX-1774856 Datasheet
136Kb / 4P
HC-KA-D40-ST/PEL
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com