Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1380293 Datasheet (PDF) - PHOENIX CONTACT

1380293 Datasheet PDF - PHOENIX CONTACT
Part # 1380293
Download  1380293 Download
File Size   301.23 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ICC25-TS2,5/4L5,0-7035 - PCB terminal block

1380293 Datasheet (PDF)

Go To PDF Page Download Datasheet
1380293 Datasheet PDF - PHOENIX CONTACT

Part # 1380293
Download  1380293 Click to download

File Size   301.23 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ICC25-TS2,5/4L5,0-7035 - PCB terminal block

1380293 Datasheet (HTML) - PHOENIX CONTACT


1380293 Product details

Printed circuit board terminal, nominal current: 24 A, rated voltage (III/2): 300 V, nominal cross
section: 2.5 mm2, number of potentials: 4, number of rows: 1, number of positions per row: 4,
product range: ICC..-TS2,5/..L5,0, pitch: 5 mm, connection method: Screw connection with
tension sleeve, screw head form: H1L Slotted Phillips recess, mounting: Wave soldering,
conductor/PCB connection direction: 0 °, color: light gray, Pin layout: Linear pinning, Solder pin
[P]: 3.15 mm, number of solder pins per potential: 1, type of packaging: packed in cardboard.
Product with pin output on left side




Similar Part No. - 1380293

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1380294 PHOENIX-1380294 Datasheet
300Kb / 9P
ICC25-TS2,5/4R5,0-7035 - PCB terminal block
1380295 PHOENIX-1380295 Datasheet
300Kb / 9P
ICC25-TS1,5/5L3,5-7035 - PCB terminal block
1380298 PHOENIX-1380298 Datasheet
300Kb / 9P
ICC25-TS1,5/5R3,5-7035 - PCB terminal block
1380299 PHOENIX-1380299 Datasheet
291Kb / 8P
ICC20-TS2,5/3L5,0-9005 - PCB terminal block
More results


Similar Description - 1380293

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
EB15-XX-C-180 ADAM-TECH-EB15-XX-C-180 Datasheet
72Kb / 1P
TERMINAL BLOCK PCB
EB50-A-XX-B-BK ADAM-TECH-EB50-A-XX-B-BK Datasheet
73Kb / 1P
TERMINAL BLOCK PCB
EB105-XX-H ADAM-TECH-EB105-XX-H Datasheet
72Kb / 1P
TERMINAL BLOCK PCB
EB106-XX-D-BK ADAM-TECH-EB106-XX-D-BK Datasheet
72Kb / 1P
TERMINAL BLOCK PCB
EBI-XX-G ADAM-TECH-EBI-XX-G Datasheet
74Kb / 1P
TERMINAL BLOCK PCB
EBI-XX-RA-G ADAM-TECH-EBI-XX-RA-G Datasheet
69Kb / 1P
TERMINAL BLOCK PCB
logo
PHOENIX CONTACT
2203902 PHOENIX-2203902 Datasheet
110Kb / 3P
Feed-through header - ICC25-H/4L5,0-7035
2203903 PHOENIX-2203903 Datasheet
102Kb / 3P
Feed-through header - ICC25-H/4R5,0-7035
1072486 PHOENIX-1072486 Datasheet
109Kb / 5P
Feed-through header - ICC25-H/4L5,0-9005
10/28/2020
1102108 PHOENIX-1102108 Datasheet
237Kb / 10P
Printed-circuit board connector - ICC25-PPC1,5/5-3,5-AA-7035
Nov 16, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com