Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70224 Datasheet (PDF) - Microsemi Corporation

PD70224 Datasheet PDF - Microsemi Corporation
Part # PD70224
Download  PD70224 Download
File Size   7202.25 Kbytes
Page   22 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description IdealBridge Dual MOSFET-based Bridge Rectifier

PD70224 Datasheet (PDF)

Go To PDF Page Download Datasheet
PD70224 Datasheet PDF - Microsemi Corporation

Part # PD70224
Download  PD70224 Click to download

File Size   7202.25 Kbytes
Page   22 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description IdealBridge Dual MOSFET-based Bridge Rectifier

PD70224 Datasheet (HTML) - Microsemi Corporation


PD70224 Product details

21 Features
Active circuit with low forward-drop to replace dissipative passive diode bridges
Self-contained drive circuitry for MOSFETs
* Designed to support IEEE802 3af/at, UPOE and Power over HDBase-T (Pot)
Integrated 0.16 Q N-Channel MOSFETs for 0.32 Q total path resistance
* “Power present” indicator signals for identifying 4-pair bridge power
® Low leakage, < 10 A during detection
Wide operating voltage range up t0 57 V
* 40°C to +85°C ambient
Available in 40 pin package
® MsL3, Ros Compliant
22 Applications
® Power over Ethernet (all IEEE compliant 2-pair modes)
Proprietary pair standards, UPOE (Universal POE), IEEE802.3bt and POH




Similar Part No. - PD70224

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PD70224 MICROCHIP-PD70224 Datasheet
810Kb / 36P
PD Controller with Switching Regulator for AF/AT/UPOE/ HDBaseT/4-pair PoE Applications
2020
PD70224 MICROCHIP-PD70224 Datasheet
1Mb / 25P
IdealBridge??Dual MOSFET-Based Bridge Rectifier
2020
PD70224 MICROCHIP-PD70224 Datasheet
636Kb / 24P
IEEE짰 802.3af/at PD Front End IC
2020
PD70224 MICROCHIP-PD70224 Datasheet
754Kb / 30P
Front-End PD Interface Controller
2020
PD70224 MICROCHIP-PD70224 Datasheet
1Mb / 31P
PoE IEEE짰 802.3af/at PD Controller
2020
More results


Similar Description - PD70224

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CBR1-D020S CENTRAL-CBR1-D020S Datasheet
131Kb / 2P
1.0 AMP DUAL IN LINE BRIDGE RECTIFIER
logo
National Instruments Co...
USB-9237 NI-USB-9237 Datasheet
967Kb / 4P
Strain- and Bridge-Based Measurements
logo
Sensitron
SPM4007010 SENSITRON-SPM4007010 Datasheet
63Kb / 5P
Dual MOSFET BRIDGE, With Gate Driver
SPM4012006 SENSITRON-SPM4012006 Datasheet
63Kb / 5P
Dual MOSFET BRIDGE, With Gate Driver
logo
ON Semiconductor
NTSAF345 ONSEMI-NTSAF345 Datasheet
62Kb / 5P
Trench-based Schottky Rectifier
December, 2014 ??Rev. 0
NTSAF545 ONSEMI-NTSAF545 Datasheet
61Kb / 5P
Trench-based Schottky Rectifier
January, 2015 ??Rev. 1
logo
Nanjing International G...
MDS200 DGNJDZ-MDS200 Datasheet
313Kb / 2P
Phase Rectifier Bridge Rectifier Bridge
logo
ON Semiconductor
NTSAF345 ONSEMI-NTSAF345_16 Datasheet
60Kb / 5P
Trench-based Schottky Rectifier
November, 2016 ??Rev. 2
NTSAF545 ONSEMI-NTSAF545_16 Datasheet
55Kb / 5P
Trench-based Schottky Rectifier
November, 2016 ??Rev. 2
logo
Microchip Technology
PD70224 MICROCHIP-PD70224 Datasheet
1Mb / 25P
IdealBridge??Dual MOSFET-Based Bridge Rectifier
2020
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com