Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

50HVC22MC6 Datasheet (PDF) - VINATech Co.,Ltd.

50HVC22MC6 Datasheet PDF - VINATech Co.,Ltd.
Part # 50HVC22MC6
Download  50HVC22MC6 Download
File Size   829.41 Kbytes
Page   2 Pages
Manufacturer  VINATECH [VINATech Co.,Ltd.]
Direct Link  https://www.vinatech.com/en/
Logo VINATECH - VINATech Co.,Ltd.
Description Low ESR, High ripple current Load life of 4,000h at 125°C Compliance with AEC-Q200

50HVC22MC6 Datasheet (PDF)

Go To PDF Page Download Datasheet
50HVC22MC6 Datasheet PDF - VINATech Co.,Ltd.

Part # 50HVC22MC6
Download  50HVC22MC6 Click to download

File Size   829.41 Kbytes
Page   2 Pages
Manufacturer  VINATECH [VINATech Co.,Ltd.]
Direct Link  https://www.vinatech.com/en/
Logo VINATECH - VINATech Co.,Ltd.
Description Low ESR, High ripple current Load life of 4,000h at 125°C Compliance with AEC-Q200

50HVC22MC6 Datasheet (HTML) - VINATech Co.,Ltd.




Similar Part No. - 50HVC22MC6

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
50HV24B102KC KEMET-50HV24B102KC Datasheet
69Kb / 1P
HV RAD-LDD Indust X7R HV, Ceramic, 1000 pF, 10%, 5000 VDC, X7R, Commercial, High Voltage, Lead Spacing = 12.07mm
3/01/2022
50HV24B562MN KEMET-50HV24B562MN Datasheet
69Kb / 1P
HV RAD-LDD Indust X7R HV, Ceramic, 5600 pF, 20%, 5000 VDC, X7R, Commercial, High Voltage, Lead Spacing = 12.07mm
3/01/2022
50HV26B153KCM KEMET-50HV26B153KCM Datasheet
69Kb / 1P
HV RAD-LDD Indust X7R HV, Ceramic, 0.015 uF, 10%, 5000 VDC, X7R, Commercial, High Voltage, Lead Spacing = 17.15mm
3/01/2022
logo
VINATech Co.,Ltd.
50HVE100ME10 VINATECH-50HVE100ME10 Datasheet
827Kb / 2P
Low ESR, High ripple current Load life of 4,000h at 135°C Compliance with AEC-Q200
50HVE100ME10V VINATECH-50HVE100ME10V Datasheet
827Kb / 2P
Low ESR, High ripple current Load life of 4,000h at 135°C Compliance with AEC-Q200
More results


Similar Description - 50HVC22MC6

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECO-S1JA332EA PANASONIC-ECO-S1JA332EA Datasheet
583Kb / 7P
Long 3000 hour life at 105C with high ripple current capability
ECO-S1CA103CA PANASONIC-ECO-S1CA103CA Datasheet
593Kb / 7P
Long 3000 hour life at 105C with high ripple current capability
logo
Surge Components
HBV SURGE-HBV Datasheet
501Kb / 3P
low esr and high ripple current
HBW SURGE-HBW Datasheet
486Kb / 3P
low esr and high ripple current
logo
Illinois Capacitor, Inc...
396UVR016MEW ILLINOISCAPACITOR-396UVR016MEW_16 Datasheet
181Kb / 2P
Low ESR, High Ripple Current
logo
Jianghai Europe GmbH
CD11CCX JIANGHAI-CD11CCX Datasheet
1Mb / 4P
Load life of 1000hours at 85C
logo
Illinois Capacitor, Inc...
MPP ILLINOISCAPACITOR-MPP Datasheet
167Kb / 2P
High Ripple Current ??Low ESR ??High Reliability
logo
Kemet Corporation
PHA226MKP337RQE4 KEMET-PHA226MKP337RQE4 Datasheet
618Kb / 8P
PHA227, 125°C, Hybrid Axial, High CV, AEC-Q200
4/26/2022
PHA227 KEMET-PHA227 Datasheet
1Mb / 8P
PHA227, 125°C, Hybrid Axial, High CV, AEC-Q200
4/26/2022
PHH227 KEMET-PHH227 Datasheet
1Mb / 8P
PHH227, 125°C, Hybrid Radial Crown, High CV, AEC-Q200
4/26/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com