Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCC4076B Datasheet (PDF) - STMicroelectronics

HCC4076B Datasheet PDF - STMicroelectronics
Part # HCC4076B
Download  HCC4076B Download
File Size   290.77 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4 BIT D TYPE REGISTERS

HCC4076B Datasheet (PDF)

Go To PDF Page Download Datasheet
HCC4076B Datasheet PDF - STMicroelectronics

Part # HCC4076B
Download  HCC4076B Click to download

File Size   290.77 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4 BIT D TYPE REGISTERS

HCC4076B Datasheet (HTML) - STMicroelectronics


HCC4076B Product details

DESCRIPTION
The HCC4076B (extended temperature range) and HCC4076B (intermediate temperature range) are monolithic integrated circuit, available in 16 lead dual in line plastic or ceramic package and plastic micropackage.
   
■ THREE STATE OUTPUTS
■ INPUT DISABLE WITHOUT GATING THE
    CLOCK
■ GATED OUTPUT CONTROL LINES FOR
    ENABLING OR DISABLING THE OUTPUTS
■ QUIESCENT CURRENT SPECIFIED TO 20V
    FOR HCC DEVICE
■ 5V, 10V AND 15V PARAMETRIC RATINGS
■ INPUT CURRENT OF 100nA AT 18V AND 25°C
    FOR HCC DEVICE
■ 100% TESTED FOR QUIESCENT CURRENT
■ MEETS ALL REQUIREMENTS OF JEDECTENTATIVE
    STANDARD N. 13A, ” STANDARD
    SPECIFICATIONS FOR DESCRIPTION OF B
    SERIES CMOS DEVICES ”
   




Similar Part No. - HCC4076B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4076B STMICROELECTRONICS-HCC4076B Datasheet
141Kb / 13P
RadHardened high voltage complementary MOS logic series
18-Oct-2006
HCC4076BD STMICROELECTRONICS-HCC4076BD Datasheet
303Kb / 24P
Rad-hard high voltage CMOS logic series
10-Aug-2011
HCC4076BF STMICROELECTRONICS-HCC4076BF Datasheet
232Kb / 13P
BCD RATE MULTIPLEXER
Sep-1990
HCC4076BK STMICROELECTRONICS-HCC4076BK Datasheet
303Kb / 24P
Rad-hard high voltage CMOS logic series
10-Aug-2011
More results


Similar Description - HCC4076B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM54C195 NSC-MM54C195 Datasheet
127Kb / 6P
4-Bit Registers
logo
Texas Instruments
CD4076B TI-CD4076B Datasheet
218Kb / 11P
CMOS 4-BIT D-TYPE REGISTERS
SN54173 TI-SN54173 Datasheet
562Kb / 19P
4-BIT D-TYPE REGISTERS WITH 3-STATE OUTPUTS
logo
Intersil Corporation
CD4076BMS INTERSIL-CD4076BMS Datasheet
78Kb / 9P
CMOS 4 -Bit D-Type Registers
December 1992
logo
Texas Instruments
SN5494 TI-SN5494 Datasheet
159Kb / 4P
4-BIT SHIFT REGISTERS
logo
STMicroelectronics
HCF4076B STMICROELECTRONICS-HCF4076B_02 Datasheet
217Kb / 9P
4 BIT D TYPE REGISTERS
Sep-2002
logo
Texas Instruments
SN7494N TI1-SN7494N Datasheet
161Kb / 4P
4-BIT SHIFT REGISTERS
CD4076B TI1-CD4076B_15 Datasheet
566Kb / 13P
CMOS 4-Bit D-type Registers
SN54173 TI1-SN54173_15 Datasheet
497Kb / 20P
4-BIT D-TYPE REGISTERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
CD4076BMS RENESAS-CD4076BMS Datasheet
357Kb / 9P
CMOS 4 -Bit D-Type Registers
December 1992
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com