Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCLPS80 Datasheet (PDF) - Multicomp Pro

MCLPS80 Datasheet PDF - Multicomp Pro
Part # MCLPS80
Download  MCLPS80 Download
File Size   152.94 Kbytes
Page   2 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Heat Sink Cases Accessories

MCLPS80 Datasheet (PDF)

Go To PDF Page Download Datasheet
MCLPS80 Datasheet PDF - Multicomp Pro

Part # MCLPS80
Download  MCLPS80 Click to download

File Size   152.94 Kbytes
Page   2 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Heat Sink Cases Accessories

MCLPS80 Datasheet (HTML) - Multicomp Pro


MCLPS80 Product details

Features:
Linc-Lugs:
• Aluminium extruded mounting bracket for fixing E-Case housings to walls, panels, vehicle bulkheads
• Linc-Lug slides into any external dovetail feature on E-Case housings and is retained by the end plates
• The silver lugs are strip silver anodized and are used with the silver E-Case enclosures that are anodized in the same way
Non-Standard Lengths: Available but not with U-shaped slot
Material : Aluminium 6063 T6 (HE9)
Finish : Silver anodized 5 μm thickness. (Cut ends and inside of U-shaped slot are not anodized)
Weight : 15 g (Pair of lugs in plastic bag - MCLPS40)
Extrusion perimeter: 70 mm
Application Information: Linc-Lug is secured as follows:
For cases length 40 mm and 80 mm, use Linc-Lugs of appropriate length, retain with the end plates. Drill a hole 2.6 mm diameter through the dovetail on the Linc-Lug the V-groove as a drill start. Slide the drilled lug to the desired position along enclosure. Drive a No.4 x 1/4 “ posi-pan type-B self tapping screw into the drilled hole to security wedge the Linc-Lug in the dovetail slot. MCLPS40 lugs are now available with screws pre-fitted. These are supplied as a pair in a plastic bag




Similar Part No. - MCLPS80

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
MCL FESTO-MCL Datasheet
66Kb / 1P
Indicating insert
MCL-230AC FESTO-MCL-230AC Datasheet
68Kb / 1P
Indicating insert
MCL-24AC FESTO-MCL-24AC Datasheet
67Kb / 1P
Indicating insert
MCL-24DC FESTO-MCL-24DC Datasheet
67Kb / 1P
Indicating insert
MCL-24DC/AC FESTO-MCL-24DC/AC Datasheet
67Kb / 1P
Indicating insert
More results


Similar Description - MCLPS80

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
E989 HAMAMATSU-E989 Datasheet
88Kb / 1P
Magnetic Shield Cases
logo
List of Unclassifed Man...
G738 ETC1-G738 Datasheet
344Kb / 2P
Desktop Cases
G749A ETC2-G749A Datasheet
130Kb / 1P
Desktop Cases
G753 ETC2-G753 Datasheet
132Kb / 1P
Desktop Cases
M5700613 ETC2-M5700613 Datasheet
297Kb / 1P
ACCESSORIES FOR METTEC DESK CASES
logo
CUI INC
HSS-B20-02 CUI-HSS-B20-02 Datasheet
292Kb / 3P
HEAT SINK
HSE-18X CUI-HSE-18X Datasheet
512Kb / 6P
HEAT SINK
HSE-B18X-060H-W CUI-HSE-B18X-060H-W Datasheet
481Kb / 6P
HEAT SINK
HSE-B20250-045H CUI-HSE-B20250-045H Datasheet
294Kb / 3P
HEAT SINK
HSE-BX-035H CUI-HSE-BX-035H Datasheet
547Kb / 8P
HEAT SINK
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com