Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS3010R Datasheet (PDF) - Multicomp Pro

PS3010R Datasheet PDF - Multicomp Pro
Part # PS3010R
Download  PS3010R Download
File Size   799.17 Kbytes
Page   4 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Fast Diode

PS3010R Datasheet (PDF)

Go To PDF Page Download Datasheet
PS3010R Datasheet PDF - Multicomp Pro

Part # PS3010R
Download  PS3010R Click to download

File Size   799.17 Kbytes
Page   4 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Fast Diode

PS3010R Datasheet (HTML) - Multicomp Pro


PS3010R Product details

Features:
• High surge current capability
• 3 Ampere operation at TA = 55°C with no thermal runaway
• Exceeds environmental standards of MIL-S-19500/228
• Fast switching for high efficiency

Description
Diode, Fast, 3A, 1,000V




Similar Part No. - PS3010R

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PS3010R PANJIT-PS3010R Datasheet
55Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 3.0 Amperes)
PS3010R PANJIT-PS3010R Datasheet
36Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER
PS3010R PANJIT-PS3010R Datasheet
67Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER
More results


Similar Description - PS3010R

ManufacturerPart #DatasheetDescription
logo
Power Semiconductors
ARF221 POSEICO-ARF221 Datasheet
43Kb / 4P
FAST RECOVERY DIODE
logo
Infineon Technologies A...
D450S INFINEON-D450S Datasheet
160Kb / 5P
Schnelle Diode Fast Diode
2010-01-18 revision:3.1
D650S INFINEON-D650S Datasheet
151Kb / 6P
Schnelle Diode Fast Diode
2009-03-16 revision:1.0
D690S INFINEON-D690S Datasheet
170Kb / 6P
Schnelle Diode Fast Diode
2008-09-15 revision:3.0
logo
Renesas Technology Corp
RJU60C1SDPD RENESAS-RJU60C1SDPD Datasheet
80Kb / 4P
Single Diode Fast Recovery Diode
RJU60C2TDPP-EJ RENESAS-RJU60C2TDPP-EJ Datasheet
86Kb / 4P
Single Diode Fast Recovery Diode
RJU60C3SDPD RENESAS-RJU60C3SDPD Datasheet
80Kb / 4P
Single Diode Fast Recovery Diode
RJU60C3TDPP-EJ RENESAS-RJU60C3TDPP-EJ Datasheet
86Kb / 4P
Single Diode Fast Recovery Diode
RJU60C6TDPP-EJ RENESAS-RJU60C6TDPP-EJ Datasheet
87Kb / 4P
Single Diode Fast Recovery Diode
RJU60C6SDPE RENESAS-RJU60C6SDPE_15 Datasheet
81Kb / 4P
Single Diode Fast Recovery Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com