Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SR10 Datasheet (PDF) - Multicomp Pro

SR10 Datasheet PDF - Multicomp Pro
Part # SR10
Download  SR10 Download
File Size   747.72 Kbytes
Page   7 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Thick Film High Grade General Purpose Chip Resistors SR12, SR10, SR08, SR06, SR04

SR10 Datasheet (PDF)

Go To PDF Page Download Datasheet
SR10 Datasheet PDF - Multicomp Pro

Part # SR10
Download  SR10 Click to download

File Size   747.72 Kbytes
Page   7 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Thick Film High Grade General Purpose Chip Resistors SR12, SR10, SR08, SR06, SR04

SR10 Datasheet (HTML) - Multicomp Pro


SR10 Product details

Description
The resistors are constructed in a high grade ceramic body (aluminium oxide). Internal metal electrodes are added at each end and connected by a resistive paste that is applied to the top surface of the substrate. The extra protective metal film is added onto top side electrodes to protect termination from sulfuration. The composition of the paste is adjusted to give the approximate resistance required and the value is trimmed to within tolerance by laser cutting of this resistive layer.
The resistive layer is covered with a protective coat. Finally, the two external end terminations are added. For ease of soldering the outer layer of these end terminations is a Tin (lead free) alloy.

Features
• High reliability and stability ±1
• Sulfuration resistant ASTM B-809 105°C 750hrs
• Automotive AEC Q-200 & Military MIL-STD qualified
• 100% CCD inspection and Halogen free products

Application
• Automotive application
• Consumer electrical equipment
• EDP, Computer application
• Telecom application




Similar Part No. - SR10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SR10 ETC2-SR10 Datasheet
327Kb / 1P
Precision Current Sense Resistors
logo
Caddock Electronics, In...
SR10 CADDOCK-SR10 Datasheet
427Kb / 1P
Type SR Precision Current Sense Resistors
logo
CUI INC
SR10 CUI-SR10 Datasheet
451Kb / 5P
SIGNAL RELAY
06/07/2022
logo
Same Sky Devices
SR10 SAMESKY-SR10 Datasheet
347Kb / 5P
SIGNAL RELAY
09/12/2024
logo
List of Unclassifed Man...
SR10-0.008 ETC2-SR10-0.008 Datasheet
327Kb / 1P
Precision Current Sense Resistors
More results


Similar Description - SR10

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
RC2012F1002CS SAMSUNG-RC2012F1002CS Datasheet
178Kb / 5P
Thick Film General Chip Resistors
RC1005F4320CS SAMSUNG-RC1005F4320CS Datasheet
178Kb / 5P
Thick Film General Chip Resistors
RC1005F10R0CS SAMSUNG-RC1005F10R0CS Datasheet
178Kb / 5P
Thick Film General Chip Resistors
logo
List of Unclassifed Man...
WR08X562 ETC2-WR08X562 Datasheet
259Kb / 9P
Thick Film General Purpose Chip Resistors
WR08X1004FTL ETC2-WR08X1004FTL Datasheet
259Kb / 9P
Thick Film General Purpose Chip Resistors
WR06X1001FTL ETC2-WR06X1001FTL Datasheet
242Kb / 10P
Thick Film General Purpose Chip Resistors
logo
WALSIN TECHNOLOGY CORPO...
WR01X WALSIN-WR01X Datasheet
439Kb / 8P
Thick Film General Purpose chip resistors
WR02X WALSIN-WR02X Datasheet
230Kb / 7P
Thick Film General purpose chip resistors
WR10X WALSIN-WR10X Datasheet
239Kb / 8P
Thick film Technology General purpose chip resistors
WR12 WALSIN-WR12 Datasheet
531Kb / 10P
Thick Film General Purpose Chip Resistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com