Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASRT245DR Datasheet (PDF) - AEROTECH US. ALL RIGHTS RESERVED.

ASRT245DR Datasheet PDF - AEROTECH US. ALL RIGHTS RESERVED.
Part # ASRT245DR
Download  ASRT245DR Download
File Size   1107.68 Kbytes
Page   10 Pages
Manufacturer  AEROTECH [AEROTECH US. ALL RIGHTS RESERVED.]
Direct Link  https://www.aerotech.com/
Logo AEROTECH - AEROTECH US. ALL RIGHTS RESERVED.
Description Mechanical-Bearing, Direct-Drive, Sealed Rotary Stages

ASRT245DR Datasheet (PDF)

Go To PDF Page Download Datasheet
ASRT245DR Datasheet PDF - AEROTECH US. ALL RIGHTS RESERVED.

Part # ASRT245DR
Download  ASRT245DR Click to download

File Size   1107.68 Kbytes
Page   10 Pages
Manufacturer  AEROTECH [AEROTECH US. ALL RIGHTS RESERVED.]
Direct Link  https://www.aerotech.com/
Logo AEROTECH - AEROTECH US. ALL RIGHTS RESERVED.
Description Mechanical-Bearing, Direct-Drive, Sealed Rotary Stages

ASRT245DR Datasheet (HTML) - AEROTECH US. ALL RIGHTS RESERVED.


ASRT245DR Product details

IP66: Totally protected against dust and water
jets from any direction

Operation over large temperature range: -20 to
+70° C

Low-friction seal minimizes direction reversal
hysteresis to allow small, precise positioning

Shaft aperture option with three available sizes:
30 mm, 80 mm, and 130 mm

Excellent accuracy (to 2 arc sec) and
repeatability (to 1.5 arc sec)

Axial load capacity to 130 kg

Up to 200 rpm continuous rotation speed

Direct-drive motor provides rapid precision
motion with no gear backlash




Similar Part No. - ASRT245DR

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
ASR MITSUMI-ASR Datasheet
252Kb / 2P
Worldwide Input System Compact type AC Adaptors
logo
Stackpole Electronics, ...
ASR SEI-ASR Datasheet
728Kb / 9P
Anti-Surge Resistor
06/30/2021
logo
Advantech Co., Ltd.
ASR-1000K ADVANTECH-ASR-1000K Datasheet
497Kb / 1P
Flexible Expansion Module Fulfilling Various JBOD Demands
13-Sep-2017
ASR-1000K ADVANTECH-ASR-1000K Datasheet
496Kb / 1P
Flexible Expansion Module Fulfilling Various JBOD Demands
27-Jun-2018
ASR-1000K-00A1E ADVANTECH-ASR-1000K-00A1E Datasheet
497Kb / 1P
Flexible Expansion Module Fulfilling Various JBOD Demands
13-Sep-2017
More results


Similar Description - ASRT245DR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M6033 ETC1-M6033 Datasheet
29Kb / 3P
MECHANICAL SOUND MOTOR DRIVE
logo
SONiX Technology Compan...
SNC206 SONIX-SNC206 Datasheet
340Kb / 11P
Direct Drive Speech Controller
logo
Estek Electronics Co. L...
ICL7116 ESTEK-ICL7116 Datasheet
245Kb / 4P
Direct Display Drive
logo
Omron Electronics LLC
A6A OMRON-A6A Datasheet
614Kb / 6P
Sealed Rotary DIP Switch
A6CV OMRON-A6CV Datasheet
583Kb / 4P
Sealed Rotary DIP Switch
logo
Schneider Electric
S29337 SCHNEIDER-S29337 Datasheet
140Kb / 2P
CB DIRECT MOUNTED ROTARY HANDLE
Apr 19, 2021
logo
Festo Corporation.
8087819 FESTO-8087819 Datasheet
97Kb / 3P
Rotary drive unit
5/30/22
8087820 FESTO-8087820 Datasheet
97Kb / 3P
Rotary drive unit
5/30/22
8087821 FESTO-8087821 Datasheet
98Kb / 3P
Rotary drive unit
5/30/22
8087822 FESTO-8087822 Datasheet
98Kb / 3P
Rotary drive unit
5/30/22
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com