Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS53315 Datasheet (PDF) - Texas Instruments

TPS53315 Datasheet PDF - Texas Instruments
Part # TPS53315
Download  TPS53315 Download
File Size   2078.29 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS53315 12-A Step-Down Regulator with Integrated Switcher

TPS53315 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS53315 Datasheet PDF - Texas Instruments

Part # TPS53315
Download  TPS53315 Click to download

File Size   2078.29 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS53315 12-A Step-Down Regulator with Integrated Switcher

TPS53315 Datasheet (HTML) - Texas Instruments


TPS53315 Product details

1 Features
• Conversion input voltage range: 3 V to 15 V
• VDD input voltage range: 4.5 V to 25 V
• Output voltage range: 0.6 V to 5.5 V
• 5-V LDO output
• Integrated power MOSFETs with 12-A continuous
output current
• < 10-μA shutdown current
• Auto-skip Eco-mode for light-load efficiency
• D-CAP integrated circuit with fast transient
response
• Selectable switching frequency from 250 kHz to 1
MHz with an external resistor
• Built-in 1%, 0.6-V reference
• 0.7-ms, 1.4-ms, 2.8-ms and 5.6-ms selectable
internal voltage servo soft start
• Pre-charged start-up capability
• Integrated boost switch
• Adjustable overcurrent limit through external
resistor
• Overvoltage, undervoltage, UVLO, and
overtemperature protection
• Support all ceramic output capacitors
• Open drain power-good indication
• 40-pin VQFN package with thermal pad

2 Applications
• Server and desktop computers
• Notebook computers
• Telecommunication equipments

3 Description
TPS53315 is a D-CAP integrated circuit, 12-A
synchronous switcher with integrated MOSFETs. The
device is designed for ease of use, low external
component count, and small package power systems.
This device features single-rail input support, one
19-mΩ and one 7-mΩ integrated MOSFET, accurate
1%, 0.6-V Reference, and integrated boost switch. A
sample of competitive features include: greater than
96% maximum efficiency, 3-V to 15-V wide input
voltage range, very low external component count,
D-CAP integrated circuit for super fast transient,
selectable auto-skip and PWM operation, internal softstart
control, adjustable frequency, and no need for
compensation.
The conversion input voltage ranges from 3 V to 15 V,
the supply voltage range is from 4.5 V to 25 V, and
the output voltage range is from 0.6 V to 5.5 V.
The TPS53315 is available in a 5 mm × 7 mm 40-pin,
VQFN package and is specified from –40°C to 85°C.




Similar Part No. - TPS53315

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53315 TI-TPS53315 Datasheet
771Kb / 30P
12-A Step-Down Regulator with Integrated Switcher
TPS53315RGFR TI1-TPS53315RGFR Datasheet
1Mb / 30P
12-A Step-Down Regulator with Integrated Switcher
TPS53315RGFR TI1-TPS53315RGFR Datasheet
1Mb / 35P
Step-Down Regulator
TPS53315RGFT TI1-TPS53315RGFT Datasheet
1Mb / 30P
12-A Step-Down Regulator with Integrated Switcher
TPS53315RGFT TI1-TPS53315RGFT Datasheet
1Mb / 35P
Step-Down Regulator
More results


Similar Description - TPS53315

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53311 TI-TPS53311 Datasheet
541Kb / 22P
3-A Step-Down Regulator with Integrated Switcher
TPS53311 TI-TPS53311_1 Datasheet
724Kb / 24P
3-A Step-Down Regulator with Integrated Switcher
TPS53310 TI-TPS53310 Datasheet
682Kb / 25P
3-A Step-Down Regulator with Integrated Switcher
TPS53315 TI-TPS53315 Datasheet
771Kb / 30P
12-A Step-Down Regulator with Integrated Switcher
TPS53321 TI-TPS53321 Datasheet
511Kb / 23P
5-A Step-Down Regulator with Integrated Switcher
TPS53313 TI1-TPS53313 Datasheet
774Kb / 23P
6-A Step-Down Regulator with Integrated Switcher
TPS53321RGTR TI-TPS53321RGTR Datasheet
903Kb / 25P
5-A Step-Down Regulator with Integrated Switcher
TPS53315RGFT TI1-TPS53315RGFT Datasheet
1Mb / 30P
12-A Step-Down Regulator with Integrated Switcher
TPS53311 TI-TPS53311_15 Datasheet
898Kb / 26P
3-A Step-Down Regulator with Integrated Switcher
TPS53310 TI1-TPS53310_16 Datasheet
832Kb / 22P
3-A Step-Down Regulator with Integrated Switcher
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com