Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS53353 Datasheet (PDF) - Texas Instruments

TPS53353 Datasheet PDF - Texas Instruments
Part # TPS53353
Download  TPS53353 Download
File Size   1705.16 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS53353 High-Efficiency 20-A Synchronous Buck SWIFT™ Converter With Ecomode ™

TPS53353 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS53353 Datasheet PDF - Texas Instruments

Part # TPS53353
Download  TPS53353 Click to download

File Size   1705.16 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS53353 High-Efficiency 20-A Synchronous Buck SWIFT™ Converter With Ecomode ™

TPS53353 Datasheet (HTML) - Texas Instruments


TPS53353 Product details

1 Features
• New product available: TPS548B28 16-V, 20-A
synchronous-buck converter with remote sense
• Conversion input voltage range: 1.5 V to 15 V
• VDD input voltage range: 4.5 V to 25 V
• 92% efficiency from 12 V to 1.5 V at 20 A
• Output voltage range: 0.6 V to 5.5 V
• 5-V LDO output
• Supports single-rail input
• Integrated power MOSFETs with 20 A of
continuous output current
• Auto-skip Eco-mode™ for light-load efficiency
• < 10-μA shutdown current
• D-CAP™ mode with fast transient response
• Selectable switching frequency from 250 kHz to 1
MHz with external resistor
• Selectable auto-skip or PWM-only operation
• Built-in 1% 0.6-V reference
• 0.7-ms, 1.4-ms, 2.8-ms, and 5.6-ms selectable
internal voltage servo soft start
• Integrated boost switch
• Precharged start-up capability
• Adjustable overcurrent limit with thermal
compensation
• Overvoltage, undervoltage, UVLO, and
overtemperature protection
• Supports all ceramic output capacitors
• Open-drain power-good indication
• Incorporates NexFET™ power block technology
• 22-pin QFN package with PowerPAD™
• For SWIFT™ power products documentation, see
http://www.ti.com/swift

2 Applications
• Enterprise rack Servers and storage
• Wired networking switches and routers
• ASIC, SoC, FPGA, DSP core, and I/O voltage

3 Description
TPS53353 is a D-CAP™ mode, 20-A synchronous
switcher with integrated MOSFETs. It is designed
for ease of use, low external component count, and
space-conscious power systems.
This device features 5.5-mΩ / 2.2-mΩ integrated
MOSFETs, accurate 1%, 0.6-V reference, and
integrated boost switch. A sample of competitive
features include: a conversion input voltage range
from 1.5 V to 15 V, very low external component
count, D-CAP™ mode control for super fast transient,
auto-skip mode operation, internal soft-start control,
selectable frequency, and no need for compensation.
The conversion input voltage ranges from 1.5 V to 15
V, the supply voltage range is from 4.5 V to 25 V, and
the output voltage range is from 0.6 V to 5.5 V.
The device is available in 5-mm × 6-mm, 22-pin QFN
package and is specified from –40°C to 85°C.
The TPS548B28 is a newer 20A device designed
for data center applications with a smaller, Pb-free
package.




Similar Part No. - TPS53353

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53353 TI1-TPS53353 Datasheet
1,017Kb / 29P
High-Efficiency 20-A Synchronous Buck Converter with Eco-mode?
TPS53353 TI1-TPS53353 Datasheet
1Mb / 37P
High-Efficiency 20-A Synchronous Buck SWIFT Converter With Eco-mode
TPS53353DQPR TI1-TPS53353DQPR Datasheet
1,017Kb / 29P
High-Efficiency 20-A Synchronous Buck Converter with Eco-mode?
TPS53353DQPR TI1-TPS53353DQPR Datasheet
1Mb / 37P
Synchronous Buck SWIFT Converter
TPS53353DQPR TI1-TPS53353DQPR Datasheet
1Mb / 37P
High-Efficiency 20-A Synchronous Buck SWIFT Converter With Eco-mode
More results


Similar Description - TPS53353

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53353 TI1-TPS53353 Datasheet
1,017Kb / 29P
High-Efficiency 20-A Synchronous Buck Converter with Eco-mode?
TPS53355 TI1-TPS53355 Datasheet
977Kb / 29P
High-Efficiency 30-A Synchronous Buck Converter with Eco-mode?
TPS53353 TI-TPS53353_15 Datasheet
1Mb / 37P
TPS53353 High-Efficiency 20-A Synchronous Buck Converter With Eco-mode?
TPS53353 TI1-TPS53353_16 Datasheet
1Mb / 37P
Synchronous Buck SWIFT Converter
TPS53355 TI1-TPS53355_16 Datasheet
1Mb / 37P
Synchronous Buck SWIFT Converter
TPS56121 TI1-TPS56121_16 Datasheet
1Mb / 31P
Input High-Current Synchronous Buck SWIFT Converter
TPS56221 TI1-TPS56221_16 Datasheet
1Mb / 32P
Synchronous Buck SWIFT Converter
TPS53353 TI1-TPS53353_17 Datasheet
1Mb / 37P
High-Efficiency 20-A Synchronous Buck SWIFT Converter With Eco-mode
TPS53355 TI1-TPS53355_17 Datasheet
1Mb / 39P
High-Efficiency 30-A Synchronous Buck SWIFT Converter With Eco-mode
logo
Diodes Incorporated
AP3409 DIODES-AP3409 Datasheet
486Kb / 11P
HIGH EFFICIENCY SYNCHRONOUS BUCK CONVERTER
Rev 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com