Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS53355 Datasheet (PDF) - Texas Instruments

TPS53355 Datasheet PDF - Texas Instruments
Part # TPS53355
Download  TPS53355 Download
File Size   2343.24 Kbytes
Page   43 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS53355 1.5-V to 15-V Input (4.5-V to 25-V bias), 30-A Synch Step-down SWIFT™ Converter with Eco-mode™

TPS53355 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS53355 Datasheet PDF - Texas Instruments

Part # TPS53355
Download  TPS53355 Click to download

File Size   2343.24 Kbytes
Page   43 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS53355 1.5-V to 15-V Input (4.5-V to 25-V bias), 30-A Synch Step-down SWIFT™ Converter with Eco-mode™

TPS53355 Datasheet (HTML) - Texas Instruments


TPS53355 Product details

1 Features
• Alternative product available: LMZ31530 14.5-V,
30-A step-down power module in 15 × 16 × 5.8-
mm QFN package
• 96% maximum efficiency
• Conversion input voltage range: 1.5 V to 15 V
• VDD input voltage range: 4.5 V to 25 V
• Output voltage range: 0.6 V to 5.5 V
• 5-V LDO output
• Supports single rail input
• Integrated power MOSFETs with 30 A of
continuous output current
• Auto-skip Eco-mode™ for light-load efficiency
• < 10-μA shutdown current
• D-CAP™ mode with fast transient response
• Selectable switching frequency from 250 kHz to
1 MHz with external resistor
• Selectable auto-skip or PWM-only operation
• Built-in 1% 0.6-V reference
• 0.7-ms, 1.4-ms, 2.8-ms, and 5.6-ms selectable
internal voltage servo soft start
• Integrated boost switch
• Precharged start-up capability
• Adjustable overcurrent limit with thermal
compensation
• Overvoltage, undervoltage, UVLO and
overtemperature protection
• Supports all ceramic output capacitors
• Open-drain power-good indication
• Incorporates NexFET™ power block technology
• 22-pin QFN package With PowerPAD™
• For SWIFT™ power products documentation, see
http://www.ti.com/swift
• Green (RoHS compatible) is optional
• Create a custom design using the TPS53355 with
the WEBENCH® Power Designer

2 Applications
• Enterprise servers and storage
• Wired networking switches and routers
• ASIC, SoC, FPGA, DSP core, and I/O voltage

3 Description
The TPS53355 is a D-CAP™ mode, 30-A
synchronous switcher with integrated MOSFETs. It is
designed for ease of use, low external component
count, and space-conscious power systems.
This device features 5-mΩ/2-mΩ integrated
MOSFETs, accurate 1% 0.6-V reference, and
integrated boost switch. A sample of competitive
features include: 1.5-V to 15-V wide conversion input
voltage range, very low external component count, DCAP
™ mode control for super fast transient, auto-skip
mode operation, internal soft-start control, selectable
frequency, and no need for compensation.
The conversion input voltage ranges from 1.5 V to 15
V, the supply voltage range is from 4.5 V to 25 V, and
the output voltage range is from 0.6 V to 5.5 V.
The device is available in 6-mm × 5-mm, 22-pin QFN
package.
The LMZ31530 integrates the TPS53355, an inductor,
and other passive components into a small, easy-touse
module.




Similar Part No. - TPS53355

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53355 TI1-TPS53355 Datasheet
977Kb / 29P
High-Efficiency 30-A Synchronous Buck Converter with Eco-mode?
TPS53355 TI1-TPS53355 Datasheet
1Mb / 39P
High-Efficiency 30-A Synchronous Buck SWIFT Converter With Eco-mode
TPS53355DQPR TI1-TPS53355DQPR Datasheet
977Kb / 29P
High-Efficiency 30-A Synchronous Buck Converter with Eco-mode?
TPS53355DQPR TI1-TPS53355DQPR Datasheet
1Mb / 37P
Synchronous Buck SWIFT Converter
TPS53355DQPR TI1-TPS53355DQPR Datasheet
1Mb / 39P
High-Efficiency 30-A Synchronous Buck SWIFT Converter With Eco-mode
More results


Similar Description - TPS53355

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54339 TI-TPS54339 Datasheet
1,002Kb / 21P
4.5 V to 23 V Input, 3-A Synchronous Step-Down SWIFT Converter
TPS53515 TI1-TPS53515 Datasheet
1Mb / 33P
1.5 to 18 V (4.5 to 25 V bias) Input, 12-A Single Synchronous Step-Down SWIFT Converter
TPS53515 TI-TPS53515_15 Datasheet
5Mb / 39P
TPS53515 1.5-V to 18-V (4.5-V to 25-V Bias) Input, 12-A Single Synchronous Step-Down SWIFT??Converter
TPS56C215 TI1-TPS56C215 Datasheet
1Mb / 35P
4.5-V to 17-V Input , 12-A Synchronous Step-Down SWIFT Converter
TPS54228 TI1-TPS54228_16 Datasheet
1Mb / 29P
4.5-V to 18-V Input, 2-A Synchronous Step-Down Converter With Eco-Mode
TPS560200-Q1 TI1-TPS560200-Q1 Datasheet
1Mb / 22P
4.5-V to 17-V Input, 500-mA Synchronous Step-Down SWIFT??Converter With Advanced Eco-mode?
TPS568215OA TI1-TPS568215OA Datasheet
1Mb / 36P
4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT Converter
TPS54528 TI1-TPS54528_17 Datasheet
1Mb / 26P
4.5-V To 18-V Input, 5-A Synchronous Step-Down Converter With Eco-Mode
TPS53915 TI-TPS53915 Datasheet
35Mb / 52P
TPS53915 1.5 to 18-V (4.5 to 25-V Bias) Input, 12-A Synchronous Step-Down SWIFT™ Converter With PMBus™
REVISED DECEMBER 2014
TPS54560 TI-TPS54560_V01 Datasheet
1Mb / 40P
4.5 V to 60 V Input, 5 A, Step Down DC-DC Converter with Eco-mode™
MARCH 2013
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com