Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS54160 Datasheet (PDF) - Texas Instruments

TPS54160 Datasheet PDF - Texas Instruments
Part # TPS54160
Download  TPS54160 Download
File Size   3009.54 Kbytes
Page   61 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS54160 1.5-A, 60-V, Step-Down DC/DC Converter with Eco-mode™

TPS54160 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS54160 Datasheet PDF - Texas Instruments

Part # TPS54160
Download  TPS54160 Click to download

File Size   3009.54 Kbytes
Page   61 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS54160 1.5-A, 60-V, Step-Down DC/DC Converter with Eco-mode™

TPS54160 Datasheet (HTML) - Texas Instruments


TPS54160 Product details

1 Features
1• 3.5 V to 60 V Input Voltage Range
• 200-mΩ High-Side MOSFET
• High Efficiency at Light Loads with a Pulse
Skipping Eco-mode™
• TPS54160A has Tighter Enable Threshold Than
TPS54160 for More Accurate UVLO voltage
• Adjustable UVLO Voltage and Hysteresis
• 116 μA Operating Quiescent Current
• 1.3 μA Shutdown Current
• 100 kHz to 2.5 MHz Switching Frequency
• Synchronizes to External Clock
• Adjustable Slow Start/Sequencing
• UV and OV Power Good Output
• 0.8-V Internal Voltage Reference
• MSOP10 and 3mm x 3mm VSON Package with
PowerPAD™
• Supported by WEBBENCH® and SwitcherPro™
Software Tool

2 Applications
• 12-V, 24-V and 48-V Industrial and Commercial
Low Power Systems
• Aftermarket Auto Accessories: Video, GPS,
Entertainment

3 Description
The TPS54160A device is a 60-V, 1.5-A, step down
regulator with an integrated high-side MOSFET. Current mode control provides simple external
compensation and flexible component selection. A
low ripple pulse skip mode reduces the no load,
regulated output supply current to 116 μA. Using the
enable pin, shutdown supply current is reduced to 1.3
μA.
Under voltage lockout is internally set at 2.5 V, but
can be increased using the enable pin. The output
voltage startup ramp is controlled by the slow start
pin that can also be configured for
sequencing/tracking. An open drain power good
signal indicates the output is within 94% to 107% of its nominal voltage.
A wide switching frequency range allows efficiency and external component size to be optimized.
Frequency fold back and thermal shutdown protects
the part during an overload condition.




Similar Part No. - TPS54160

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54160 TI-TPS54160 Datasheet
1Mb / 45P
1.5-A, 60V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODTM
TPS54160 TI-TPS54160 Datasheet
1Mb / 47P
1.5-A, 60V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54160 TI-TPS54160 Datasheet
71Kb / 4P
SWIFT Converter Product Portfolio
TPS54160 TI-TPS54160 Datasheet
1Mb / 52P
1.5-A, 60-V, STEP-DOWN SWIFT DC/DC CONVERTER WITH ECO-MODE
TPS54160-Q1 TI-TPS54160-Q1 Datasheet
1Mb / 53P
1.5-A 60-V STEP-DOWN SWIFT DC/DC CONVERTER WITH Eco-Mode CONTROL
More results


Similar Description - TPS54160

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54160 TI-TPS54160_11 Datasheet
1Mb / 52P
1.5-A, 60-V, STEP-DOWN SWIFT DC/DC CONVERTER WITH ECO-MODE
TPS54160-Q1 TI-TPS54160-Q1 Datasheet
1Mb / 53P
1.5-A 60-V STEP-DOWN SWIFT DC/DC CONVERTER WITH Eco-Mode CONTROL
TPS54140A TI1-TPS54140A Datasheet
1Mb / 51P
1.5-A, 42 V Step Down SWIFT??DC/DC Converter with Eco-mode?
TPS54160A TI1-TPS54160A Datasheet
1Mb / 52P
1.5-A, 60-V, Step-Down SWIFT??DC/DC Converter with Eco-mode?
TPS57160-Q1 TI1-TPS57160-Q1 Datasheet
1Mb / 54P
1.5-A 60-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode??CONTROL
TPS54160A TI1-TPS54160A_13 Datasheet
1Mb / 53P
1.5-A, 60-V, Step-Down SWIFT DC/DC Converter with Eco-mode
TPS54140A TI-TPS54140A_15 Datasheet
2Mb / 58P
TPS54140A 1.5-A, 42-V Step-Down DC/DC Converter with Eco-mode?
TPS54160 TI-TPS54160_15 Datasheet
2Mb / 57P
TPS54160 1.5-A, 60-V, Step-Down DC/DC Converter with Eco-mode?
TPS54060-EP TI1-TPS54060-EP Datasheet
2Mb / 49P
0.5-A, 60-V Step-Down DC/DC Converter With Eco-Mode
TPS57160-Q1 TI1-TPS57160-Q1_16 Datasheet
2Mb / 54P
1.5-A 60-V Step-Down DC-DC Converter With Eco-mode Control
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com