Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS54218 Datasheet (PDF) - Texas Instruments

TPS54218 Datasheet PDF - Texas Instruments
Part # TPS54218
Download  TPS54218 Download
File Size   1965.63 Kbytes
Page   45 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS54218 2.95-V to 6-V Input, 2-A Output, 2-MHz, Synchronous Step-Down SWIFT™ Converter

TPS54218 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS54218 Datasheet PDF - Texas Instruments

Part # TPS54218
Download  TPS54218 Click to download

File Size   1965.63 Kbytes
Page   45 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS54218 2.95-V to 6-V Input, 2-A Output, 2-MHz, Synchronous Step-Down SWIFT™ Converter

TPS54218 Datasheet (HTML) - Texas Instruments


TPS54218 Product details

1 Features
• Two, 30-mΩ (typical) MOSFETs for high-efficiency
at 2-A loads
• Switching frequency: 200 kHz to 2 MHz
• Voltage reference over temperature: 0.8 V ±1%
• Synchronizes to external clock
• Adjustable soft start/sequencing
• UV and OV power-good output
• Low operating and shutdown quiescent current
• Safe start-up into prebiased output
• Cycle-by-cycle current limit, thermal and
frequency foldback protection
• Operating junction temperature range: –40°C to
150°C
• Thermally-enhanced 3-mm × 3-mm 16-pin WQFN
package
• Create a custom design using the TPS54218 with
the WEBENCH® Power Designer

2 Applications
• Factory automation
• Broadband fixed line access
• Wireless infrastructure

3 Description
TheTPS54218 device is a full-featured, 6-V, 2-A,
synchronous, step-down current-mode converter with
two integrated MOSFETs.
The TPS54218 device enables small designs by
integrating the MOSFETs, implementing current
mode control to reduce external component count,
reducing inductor size by enabling up to 2-MHz
switching frequency, and minimizing the device
footprint with a small, 3-mm × 3-mm, thermallyenhanced
QFN package.
The TPS54218 device provides accurate regulation
for a variety of loads with an accurate ±1% voltage
reference (VREF) over temperature.
Efficiency is maximized through the integrated 30-mΩ
MOSFETs and a 350-μA typical supply current. Using
the EN pin, shutdown supply current is reduced to 2
μA by entering a shutdown mode.
Undervoltage lockout is internally set at 2.6 V, but
can be increased by programming the threshold with
a resistor network on the enable pin. The output
voltage startup ramp is controlled by the soft-start pin.
An open-drain power-good signal indicates the output
is within 93% to 107% of its nominal voltage.
Frequency foldback and thermal shutdown protects
the device during an overcurrent condition.
For more SWIFT™ documentation, see the TI
website at www.ti.com/swift.




Similar Part No. - TPS54218

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54218 TI-TPS54218 Datasheet
1Mb / 34P
2.95 V to 6 V Input 2 A Output 2MHz Synchronous Step Down Switcher With Integrated FETs (SWIFT)
TPS54218 TI1-TPS54218 Datasheet
1Mb / 37P
2.95 V to 6 V Input, 2 A Output, 2MHz, Synchronous Step Down
TPS54218RTER TI-TPS54218RTER Datasheet
1Mb / 34P
2.95 V to 6 V Input 2 A Output 2MHz Synchronous Step Down Switcher With Integrated FETs (SWIFT)
TPS54218RTER TI1-TPS54218RTER Datasheet
1Mb / 37P
2.95 V to 6 V Input, 2 A Output, 2MHz, Synchronous Step Down
TPS54218RTET TI-TPS54218RTET Datasheet
1Mb / 34P
2.95 V to 6 V Input 2 A Output 2MHz Synchronous Step Down Switcher With Integrated FETs (SWIFT)
More results


Similar Description - TPS54218

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54618 TI-TPS54618 Datasheet
1Mb / 35P
2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down Switcher
TPS54478 TI1-TPS54478 Datasheet
1Mb / 37P
2.95-V to 6-V Input, 4-A Output, 2-MHz, Synchronous Step-Down
JUNE2011
TPS57112-Q1 TI1-TPS57112-Q1 Datasheet
1Mb / 37P
2.95-V to 6-V Input, 2-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54618-Q1 TI1-TPS54618-Q1 Datasheet
1Mb / 38P
2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down SWIFT Switcher
TPS54519RTER TI-TPS54519RTER Datasheet
1Mb / 33P
2.95 V to 6 V Input, 5-A Synchronous Step Down SWIFT Converter
TPS54218 TI-TPS54218_15 Datasheet
1Mb / 40P
TPS54218 2.95-V to 6-V Input, 2-A Output, 2-MHz , Synchronous Step-Down Switcher With Integrated FETs (SWIFT??
TPS57112-Q1 TI-TPS57112-Q1_15 Datasheet
1Mb / 41P
TPS57112-Q1 2.95-V to 6-V Input, 2-A Output, 2-MHz, Synchronous Step-Down SWIFT??Converter
TPS57114-EP TI-TPS57114-EP_15 Datasheet
1Mb / 43P
TPS57114-EP 2.95-V to 6-V Input, 3.5-A Output, 2-MHz, Synchronous Step-Down SWIFT??Converter
TPS54618-Q1 TI1-TPS54618-Q1_17 Datasheet
1Mb / 42P
2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down SWIFT Switcher
TPS54678 TI1-TPS54678_17 Datasheet
1Mb / 42P
2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down SWIFT Switcher
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com