Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS54320 Datasheet (PDF) - Texas Instruments

TPS54320 Datasheet PDF - Texas Instruments
Part # TPS54320
Download  TPS54320 Download
File Size   1611.15 Kbytes
Page   43 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS54320 4.5- to 17-V Input, 3-A Synchronous Step Down SWIFT™ Converter

TPS54320 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS54320 Datasheet PDF - Texas Instruments

Part # TPS54320
Download  TPS54320 Click to download

File Size   1611.15 Kbytes
Page   43 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS54320 4.5- to 17-V Input, 3-A Synchronous Step Down SWIFT™ Converter

TPS54320 Datasheet (HTML) - Texas Instruments


TPS54320 Product details

1 Features
• Integrated 57-mΩ / 50-mΩ MOSFETs
• Split Power Rail: 1.6 to 17 V on PVIN
• 200-kHz to 1.2-MHz Switching Frequency
• Synchronizes to External Clock
• 0.8-V Voltage Reference With ±1% Accuracy
• Low 2-μA Shutdown Quiescent Current
• Hiccup Overcurrent Protection
• Monotonic Start-Up into Prebiased Outputs
• –40°C to 150°C Operating Junction Temperature
Range
• Pin-to-Pin Compatible With the TPS54620
• Adjustable Slow Start/Power Sequencing
• Power Good Output for Undervoltage and
Overvoltage Monitoring
• Adjustable Input Undervoltage Lockout (UVLO)
• Supported by SwitcherPro™ Software Tool
• For SWIFT™ Documentation and SwitcherPro,
Visit www.ti.com/swift
• Create a Custom Design Using the TPS54320
With the WEBENCH® Power Designer

2 Applications
• Broadband, Networking, and Communication
Infrastructure
• Automated Test and Medical Equipment
• DSP and FPGA Point-of-Load Applications from
12-V Bus

3 Description
The TPS54320 is a full-featured 17-V, 3-A
synchronous step-down converter which is optimized
for small designs through high efficiency and
integrated high-side and low-side MOSFETs. Further
space savings are achieved through current mode
control, which reduces component count, and by
selecting a high switching frequency, reducing
footprint of the inductor.
The output voltage start-up ramp is controlled by the
SS/TR pin which allows operation as either a standalone
power supply or in tracking situations. Power
sequencing is also possible by correctly configuring
the enable and the open drain power good pins.
Cycle by cycle current limiting on the high-side FET
protects the device in overload situations and is
enhanced by a low-side sourcing current limit which
prevents current runaway. Hiccup protection is
triggered if the overcurrent condition has persisted for
longer than the preset time. Thermal shutdown
disables the part when die temperature exceeds
thermal shutdown temperature. The TPS54320 is
available in a 14-pin, 3.5-mm × 3.5-mm VQFN,
thermally enhanced package.




Similar Part No. - TPS54320

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54320 TI-TPS54320 Datasheet
1Mb / 39P
4.5V to 17V Input 3A Synchronous Step Down SWIFT Converter
TPS54320 TI-TPS54320 Datasheet
1Mb / 39P
4.5V to 17V Input, 3A Synchronous Step Down SWIFT Converter
TPS54320 TI-TPS54320 Datasheet
1Mb / 42P
TPS54320 4.5- to 17-V Input, 3-A Synchronous Step Down SWIFT??Converter
TPS54320RHL TI-TPS54320RHL Datasheet
1Mb / 39P
4.5V to 17V Input, 3A Synchronous Step Down SWIFT Converter
TPS54320RHLR TI-TPS54320RHLR Datasheet
1Mb / 39P
4.5V to 17V Input 3A Synchronous Step Down SWIFT Converter
More results


Similar Description - TPS54320

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54821 TI1-TPS54821 Datasheet
1Mb / 37P
4.5 V to 17 V Input, 8 A Synchronous Step Down SWIFT??Converter With Hiccup
TPS54339 TI-TPS54339 Datasheet
1,002Kb / 21P
4.5 V to 23 V Input, 3-A Synchronous Step-Down SWIFT Converter
TPS54320 TI-TPS54320_15 Datasheet
1Mb / 42P
TPS54320 4.5- to 17-V Input, 3-A Synchronous Step Down SWIFT??Converter
TPS54339 TI-TPS54339_15 Datasheet
964Kb / 22P
4.5 V to 23 V Input, 3-A Synchronous Step-Down SWIFT??Converter
TPS54620 TI-TPS54620_15 Datasheet
1Mb / 41P
TPS54620 4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT??Converter
TPS56C215 TI1-TPS56C215 Datasheet
1Mb / 35P
4.5-V to 17-V Input , 12-A Synchronous Step-Down SWIFT Converter
TPS54620 TI1-TPS54620_16 Datasheet
2Mb / 46P
4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT Converter
TPS568215 TI1-TPS568215 Datasheet
461Kb / 10P
4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT??Converter
TPS568215OA TI1-TPS568215OA Datasheet
1Mb / 36P
4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT Converter
TPS54A24 TI1-TPS54A24 Datasheet
1Mb / 43P
4.5-V to 17-V Input, 10-A Synchronous SWIFT Step-Down Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com