Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS54290PWPR Datasheet (PDF) - Texas Instruments

TPS54290PWPR Datasheet PDF - Texas Instruments
Part # TPS54290PWPR
Download  TPS54290PWPR Download
File Size   1486.3 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS5429x 1.5-A and 2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET

TPS54290PWPR Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS54290PWPR Datasheet PDF - Texas Instruments

Part # TPS54290PWPR
Download  TPS54290PWPR Click to download

File Size   1486.3 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS5429x 1.5-A and 2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET

TPS54290PWPR Datasheet (HTML) - Texas Instruments


TPS54290PWPR Product details

1 Features
1• 4.5-V to 18-V Input Range
• Output Voltage Range 0.8 V to DMAX × VIN
• Fully Integrated Dual Buck: 1.5 A and 2.5 A
• Three Fixed Switching Frequency Versions:
– TPS54290: 300 kHz
– TPS54291: 600 kHz
– TPS54292: 1.2 MHz
• Integrated UVLO
• 0.8 VREF With 1% Accuracy (0°C to 85°C)
• Internal Soft Start:
– TPS54290: 5.2 ms
– TPS54291: 2.6 ms
– TPS54292: 1.3 ms
• Dual PWM Outputs 180° Out-of-Phase
• Dedicated Enable for Each Channel
• Current Mode Control for Simplified
Compensation
• External Compensation
• Pulse-by-Pulse Overcurrent Protection,
2.2-A and 3.8-A Overcurrent Limit
• Integrated Bootstrap Switch
• Thermal Shutdown Protection at 145°C
• 16-Pin PowerPAD™ HTSSOP Package

2 Applications
• Set-Top Boxes
• Digital TVs
• Power for DSP
• Consumer Electronics

3 Description
The TPS54290, TPS54291, and TPS54292 devices
are dual-output, fully synchronous buck converters
capable of supporting applications with a minimal
number of external components. It operates from a
4.5-V to 18-V input supply voltage, and supports
output voltages as low as 0.8 V and as high as 90%
of the input voltage.
Both high-side and low-side MOSFETs are integrated
to provide fully synchronous conversion with higher
efficiency. Channel 1 can provide up to 1.5 A of
continuous current. Meanwhile, Channel 2 supports
up to 2.5 A.
Current mode control simplifies the compensation.
The external compensation adds flexibility for the
user to choose different type of output capacitors.
180° out-of-phase operation reduces the ripple
current through the input capacitor, providing the
benefit of reducing input capacitance, alleviating EMI
and increasing capacitor life.




Similar Part No. - TPS54290PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54290PWPR TI-TPS54290PWPR Datasheet
1Mb / 33P
1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54290PWPR TI-TPS54290PWPR Datasheet
1Mb / 35P
1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54290PWPR TI1-TPS54290PWPR Datasheet
1Mb / 35P
1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
More results


Similar Description - TPS54290PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54290 TI-TPS54290 Datasheet
1Mb / 33P
1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54290 TI-TPS54290_1 Datasheet
1Mb / 35P
1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54290 TI1-TPS54290_12 Datasheet
1Mb / 35P
1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54290 TI-TPS54290_15 Datasheet
1Mb / 37P
1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
logo
ON Semiconductor
NCP3135 ONSEMI-NCP3135 Datasheet
147Kb / 13P
5 A Integrated Synchronous Buck Converter
July, 2015 ??Rev. 1
NCP3133A ONSEMI-NCP3133A_16 Datasheet
131Kb / 13P
3 A Integrated Synchronous Buck Converter
April, 2016 ??Rev. 2
NCP3134 ONSEMI-NCP3134 Datasheet
152Kb / 13P
4 A Integrated Synchronous Buck Converter
August, 2016 ??Rev. 1
logo
Texas Instruments
LP87524B-Q1 TI1-LP87524B-Q1 Datasheet
891Kb / 71P
4-A 2.5-A Two 1.5-A Buck Converters with Integrated Switches
LP87524B-Q1 TI1-LP87524B-Q1_17 Datasheet
1Mb / 73P
4-A 2.5-A Two 1.5-A Buck Converters With Integrated Switches
TPS61088-Q1 TI1-TPS61088-Q1_18 Datasheet
1Mb / 32P
10-A Fully-Integrated Synchronous Boost Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com