Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SXESDHC2FD5VBHL Datasheet (PDF) - Shunxin Technology Co., Ltd.

SXESDHC2FD5VBHL Datasheet PDF - Shunxin Technology Co., Ltd.
Part # SXESDHC2FD5VBHL
Download  SXESDHC2FD5VBHL Download
File Size   619.28 Kbytes
Page   5 Pages
Manufacturer  SXSEMI [Shunxin Technology Co., Ltd.]
Direct Link  https://sxsemi.com/
Logo SXSEMI - Shunxin Technology Co., Ltd.
Description Transient Voltage Suppressors for ESD Protection

SXESDHC2FD5VBHL Datasheet (PDF)

Go To PDF Page Download Datasheet
SXESDHC2FD5VBHL Datasheet PDF - Shunxin Technology Co., Ltd.

Part # SXESDHC2FD5VBHL
Download  SXESDHC2FD5VBHL Click to download

File Size   619.28 Kbytes
Page   5 Pages
Manufacturer  SXSEMI [Shunxin Technology Co., Ltd.]
Direct Link  https://sxsemi.com/
Logo SXSEMI - Shunxin Technology Co., Ltd.
Description Transient Voltage Suppressors for ESD Protection

SXESDHC2FD5VBHL Datasheet (HTML) - Shunxin Technology Co., Ltd.


SXESDHC2FD5VBHL Product details

Description
The SXESDHC2FD5VBHL protects sensitive
semiconductor components from damage or upset
due to electrostatic discharge (ESD) and other
voltage induced transient events. They feature
large cross-sectional area junctions for conducting
high transient currents, offer desirable electrical
characteristics for board level protection, such as
fast response time, low operating voltage.
Feature
450W peak pulse power per line (tP = 8/20μs)
DFN1006-2L package
Response time is typically < 1 ns
Bidirectional configurations
Low clamping voltage
RoHS compliant
Transient protection for data lines to
IEC 61000-4-2(ESD) ±30kV(air), ± 30kV(contact);
IEC 61000-4-5 (Lightning) 40A (8/20us)
Applications
Cell phone handsets and accessories
Personal digital assistants (PDA’s)
Notebooks, desktops, and servers
Portable instrumentation
Cordless phones
Digital cameras
Peripherals




Similar Part No. - SXESDHC2FD5VBHL

ManufacturerPart #DatasheetDescription
logo
Shunxin Technology Co.,...
SXESDHC2FD5V5UMF SXSEMI-SXESDHC2FD5V5UMF Datasheet
743Kb / 6P
Transient Voltage Suppressors for ESD Protection
SXESDHC2FD5VU SXSEMI-SXESDHC2FD5VU Datasheet
601Kb / 5P
Transient Voltage Suppressors for ESD Protection
More results


Similar Description - SXESDHC2FD5VBHL

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LESD5Z7.0T1G LRC-LESD5Z7.0T1G Datasheet
596Kb / 6P
Transient Voltage Suppressors for ESD Protection
LESD9D3.3CT5G LRC-LESD9D3.3CT5G Datasheet
408Kb / 5P
Transient Voltage Suppressors for ESD Protection
logo
WILLAS ELECTRONIC CORP
ESDA6V1W6 WILLAS-ESDA6V1W6 Datasheet
273Kb / 3P
Transient Voltage Suppressors for ESD Protection
SESDBV5V0WB WILLAS-SESDBV5V0WB Datasheet
321Kb / 2P
Transient Voltage Suppressors for ESD Protection
SESDL5V0WB WILLAS-SESDL5V0WB Datasheet
280Kb / 2P
Transient Voltage Suppressors for ESD Protection
logo
AiT Semiconductor Inc.
ESD3Z12 AITSEMI-ESD3Z12 Datasheet
697Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD3Z5.0 AITSEMI-ESD3Z5.0 Datasheet
697Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD5D5.0C AITSEMI-ESD5D5.0C Datasheet
536Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD9D3.3C AITSEMI-ESD9D3.3C Datasheet
456Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
TVS16H5.0 AITSEMI-TVS16H5.0 Datasheet
387Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com