Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS55330 Datasheet (PDF) - Texas Instruments

TPS55330 Datasheet PDF - Texas Instruments
Part # TPS55330
Download  TPS55330 Download
File Size   1481.04 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS55330 Integrated 5-A, 24-V Boost/SEPIC/Flyback DC-DC Regulator

TPS55330 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS55330 Datasheet PDF - Texas Instruments

Part # TPS55330
Download  TPS55330 Click to download

File Size   1481.04 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS55330 Integrated 5-A, 24-V Boost/SEPIC/Flyback DC-DC Regulator

TPS55330 Datasheet (HTML) - Texas Instruments


TPS55330 Product details

1 Features
1• Internal 5-A, 24-V Low-Side MOSFET Switch
• 2.9-V to 16-V Input Voltage Range
• ±0.7% Reference Voltage
• 0.5-mA Operating Quiescent Current
• 2.7-μA Shutdown Supply Current
• Fixed-Frequency-Current-Mode PWM Control
• Frequency Adjustable From 100 kHz to 1.2 MHz
• Synchronization Capability to External Clock
• Adjustable Soft-Start Time
• Pulse-Skipping for Higher Efficiency at Light
Loads
• Cycle-by-Cycle Current Limit, Thermal Shutdown,
and UVLO Protection
• QFN-16 (3 mm × 3 mm) With PowerPAD™
• Wide –40°C to +150°C Operating TJ Range
• Create a Custom Design Using the TPS55330
With the WEBENCH® Power Designer

2 Applications
• 3.3-V, 5-V, 12-V Power Conversion
• Boost, SEPIC, and Flyback Topologies
• Thunderbolt Port, Power Docking for Tablets and
Portable PCs
• Industrial Power Systems
• ADSL Modems

3 Description
The TPS55330 is a monolithic nonsynchronous
switching regulator with integrated 5-A, 24-V power
switch. The device can be configured in several
standard switching-regulator topologies, including
boost, SEPIC, and isolated flyback. The device has a
wide input voltage range to support applications with
input voltage from multicell batteries or regulated 3.3-
V, 5-V, and 12-V power rails.
The TPS55330 regulates the output voltage with
current mode PWM (pulse width modulation) control,
and has an internal oscillator. The switching
frequency of PWM is set by either an external resistor
or by synchronizing to an external clock signal. The
user can program the switching frequency from
100 kHz to 1.2 MHz.
The device features a programmable soft-start
function to limit inrush current during start up and has
other built-in protection features including cycle-bycycle
overcurrent limit and thermal shutdown.
The TPS55330 is available in a small 3-mm × 3-mm
16-pin QFN with PowerPAD for enhanced thermal
performance.




Similar Part No. - TPS55330

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS55330 TI-TPS55330 Datasheet
1Mb / 27P
Integrated 5-A 24-V Boost/SEPIC/Flyback DC-DC Regulator
TPS55330RTER TI-TPS55330RTER Datasheet
1Mb / 27P
Integrated 5-A 24-V Boost/SEPIC/Flyback DC-DC Regulator
TPS55330RTET TI-TPS55330RTET Datasheet
1Mb / 27P
Integrated 5-A 24-V Boost/SEPIC/Flyback DC-DC Regulator
TPS55330 TI-TPS55330_15 Datasheet
1Mb / 32P
TPS55330 Integrated 5-A, 24-V Boost/SEPIC/Flyback DC-DC Regulator
More results


Similar Description - TPS55330

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS55340 TI1-TPS55340 Datasheet
1Mb / 31P
Integrated 5-A 40-V Wide Input Range Boost/SEPIC/Flyback DC-DC Regulator
TPS55330 TI-TPS55330 Datasheet
1Mb / 27P
Integrated 5-A 24-V Boost/SEPIC/Flyback DC-DC Regulator
TPS55340PWPR TI-TPS55340PWPR Datasheet
1Mb / 38P
Integrated 5-A 40-V Wide Input Range Boost/SEPIC/Flyback DC-DC Regulator
TPS55340 TI1-TPS55340_14 Datasheet
1Mb / 39P
Integrated 5-A 40-V Wide Input Range Boost/SEPIC/Flyback DC-DC Regulator
logo
Linear Technology
LTC3873 LINER-LTC3873_15 Datasheet
183Kb / 16P
Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
logo
Texas Instruments
TPS55330 TI-TPS55330_15 Datasheet
1Mb / 32P
TPS55330 Integrated 5-A, 24-V Boost/SEPIC/Flyback DC-DC Regulator
TPS55340 TI-TPS55340_15 Datasheet
1Mb / 41P
TPS55340 Integrated 5-A Wide Input Range Boost/SEPIC/Flyback DC-DC Regulator
TPS55340-EP TI-TPS55340-EP_15 Datasheet
1Mb / 38P
TPS55340-EP Integrated 5-A, 40-V Wide Input Range Boost/SEPIC/Flyback DC-DC Regulator
TPS55340-Q1 TI-TPS55340-Q1_15 Datasheet
1Mb / 36P
TPS55340-Q1 Integrated 5-A, Wide Input Range Boost, SEPIC, or Flyback DC-DC Regulator
TPS55340-Q1 TI1-TPS55340-Q1_16 Datasheet
1Mb / 37P
Integrated 5-A, Wide Input Range Boost, SEPIC, or Flyback DC-DC Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com