Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS59124 Datasheet (PDF) - Texas Instruments

TPS59124 Datasheet PDF - Texas Instruments
Part # TPS59124
Download  TPS59124 Download
File Size   1831.13 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Dual Synchronous Step-Down Controller for Low-Voltage Power Rails in Embedded Computing Systems

TPS59124 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS59124 Datasheet PDF - Texas Instruments

Part # TPS59124
Download  TPS59124 Click to download

File Size   1831.13 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Dual Synchronous Step-Down Controller for Low-Voltage Power Rails in Embedded Computing Systems

TPS59124 Datasheet (HTML) - Texas Instruments


TPS59124 Product details

1FEATURES
2• High Efficiency, Low-Power Consumption,
Shutdowns to <1 mA
• Fixed Frequency Emulated On-Time Control,
Frequency Selectable From Three Options
• D-CAP™ Mode Enables Fast Transient
Response
• Auto-Skip Mode
• Less Than 1% Initial Reference Accuracy
• Low Output Ripple
• Wide Input Voltage Range: 3 V to 28 V
• Output Voltage Range: 0.76 V to 5.5 V
• Low-Side R DS(on) Loss-less Current Sensing
• Adaptive Gate Drivers With Integrated Boost
Diode
• Internal 1.2-ms Voltage-Servo Soft Start
• Power-Good Signals for Each Channel With
Delay Timer
• Output Discharge During Disable, Fault

APPLICATIONS
• I/O and Low Voltage System Bus in Embedded
Computing Systems

DESCRIPTION
The TPS59124 is a dual, adaptive on-time D-CAP™
mode synchronous buck controller. This device
enables system designers to cost effectively complete
the suite of embedded computer power bus regulators with the absolute lowest external
component count and lowest standby consumption.
The fixed-frequency emulated adaptive on-time
control supports seamless operation between PWM
mode at heavy load condition and reduced frequency operation at light load for high-efficiency down to
milliampere range. The main control loop for the
TPS59124 uses the D-CAP mode that optimized for
low-ESR output capacitors such as POSCAP or
SP-CAP promises fast transient response with no
external compensation. Simple and separate power
good signals for each channel allow flexibility of
power sequencing. The device provides convenient
and efficient operation with supply input voltages
(V5IN, V5FILT) ranging from 4.5 V to 5.5 V, conversion voltages (drain voltage for the
synchronous high-side MOSFET) from 3 V to 28 V
and output voltages from 0.76 V to 5.5 V.
The TPS59124 is available in 24-pin QFN package
specified from –40°C to 85°C ambient temperature
range.




Similar Part No. - TPS59124

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS59124 TI1-TPS59124 Datasheet
980Kb / 25P
Dual Synchronous Step-Down Controller for Low-Voltage Power Rails in Embedded Computing Systems
TPS59124RGER TI1-TPS59124RGER Datasheet
980Kb / 25P
Dual Synchronous Step-Down Controller for Low-Voltage Power Rails in Embedded Computing Systems
TPS59124RGET TI1-TPS59124RGET Datasheet
980Kb / 25P
Dual Synchronous Step-Down Controller for Low-Voltage Power Rails in Embedded Computing Systems
More results


Similar Description - TPS59124

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51124 TI-TPS51124 Datasheet
1Mb / 22P
DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53124 TI-TPS53124 Datasheet
719Kb / 22P
Dual Synchronous Step-Down Controller For Low-Voltage Power Rails
TPS53126 TI-TPS53126 Datasheet
979Kb / 30P
DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53125 TI-TPS53125 Datasheet
462Kb / 22P
DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53127 TI-TPS53127 Datasheet
482Kb / 23P
DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53127 TI-TPS53127_1 Datasheet
843Kb / 29P
DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53128 TI-TPS53128 Datasheet
788Kb / 29P
DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53129 TI-TPS53129 Datasheet
761Kb / 29P
DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS59124 TI1-TPS59124 Datasheet
980Kb / 25P
Dual Synchronous Step-Down Controller for Low-Voltage Power Rails in Embedded Computing Systems
TPS53125 TI-TPS53125_15 Datasheet
1Mb / 33P
TPS53125 Dual Synchronous Step-Down Controller for Low Voltage Power Rails
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com