Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS60150 Datasheet (PDF) - Texas Instruments

TPS60150 Datasheet PDF - Texas Instruments
Part # TPS60150
Download  TPS60150 Download
File Size   2562.71 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS60150 5-V, 140-mA Charge-Pump

TPS60150 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS60150 Datasheet PDF - Texas Instruments

Part # TPS60150
Download  TPS60150 Click to download

File Size   2562.71 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS60150 5-V, 140-mA Charge-Pump

TPS60150 Datasheet (HTML) - Texas Instruments


TPS60150 Product details

1 Features
1• 2.7-V to 5.5-V Input Voltage Range
• Fixed Output Voltage of 5 V
• Maximum Output Current: 140 mA
• 1.5-MHz Switching Frequency
• Typical 90-μA Quiescent Current at No Load
Condition (Skip Mode)
• X2 Charge Pump
• Hardware Enable and Disable Function
• Built-in Soft Start
• Built-in Undervoltage Lockout Protection
• Thermal and Overcurrent Protection
• Available in a 2-mm × 2-mm 6-Pin SON Package
with 0.8-mm Height

2 Applications
• USB On-the-Go (OTG)
• HDMI
• Portable Communication Devices
• PCMCIA Cards
• Mobile Phones, Smart Phones
• Handheld Meters

3 Description
The TPS60150 device is a switched capacitor voltage
converter that produces a regulated, low noise, and low-ripple output voltage of 5 V from an unregulated
input voltage.
The 5-V output can supply a minimum of 140-mA
current.
The TPS60150 device operates in skip mode when
the load current falls less than 8 mA under typical
condition. In skip mode operation, quiescent current
is reduced to 90 μA.
Only 3 external capacitors are needed to generate
the output voltage, therefore saving PCB space.
Inrush current is limited by the soft-start function
during power on and power transient states.
The TPS60150 device operates over a free-air
temperature range of –40°C to 85°C. The device is
available with a small 2-mm × 2-mm 6-pin SON
package (QFN).




Similar Part No. - TPS60150

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60150 TI-TPS60150 Datasheet
1Mb / 20P
TPS60150 5V/140mA Charge Pump Device
TPS60150 TI-TPS60150 Datasheet
1Mb / 20P
TPS60150 5V/140mA Charge Pump Device
TPS60150DRV TI-TPS60150DRV Datasheet
1Mb / 20P
TPS60150 5V/140mA Charge Pump Device
TPS60150DRVR TI-TPS60150DRVR Datasheet
1Mb / 20P
TPS60150 5V/140mA Charge Pump Device
TPS60150DRVR TI-TPS60150DRVR Datasheet
1Mb / 20P
TPS60150 5V/140mA Charge Pump Device
More results


Similar Description - TPS60150

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60110 TI-TPS60110 Datasheet
291Kb / 20P
REGULATED 5-V 300-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60111 TI-TPS60111 Datasheet
278Kb / 19P
REGULATED 5-V 150-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60150 TI-TPS60150 Datasheet
1Mb / 20P
TPS60150 5V/140mA Charge Pump Device
TPS60150 TI-TPS60150_09 Datasheet
1Mb / 20P
TPS60150 5V/140mA Charge Pump Device
REG71055-Q1 TI1-REG71055-Q1 Datasheet
465Kb / 15P
30-mA 5.5-V BOOST CHARGE PUMP
TPS60110 TI1-TPS60110_13 Datasheet
1,005Kb / 26P
REGULATED 5-V 300-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60111 TI-TPS60111_15 Datasheet
978Kb / 25P
REGULATER 5-V 150-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60150 TI-TPS60150_15 Datasheet
2Mb / 25P
TPS60150 5-V, 140-mA Charge-Pump
TPS60151 TI-TPS60151_15 Datasheet
1Mb / 26P
TPS60151 5-V and 140-mA Charge Pump
TPS60130 TI1-TPS60130_16 Datasheet
1Mb / 29P
REGULATED 5-V,300 MA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com